Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FD-H35-20S Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FD-H35-20S
Description  Digital Fiber Sensor FX-100 SERIES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FD-H35-20S Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button FD-H35-20S Datasheet HTML 2Page - List of Unclassifed Manufacturers FD-H35-20S Datasheet HTML 3Page - List of Unclassifed Manufacturers FD-H35-20S Datasheet HTML 4Page - List of Unclassifed Manufacturers FD-H35-20S Datasheet HTML 5Page - List of Unclassifed Manufacturers FD-H35-20S Datasheet HTML 6Page - List of Unclassifed Manufacturers FD-H35-20S Datasheet HTML 7Page - List of Unclassifed Manufacturers FD-H35-20S Datasheet HTML 8Page - List of Unclassifed Manufacturers FD-H35-20S Datasheet HTML 9Page - List of Unclassifed Manufacturers FD-H35-20S Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Digital Fiber Sensor
FX-100 SERIES
128
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY
COMPONENTS
PRESSURE
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
WIRE-
SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
Selection
Guide
Fiber Sensor
Amplifiers
FX-300
FX-100
Fibers
FT
/ FD / FR
FX-410
FX-311
FX-11A
FX-301-F
Other
Products
FIBER
SENSORS
FX-100
Fiber Sensor
Amplifiers
LIST OF FIBERS
Fibers are listed in alphabetic order. Refer to p.63~ “Fiber Selection” for details of each fiber.
Retroreflective type
Model No.
Sensing range (mm in) (Note 1, 2)
Dimensions
Standard type FX-101□
Long sensing range type FX-102□
FR-KV1
15 to 200 0.591 to 7.874
15 to 360 0.591 to 14.173
P.112
FR-KZ21
200 7.874
200 7.874
P.112
FR-KZ21E
200 7.874
200 7.874
P.112
FR-WKZ11
100 to 550 3.937 to 21.654
100 to 830 3.937 to 32.677
P.112
2) The sensing range of FR-WKZ11 is the possible setting range for the reflector or reflective tape. The fiber can detect an object less than 100 mm 3.937 in away.
However, note that if there are any white or highly-reflective surfaces near the fiber head, reflected incident light may affect the fiber head. If this occurs,
adjust the threshold value of the amplifier unit before use.
The sensing range of FR-KZ21(E) is the possible setting range for the reflector. However, if setting the fiber to detect objects passing within 0 to 20 mm
0 to 0.787 in from the fiber head, unstable detection may result.
The sensing range of FR-KV1 is the possible setting range for the reflector. The fiber can detect an object less than 15 mm 0.591 in away.
Reflective type
Fibers are listed in alphabetic order. Refer to “Fiber Selection p.63~” for details of each fiber.
Model No.
Sensing range (mm in) (Note 1, 2)
Dimensions
Standard type FX-101□ Long sensing range type FX-102□
FD-A15
125 4.921
250 9.843
P.113
FD-AFM2
105 4.134
285 11.220
P.113
FD-AFM2E
85 3.346
245 9.646
P.113
FD-B8
170 6.693
440 17.323
P.113
FD-E12
3.5 0.138
13 0.512
P.113
FD-E22
16 0.630
45 1.772
P.113
FD-EG1
18 0.709
50 1.969
P.113
FD-EG2
10 0.394
30 1.181
P.113
FD-EG3
7 0.276
22 0.866
P.113
FD-EN500S1
1 0.039
4 0.157
P.113
FD-ENM1S1
15 0.591
48 1.890
P.114
FD-F4
Applicable pipe diameter:
Outer dia. ø6 to ø26 mm ø0.236 to
ø1.024 in transparent pipe
[PFA (fluorine resin) or equivalently
transparent pipe, wall thickness 1 mm
0.039 in]
P.114
FD-F41
Applicable pipe diameter:
Outer dia. ø6 to ø26 mm ø0.236 to
ø1.024 in transparent pipe
[PVC (vinyl chloride), fluorine resin,
polycarbonate, acrylic, glass, wall
thickness 1 to 3 mm 0.039 to 0.118 in]
P.114
FD-F8Y
P.114
FD-FM2
100 3.937
410 16.142
P.114
FD-FM2S
100 3.937
345 13.583
P.114
FD-FM2S4
P.114
FD-G4
50 1.969
120 4.724
P.114
Model No.
Sensing range (mm in) (Note 1, 2)
Dimensions
Standard type FX-101□ Long sensing range type FX-102□
FD-G6
50 1.969
120 4.724
P.114
FD-G6X
45 1.772
160 6.299
P.114
FD-H13-FM2
100 3.937
280 11.024
P.114
FD-H18-L31
0 to 10 0 to 0.394
0 to 25 0 to 0.984
P.115
FD-H20-21
90 3.543
280 11.024
P.115
FD-H20-M1
120 4.724
300 11.811
P.115
FD-H30-KZ1V-S (Note 3) 25 to 80 0.984 to 3.150 10 to 220 0.394 to 8.661
P.115
FD-H30-L32
2 to 9 0.079 to 0.354
0 to 17 0 to 0.669
P.115
FD-H30-L32V-S (Note 3) 2.5 to 6.5 0.098 to 0.256
0 to 11 0 to 0.433
P.115
FD-H35-20S
85 3.346
200 7.874
P.116
FD-H35-M2
75 2.953
280 11.024
P.116
FD-H35-M2S6
P.116
FD-L4
5 to 8 0.197 to 0.315
(Convergent point 6 0.236)
1 to 17 0.039 to 0.669
(Convergent point 6 0.236)
P.116
FD-L41
3 to 14 0.118 to 0.551
(Convergent point 8 0.315)
1.5 to 16 0.059 to 0.630
(Convergent point 8 0.315)
P.116
FD-L43
0 to 19 0 to 0.748
0 to 25 0 to 0.984
P.116
FD-L44
0 to 6 0 to 0.236
0 to 8 0 to 0.315
P.116
FD-L44S
0 to 4.5 0 to 0.177
0 to 5.5 0 to 0.217
P.116
FD-L45
0 to 40 0 to 1.575
0 to 50 0 to 1.969
P.116
FD-L46
16 to 30 0.630 to 1.181 12 to 50 0.472 to 1.969
P.116
FD-NFM2
35 1.378
100 3.937
P.117
FD-NFM2S
P.117
FD-NFM2S4
P.117
FD-P2
25 0.984
65 2.559
P.117
Notes: 1) The standard sensing objects of the sensing ranges vary depending on the fibers. Refer to p.71~ for details.
2) Please take care that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut.
3) Sold as a set comprising vacuum-resistant type fiber + photo-terminal (FV-BR1) + fiber at atmospheric side (FT-J8). Please refer to p.91~ for details.
Notes: 1) Please take care that the sensing range of the free-cut type fiber may be reduced by 20 % max. depending upon how the fiber is cut.
The sensing range of FR-WKZ11 is specified for the RF-13. The sensing range of FR-KZ21, FR-KZ21E and FR-KV1 is specified for the attached reflector.
The sensing ranges when using in combination with the FR-WKZ11 reflector (optional) are given in the below table.
Amplifier
Reflector
FX-101□
FX-102□
FR-WKZ11 + RF-210
100 to 700 3.937 to 27.559
100 to 1,100 3.937 to 43.307
FR-WKZ11 + RF-220 100 to 1,300 3.937 to 51.181
100 to 2,600 3.937 to 102.362
FR-WKZ11 + RF-230 100 to 2,000 3.937 to 78.740
100 to 4,000 3.937 to 157.480


Similar Part No. - FD-H35-20S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FD-H35-20S ETC-FD-H35-20S Datasheet
13Mb / 28P
   Digital Fiber Sensor
More results

Similar Description - FD-H35-20S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FX-300 ETC-FX-300 Datasheet
13Mb / 28P
   Digital Fiber Sensor
FS-V21 ETC1-FS-V21 Datasheet
416Kb / 4P
   DUAL DIGITAL FIBER SENSOR
logo
Altonics Co., Ltd.
QS5100 ALTONICS-QS5100 Datasheet
1Mb / 17P
   Digital FX LSI
logo
Pepperl+Fuchs Inc.
SFP-1 PF-SFP-1 Datasheet
420Kb / 2P
   SFP 100BASE-FX Fast Ethernet Multimode Fiber
2021-06-01
logo
Micrel Semiconductor
KS8737 MICREL-KS8737 Datasheet
73Kb / 2P
   10/100 LV PHY FX
logo
Tripp Lite. All Rights ...
U236-SMF-LC TRIPPLITE-U236-SMF-LC Datasheet
163Kb / 3P
   USB 2.0 Ethernet Adapter - 10/100 Mbps, 100Base-FX, LC, Singlemode Fiber, Black
logo
Infineon Technologies A...
TLE4959-5UFX INFINEON-TLE4959-5UFX Datasheet
877Kb / 20P
   TLE4959-5U FX FlexibleTransmission Speed Sensor
Data Sheet 1.0 2018-07
logo
Sharma Electro Componen...
FX SHARMA-FX Datasheet
351Kb / 2P
   FX Series
logo
Tripp Lite. All Rights ...
U236-MMF-LC TRIPPLITE-U236-MMF-LC Datasheet
163Kb / 3P
   USB 2.0 Ethernet NIC Adapter - 10/100 Mbps, 100Base-FX, LC, Multimode Fiber, Black
logo
List of Unclassifed Man...
MX98745 ETC-MX98745 Datasheet
166Kb / 36P
   100 BASE-TX/FX REPEATER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com