Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FD-G6X Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # FD-G6X
Description  Digital Fiber Sensor FX-100 SERIES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FD-G6X Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button FD-G6X Datasheet HTML 5Page - List of Unclassifed Manufacturers FD-G6X Datasheet HTML 6Page - List of Unclassifed Manufacturers FD-G6X Datasheet HTML 7Page - List of Unclassifed Manufacturers FD-G6X Datasheet HTML 8Page - List of Unclassifed Manufacturers FD-G6X Datasheet HTML 9Page - List of Unclassifed Manufacturers FD-G6X Datasheet HTML 10Page - List of Unclassifed Manufacturers FD-G6X Datasheet HTML 11Page - List of Unclassifed Manufacturers FD-G6X Datasheet HTML 12Page - List of Unclassifed Manufacturers FD-G6X Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
131 DigitalFiberSensorFX-100SERIES
FIBER
SENSORS
LASER
SENSORS
PHOTO-
ELECTRIC
SENSORS
MICRO
PHOTO-
ELECTRIC
SENSORS
AREA
SENSORS
SAFETY
COMPONENTS
PRESSURE
SENSORS
INDUCTIVE
PROXIMITY
SENSORS
PARTICULAR
USE
SENSORS
SENSOR
OPTIONS
WIRE-
SAVING
SYSTEMS
MEASURE-
MENT
SENSORS
STATIC
CONTROL
DEVICES
LASER
MARKERS
Selection
Guide
Fiber Sensor
Amplifiers
FX-300
FX-100
Fibers
FT
/ FD / FR
FX-410
FX-311
FX-11A
FX-301-F
Other
Products
FIBER
SENSORS
FX-100
Fiber sensor
Ampilifiers
Lens (For reflective type fiber)
Designation
Model No.
Description
Pinpoint spot
lens
FX-MR1
Pinpoint spot of ø0.5 mm ø0.020 in. Enables detection of minute objects or small marks.
• Distance to focal point: 6 ± 1 mm 0.236 ± 0.039 in • Applicable fibers: FD-WG4, FD-G4
• Ambient temperature: –40 to +70 °C –40 to +158 °F (Note 2)
Zoom lens
FX-MR2
Screw-in
depth
Distance to
focal point
Spot
diameter
The spot diameter is adjustable from ø0.7 to
ø2 mm ø0.028 to ø0.079 in according to how
much the fiber is screwed in.
• Applicable fibers: FD-WG4, FD-G4
• Ambient temperature: –40 to +70 °C
–40 to +158 °F (Note 2)
• Accessory: MS-EX-3 (mounting bracket)
Sensing range for FX-101□ (mm in) (Note 1)
Screw-in depth Distance to focal point Spot diameter
7 mm 0.276 in
18.5 0.728
approx.
ø0.7 ø0.028
12 mm 0.472 in
27 1.063
approx.
ø1.2 ø0.047
14 mm 0.551 in
43 1.693
approx.
ø2.0 ø0.079
Finest spot
lens
FX-MR3
Distance to
focal point
Spot diameter
Extremely fine spot of ø0.3 mm ø0.012 in
approx. achieved.
• Applicable fibers: FD-WG4, FD-G4, FD-EG1,
FD-EG2, FD-EG3, FD-G6X, FD-G6
• Ambient temperature: –40 to +70 °C
–40 to +158 °F (Note 2)
Sensing range for FX-101□ (mm in) (Note 1)
Fiber model No. Distance to focal point Spot diameter
FD-EG3
7.5 ± 0.5
0.295 ± 0.020
ø0.15 ø0.006
approx.
FD-EG2
7.5 ± 0.5
0.295 ± 0.020
ø0.2 ø0.008
approx.
FD-EG1
7.5 ± 0.5
0.295 ± 0.020
ø0.3 ø0.012
approx.
FD-WG4/G4,
FD-G6X/G6
7.5 ± 0.5
0.295 ± 0.020
ø0.5 ø0.020
approx.
Finest spot
lens
FX-MR6
Extremely fine spot of ø0.1 mm ø0.004 in
approx. achieved.
• Applicable fibers: FD-WG4, FD-G4, FD-EG1,
FD-EG2, FD-EG3, FD-G6X, FD-G6
• Ambient temperature: –20 to +60 °C
–4 to +140 °F (Note 2)
Sensing range for FX-101□ (mm in) (Note 1)
Fiber model No. Distance to focal point Spot diameter
FD-EG3
7 ± 0.5
0.276 ± 0.020
ø0.1 ø0.004
approx.
FD-EG2
7 ± 0.5
0.276 ± 0.020
ø0.15 ø0.006
approx.
FD-EG1
7 ± 0.5
0.276 ± 0.020
ø0.2 ø0.008
approx.
FD-WG4/G4,
FD-G6X/G6
7 ± 0.5
0.276 ± 0.020
ø0.4 ø0.016
approx.
Zoom lens
Side-view
type
FX-MR5
FX-MR2 is converted into a side-view type
and can be mounted in a very small space.
• Applicable fibers: FD-WG4, FD-G4
• Ambient temperature: –40 to +70 °C
–40 to +158 °F (Note 2)
Sensing range for FX-101□ (mm in) (Note 1)
Screw-in depth Distance to focal point Spot diameter
8 mm 0.315 in
13 0.512
approx.
ø0.5 ø0.020
10 mm 0.394 in
15 0.591
approx.
ø0.8 ø0.031
14 mm 0.551 in
30 1.181
approx.
ø3.0 ø0.118
Screw-in
depth
Spot diameter
Distance
to focal
point
Screw-in
depth
Spot diameter
Distance
to focal
point
Notes: 1) The sensing ranges are the values when used in combination with FX-101□ (standard type). Please contact our office for details on sensing ranges for
other types of amplifier.
2) For details on the ambient temperatures for the fibers which being combined, refer to p.101~.
FIBER OPTIONS
The dimensions are on p.121~.


Similar Part No. - FD-G6X

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
FD-1.2V PERICOM-FD-1.2V Datasheet
458Kb / 3P
   1.2V CMOS Low Jitter XO
FD-1.8V PERICOM-FD-1.8V Datasheet
260Kb / 3P
   1.8V CMOS Low Jitter XO
logo
TDK Electronics
FD-10A TDK-FD-10A Datasheet
92Kb / 8P
   Ultra High Voltage Ceramic Capacitors
FD-10AU TDK-FD-10AU Datasheet
60Kb / 3P
   Ultra-high Voltage Ceramic Capacitors Molded type with metal terminals For distribution lines
FD-10AU TDK-FD-10AU_14 Datasheet
92Kb / 8P
   Ultra High Voltage Ceramic Capacitors
More results

Similar Description - FD-G6X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FX-300 ETC-FX-300 Datasheet
13Mb / 28P
   Digital Fiber Sensor
FS-V21 ETC1-FS-V21 Datasheet
416Kb / 4P
   DUAL DIGITAL FIBER SENSOR
logo
Altonics Co., Ltd.
QS5100 ALTONICS-QS5100 Datasheet
1Mb / 17P
   Digital FX LSI
logo
Pepperl+Fuchs Inc.
SFP-1 PF-SFP-1 Datasheet
420Kb / 2P
   SFP 100BASE-FX Fast Ethernet Multimode Fiber
2021-06-01
logo
Micrel Semiconductor
KS8737 MICREL-KS8737 Datasheet
73Kb / 2P
   10/100 LV PHY FX
logo
Tripp Lite. All Rights ...
U236-SMF-LC TRIPPLITE-U236-SMF-LC Datasheet
163Kb / 3P
   USB 2.0 Ethernet Adapter - 10/100 Mbps, 100Base-FX, LC, Singlemode Fiber, Black
logo
Infineon Technologies A...
TLE4959-5UFX INFINEON-TLE4959-5UFX Datasheet
877Kb / 20P
   TLE4959-5U FX FlexibleTransmission Speed Sensor
Data Sheet 1.0 2018-07
logo
Sharma Electro Componen...
FX SHARMA-FX Datasheet
351Kb / 2P
   FX Series
logo
Tripp Lite. All Rights ...
U236-MMF-LC TRIPPLITE-U236-MMF-LC Datasheet
163Kb / 3P
   USB 2.0 Ethernet NIC Adapter - 10/100 Mbps, 100Base-FX, LC, Multimode Fiber, Black
logo
List of Unclassifed Man...
MX98745 ETC-MX98745 Datasheet
166Kb / 36P
   100 BASE-TX/FX REPEATER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com