Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2118STRPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IR2118STRPBF
Description  SINGLE CHANNEL DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2118STRPBF Datasheet(HTML) 3 Page - International Rectifier

  IR2118STRPBF Datasheet HTML 1Page - International Rectifier IR2118STRPBF Datasheet HTML 2Page - International Rectifier IR2118STRPBF Datasheet HTML 3Page - International Rectifier IR2118STRPBF Datasheet HTML 4Page - International Rectifier IR2118STRPBF Datasheet HTML 5Page - International Rectifier IR2118STRPBF Datasheet HTML 6Page - International Rectifier IR2118STRPBF Datasheet HTML 7Page - International Rectifier IR2118STRPBF Datasheet HTML 8Page - International Rectifier IR2118STRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
IR2117(S)/IR2118(S) & (PbF)
www.irf.com
3
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
ton
Turn-on propagation delay
125
200
VS = 0V
toff
Turn-off propagation delay
105
180
VS = 600V
tr
Turn-on rise time
80
130
tf
Turn-off fall time
40
65
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, CL = 1000 pF and TA = 25°C unless otherwise specified. The dynamic electrical characteristics
are measured using the test circuit shown in Figure 3.
ns
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VIH
input voltage - logic “1” (IR2117) logic “0” (IR2118)
9.5
VIL
Input voltage - logic “0” (IR2117) logic “1” (IR2118)
6.0
VOH
High level output voltage, VBIAS - VO
100
IO = 0A
VOL
Low level output voltage, VO
100
IO = 0A
ILK
Offset supply leakage current
50
VB = VS = 600V
IQBS
Quiescent VBS supply current
50
240
VIN = 0V or VCC
IQCC
Quiescent VCC Supply Current
70
340
VIN = 0V or VCC
IIN+
Logic “1” input bias current
(IR2117)
VIN = VCC
(IR2118)
VIN = 0V
IIN-
Logic “0” input bias current
(IR2117)
VIN = 0V
(IR2118)
VIN = VCC
VBSUV+
VBS supply undervoltage positive going threshold
7.6
8.6
9.6
VBSUV-
VBS supply undervoltage negative going threshold
7.2
8.2
9.2
VCCUV+
VCC supply undervoltage positive going threshold
7.6
8.6
9.6
VCCUV-
VCC supply undervoltage negative going threshold
7.2
8.2
9.2
IO+
Output high short circuit pulsed current
200
250
VO = 0V
VIN = Logic “1”
PW
≤ 10 µs
IO-
Output low short circuit pulsed current
420
500
VO = 15V
VIN = Logic “0”
PW
≤ 10 µs
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V and TA = 25°C unless otherwise specified. The VIN, VTH and IIN parameters are referenced to
COM. The VO and IO parameters are referenced to COM and are applicable to the respective output leads: HO or LO.
mA
V
V
mV
20
40
µA
1.0


Similar Part No. - IR2118STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2118S IRF-IR2118S Datasheet
161Kb / 18P
   SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2118S INFINEON-IR2118S Datasheet
269Kb / 18P
   SINGLE CHANNEL DRIVER
Data Sheet No. PD60146 Rev O
logo
International Rectifier
IR2118SPBF IRF-IR2118SPBF Datasheet
161Kb / 18P
   SINGLE CHANNEL DRIVER
More results

Similar Description - IR2118STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2117PBF IRF-IRS2117PBF Datasheet
378Kb / 19P
   SINGLE CHANNEL DRIVER
IRS2117PBF IRF-IRS2117PBF_15 Datasheet
902Kb / 26P
   SINGLE CHANNEL DRIVER
logo
Motorola, Inc
MPIC2117 MOTOROLA-MPIC2117 Datasheet
152Kb / 6P
   SINGLE CHANNEL DRIVER
logo
International Rectifier
IR2117 IRF-IR2117_15 Datasheet
267Kb / 18P
   SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
AUIRS211S INFINEON-AUIRS211S Datasheet
659Kb / 21P
   SINGLE CHANNEL DRIVER
July 15, 2014
logo
International Rectifier
IRS2117 IRF-IRS2117 Datasheet
902Kb / 26P
   SINGLE CHANNEL DRIVER
AUIRS2117S IRF-AUIRS2117S Datasheet
510Kb / 21P
   SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2117 INFINEON-IR2117 Datasheet
269Kb / 18P
   SINGLE CHANNEL DRIVER
Data Sheet No. PD60146 Rev O
logo
International Rectifier
IR2117SPBF IRF-IR2117SPBF Datasheet
161Kb / 18P
   SINGLE CHANNEL DRIVER
IR2117 IRF-IR2117 Datasheet
266Kb / 7P
   SINGLE CHANNEL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com