Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX15M-21P-C Datasheet(PDF) 9 Page - Hirose Electric

Part # FX15M-21P-C
Description  1mm Pitch Cable-to-Board Connectors supporting LVDS signal
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX15M-21P-C Datasheet(HTML) 9 Page - Hirose Electric

Back Button FX15M-21P-C Datasheet HTML 5Page - Hirose Electric FX15M-21P-C Datasheet HTML 6Page - Hirose Electric FX15M-21P-C Datasheet HTML 7Page - Hirose Electric FX15M-21P-C Datasheet HTML 8Page - Hirose Electric FX15M-21P-C Datasheet HTML 9Page - Hirose Electric FX15M-21P-C Datasheet HTML 10Page - Hirose Electric FX15M-21P-C Datasheet HTML 11Page - Hirose Electric FX15M-21P-C Datasheet HTML 12Page - Hirose Electric FX15M-21P-C Datasheet HTML 13Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
B281
FX15 Seriesq1mm Pitch Cable-to-Board Connectors supporting LVDS signal
No.1
No.2
No.31
No.30
a
b
cd
ef
P=0.5±0.1
15±0.15
19.82±0.2
25.7±0.3
22.8±0.3
1.5±0.2
1±0.2
1±0.2
1.5±0.2
0.8±0.1
sReceptacles
qVertical, with shields (FX15-31S-0.5SV)
2
2-Ø1(TH)
2-Ø1.4(LND)
0.9 0
-0.1
4.1
+0.1
0
17.72 0
-0.1
21.92
+0.1
0
22.8±0.05
15±0.05
P=0.5±0.03
0.3±0.03(Land)
0.25±0.03(Metal mask)
Note 1 :The co-planarity of the terminal leads is as follows:
• All signals and shield leads “c” and “d”: 0.1mm max.
• Shield leads “a”, “b”, “e” and “ f ”: 0.15 mm max.
2 : Area indicated by the crosshatched lines must be free of conductive traces or the conductive traces must be covered by resist film.
3 : Packaged on tape-and-reel, 1000 pieces per reel.
4 : Dimensions in parenthesis ( ) are reference dimensions.
BRecommended PCB mounting pattern and metal mask dimensions
YES
RoHS
Part number
FX15-31S-0.5SV
CL575-2201-7
31
CL No.
Number of contacts
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - FX15M-21P-C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX15M-21P-C HIROSE-FX15M-21P-C Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15M-21P-C HIROSE-FX15M-21P-C Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
More results

Similar Description - FX15M-21P-C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX15-31P-C HIROSE-FX15-31P-C Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
List of Unclassifed Man...
FX15SC-51S-0.5SV ETC2-FX15SC-51S-0.5SV Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
Hirose Electric
FX15 HIROSE-FX15 Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF50S-50DS-1C HIROSE-DF50S-50DS-1C Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
DF9 HIROSE-DF9 Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
logo
Samtec, Inc
S1SS-05-28-GF-07.00-S SAMTEC-S1SS-05-28-GF-07.00-S Datasheet
335Kb / 2P
   1MM CABLE ASSEMBLY
logo
Hirose Electric
DF21-20S-0.6V HIROSE-DF21-20S-0.6V Datasheet
171Kb / 6P
   0.6mm Pitch Board-to-Fine-Coaxial Cable Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com