Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DHS100B15 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DHS100B15
Description  DC-DC Converters Power Module type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DHS100B15 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DHS100B15 Datasheet HTML 4Page - List of Unclassifed Manufacturers DHS100B15 Datasheet HTML 5Page - List of Unclassifed Manufacturers DHS100B15 Datasheet HTML 6Page - List of Unclassifed Manufacturers DHS100B15 Datasheet HTML 7Page - List of Unclassifed Manufacturers DHS100B15 Datasheet HTML 8Page - List of Unclassifed Manufacturers DHS100B15 Datasheet HTML 9Page - List of Unclassifed Manufacturers DHS100B15 Datasheet HTML 10Page - List of Unclassifed Manufacturers DHS100B15 Datasheet HTML 11Page - List of Unclassifed Manufacturers DHS100B15 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DHS-9
DHS50B
External view
2-
f3.5
[1.9]
[0.06]
[0.14]
[0.1]
4-
f1.5
2-
f2.5
Lot No.
2-M3
2-
f2
[0.08]
±0.2
4-
f1
[0.04]
±0.1
-VIN
RC
+VIN
-VOUT
TRM
+VOUT
(5.0)
[0.2]
48.3 ±0.5
48.3
58.4
[1.9]
[2.3]
max
¶ Div. : 0.2inch
Case(PBT)
Base Plate(Aluminum)
Name Plate
Mounting Hole
¶ Dimensions in mm, [ ]=inches
¶ Tolerance : ±0.3 [±0.012]
¶ Weight : 60g max
¶ Dimensions in mm, [ ]=inches
¶ Mounting hole screwing torque : 0.49N
-m (5.0kgf-cm) max
(TOP VIEW)
Recomending size for processing PCB
DHS


Similar Part No. - DHS100B15

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DHS-902 SYNERGY-DHS-902 Datasheet
583Kb / 3P
   8-Way Power divider
logo
Delta Electronics, Inc.
DHS-B10670-04 DELTA-DHS-B10670-04 Datasheet
1Mb / 10P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
DHS-B9090-11A DELTA-DHS-B9090-11A Datasheet
1Mb / 10P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE HEATSINK
DHS-B9090-44 DELTA-DHS-B9090-44 Datasheet
1Mb / 10P
   THIS SPECIFICATION DEFINES MECHANICAL CHARACTERISTICS OF THE HEATSINK
DHS-B9292-04A DELTA-DHS-B9292-04A Datasheet
1Mb / 10P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE HEATSINK
More results

Similar Description - DHS100B15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CBS502412 ETC2-CBS502412 Datasheet
268Kb / 10P
   DC-DC Converters Power Module type
DBS400B24 ETC2-DBS400B24 Datasheet
268Kb / 8P
   DC-DC Converters Power Module type
DBS700B28 ETC2-DBS700B28 Datasheet
268Kb / 8P
   DC-DC Converters Power Module type
SUS1R5 ETC2-SUS1R5 Datasheet
656Kb / 8P
   DC-DC Converters PCB Mount type
logo
COSEL CO., LTD.
SFS10 COSEL-SFS10 Datasheet
1Mb / 8P
   DC-DC Converters PCB Mount Type
logo
List of Unclassifed Man...
ZUS1R52405 ETC2-ZUS1R52405 Datasheet
492Kb / 12P
   DC-DC Converters PCB Mount type
logo
COSEL CO., LTD.
SFCS15 COSEL-SFCS15 Datasheet
601Kb / 4P
   DC-DC Converters PCB Mount Type
SUW1R50515 COSEL-SUW1R50515 Datasheet
240Kb / 11P
   DC-DC Converters PCB Mount Type
June 26, 2020
ZUW1R5 COSEL-ZUW1R5 Datasheet
469Kb / 12P
   DC-DC Converters PCB Mount type
logo
List of Unclassifed Man...
SFS302415B ETC2-SFS302415B Datasheet
691Kb / 8P
   DC-DC Converters PCB Mount type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com