Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTAS00-104A5 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FTAS00-104A5
Description  Resistive Touch Screens 5-Wire, 4-Wire & Digital Solutions
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FTAS00-104A5 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FTAS00-104A5 Datasheet HTML 1Page - List of Unclassifed Manufacturers FTAS00-104A5 Datasheet HTML 2Page - List of Unclassifed Manufacturers FTAS00-104A5 Datasheet HTML 3Page - List of Unclassifed Manufacturers FTAS00-104A5 Datasheet HTML 4Page - List of Unclassifed Manufacturers FTAS00-104A5 Datasheet HTML 5Page - List of Unclassifed Manufacturers FTAS00-104A5 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
L
Series FT
5-Wire Touch Screens
www.nkk.com
L5
FTAS00-121A5
FTAS00-104A5
FTAS00-150A5
5-Wire Resistive Analog Touch Screens
Optical
Light Transmission
80% standard
Film Options
Anti-glare, anti-Newton ring standard
Electrical
Power Level
5.5V DC
X Y Resistive Value
20 ~ 80Ω
Insulation Impedance
10MΩ minimum @ 25V DC
Linearity
±2% maximum (after adjustment made by
control board or device driver)
Chattering Time
10 milliseconds maximum
Mechanical
Touch Activation Force
1.47N
Available Sizes
10.4”, 12.1” and 15.0”
Durability
Surface Hardness
2H (JIS K5600)
Expected Operational Life
Writing: 50,000 minimum operations (ap-
proximately 30mm movement with stylus)
Tapping: 10,000,000 operations minimum
(using silicon rubber)
Environmental
Operating Temperature Range
–20°C ~ +70°C (–4°F ~ +158°F)
Storage Temperature Range
–40°C ~ +80°C (-22°F ~ +158°F)
Relative Humidity
+60°C (+140°F), humidity 90%, 240 hours
5-Wire Analog Touch Screens
Part Number
Screen
Size in
Inches
Key Area
Dimensions
Viewing Area
Dimensions
External
Dimensions
Panel
Thickness
Terminal Detail
8 Pin
.049” (1.25mm) Pitch
FTAS00-104A5
10.4
8.5” x 6.45”
(215.9mm x 163.9mm)
8.66” x 6.61”
(219.9mm x 167.9mm)
9.31” x 7.22”
(236.5mm x 183.3mm)
.083”
(2.1mm)
Length
3.15” (80.0mm)
FTAS00-121A5
12.1
9.8” x 7.37”
(249.0mm x 187.2mm)
9.94” x 7.50”
(252.4mm x 190.6mm)
10.52” x 8.1”
(267.1mm x 205.8mm)
.083”
(2.1mm)
Length
3.15” (80.0mm)
FTAS00-150A5
15.0
12.05” x 9.06”
(306.1mm x 230.1mm)
12.19” x 9.19”
(309.5mm x 233.5mm)
12.79” x 9.79”
(324.8mm x 248.7mm)
.083”
(2.1mm)
Length
3.15” (80.0mm)
Note: See web site for dimensioned drawings for all 5-Wire Analog Touch Screens.
GENERAL SPECIFICATIONS FOR 5-WIRE
PART NUMBERS & DESCRIPTIONS FOR 5-WIRE


Similar Part No. - FTAS00-104A5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FTAS225-57AN ETC2-FTAS225-57AN Datasheet
217Kb / 2P
   Digital Touch Screen
More results

Similar Description - FTAS00-104A5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SP-15LW03 ETC2-SP-15LW03 Datasheet
412Kb / 2P
   5-wire resistive touch sensor
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21028FV-M ROHM-BU21028FV-M Datasheet
2Mb / 36P
   4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
logo
List of Unclassifed Man...
XPT7603 ETC2-XPT7603 Datasheet
443Kb / 25P
   4-wire resistive touch screen controller
logo
Rohm
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
   4-wire Resistive Touch Screen Controller
BU21021GUL ROHM-BU21021GUL Datasheet
619Kb / 13P
   4-wire resistive Touch Screen Controller
BU21029GUL ROHM-BU21029GUL Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
logo
AAEON Technology
GENE-QM77-A AAEON-GENE-QM77-A Datasheet
295Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com