Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT232H Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FT232H
Description  Future Technology Devices International Ltd
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT232H Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FT232H Datasheet HTML 1Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 2Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 3Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 4Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 5Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 6Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 7Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 8Page - List of Unclassifed Manufacturers FT232H Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
Copyright © 2012 Future Technology Devices International Limited
2
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.8
Clearance No.: FTDI #199
1
Typical Applications
Single chip USB to UART (RS232, RS422 or
RS485)
USB to FIFO
USB to FT1248
USB to JTAG
USB to SPI
USB to I2C
USB to Bit-Bang
USB to Fast Serial Interface
USB to CPU target interface (as memory)
USB Instrumentation
USB Industrial Control
USB EPOS Control
USB MP3 Player Interface
USB FLASH Card Reader / Writers
Set Top Box - USB interface
USB Digital Camera Interface
USB Bar Code Readers
1.1 Driver Support
The FT232H requires USB device drivers (listed below), available free from http://www.ftdichip.com,
to operate. The VCP version of the driver creates a Virtual COM Port allowing legacy serial port
applications to operate over USB e.g. serial emulator application TTY. Another FTDI USB driver, the D2XX
driver, can also be used with application software to directly access the FT232H through a DLL.
Royalty free VIRTUAL COM PORT
(VCP) DRIVERS for...
Windows 8 and Windows 8 64-bit
Windows 7 and Windows 7 64-bit
Windows Vista and Vista 64-bit
Windows XP and XP 64-bit
Windows XP Embedded
Windows 2000, Server 2003, Server 2008
Windows CE 4.2, 5.0, 5.2 and 6.0
Mac OS-X
Linux (2.6.39 or later)
Royalty free D2XX Direct Drivers
(USB Drivers + DLL S/W Interface)
Windows 8 and Windows 8 64-bit
Windows 7 and Windows 7 64-bit
Windows Vista and Vista 64-bit
Windows XP and XP 64-bit
Windows XP Embedded
Windows 2000, Server 2003, Server 2008
Windows CE 4.2, 5.0, 5.2 and 6.0
Mac OS-X
Linux (2.6.32 or later)
1.2 Part Numbers
Part Number
Package
FT232HL -xxxx
48 Pin LQFP
FT232HQ-xxxx
48 Pin QFN
Note: Packaging codes for xxxx is:
- Reel: Taped and Reel (LQFP = 1500 pieces per reel, QFN = 3000 pieces per reel)
-Tray: Tray packing, (LQFP = 250 pieces per tray, QFN =260 pieces per tray)
Please refer to section 8 for all package mechanical parameters.


Similar Part No. - FT232H

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232H FTDI-FT232H Datasheet
1Mb / 65P
   FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232H FTDI-FT232H Datasheet
1Mb / 40P
   Single chip USB to asynchronous serial data transfer interface
FT232HL FTDI-FT232HL Datasheet
1Mb / 65P
   FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HL-REEL FTDI-FT232HL-REEL Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
FT232HL-xxxx FTDI-FT232HL-xxxx Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
More results

Similar Description - FT232H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
   Future Technology Devices International Ltd
FT232RQ-REEL ETC2-FT232RQ-REEL Datasheet
776Kb / 43P
   Future Technology Devices International Ltd.
logo
Future Technology Devic...
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
   Future Technology Devices International Ltd.
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
   Future Technology Devices International Ltd.
FT230XQ-R FTDI-FT230XQ-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
USB-COM232-PLUS-2 ETC2-USB-COM232-PLUS-2 Datasheet
805Kb / 24P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
VNC1L-1A-REEL FTDI-VNC1L-1A-REEL Datasheet
767Kb / 32P
   Future Technology Devices International Ltd.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com