Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT201X Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # FT201X
Description  Future Technology Devices International Ltd.
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT201X Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button FT201X Datasheet HTML 5Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 6Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 7Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 8Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 9Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 10Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 11Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 12Page - List of Unclassifed Manufacturers FT201X Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
Copyright © 2013 Future Technology Devices International Limited
9
FT201X USB I2C SLAVE IC Datasheet
Version 1.3
Document No.: FT_000627 Clearance No.: FTDI# 264
3.2 16-LD SSOP Package
SDA
4
CBUS4
6
CBUS2
7
USBDP
8
USBDM
9
3V3OUT
10
RESET#
11
CBUS1
14
CBUS0
15
CBUS3
16
CBUS5
1
SCL
2
Figure 3.2 SSOP Schematic Symbol
3.2.1 SSOP Package PinOut Description
Note: # denotes an active low signal.
Pin No.
Name
Type
Description
12
**
VCC
POWER
Input
5 V (or 3V3) supply to IC
3
VCCIO
POWER
Input
1V8 - 3V3 supply for the IO cells
10
**
3V3OUT
POWER
Output
3V3 output at 50mA. May be used to power VCCIO.
When VCC is 3V3, pin 10 is an input pin and should be
connected to pin 12.
5, 13
GND
POWER
Input
0V Ground input.
Table 3.4 Power and Ground
** If VCC is 3V3 then 3V3OUT must also be driven with 3V3 input
Pin No.
Name
Type
Description
9
USBDM
INPUT
USB Data Signal Minus.
8
USBDP
INPUT
USB Data Signal Plus.
11
RESET#
INPUT
Reset input (active low).
Table 3.5 Common Function pins


Similar Part No. - FT201X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT201XQ ETC2-FT201XQ Datasheet
1Mb / 28P
   Introducing the FT-X Series of USB2.0 Full Speed Peripheral Solutions
logo
Future Technology Devic...
FT201XQ-T FTDI-FT201XQ-T Datasheet
1Mb / 49P
   USB I2C SLAVE IC
logo
List of Unclassifed Man...
FT201XS ETC2-FT201XS Datasheet
1Mb / 28P
   Introducing the FT-X Series of USB2.0 Full Speed Peripheral Solutions
More results

Similar Description - FT201X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT232H ETC2-FT232H Datasheet
1Mb / 66P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
   Future Technology Devices International Ltd
FT232RQ-REEL ETC2-FT232RQ-REEL Datasheet
776Kb / 43P
   Future Technology Devices International Ltd.
logo
Future Technology Devic...
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
   Future Technology Devices International Ltd.
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
   Future Technology Devices International Ltd.
FT230XQ-R FTDI-FT230XQ-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
USB-COM232-PLUS-2 ETC2-USB-COM232-PLUS-2 Datasheet
805Kb / 24P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
VNC1L-1A-REEL FTDI-VNC1L-1A-REEL Datasheet
767Kb / 32P
   Future Technology Devices International Ltd.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com