Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FN2500170 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FN2500170
Description  1.8V CMOS Low Jitter XO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN2500170 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FN2500170 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN2500170 Datasheet HTML 2Page - List of Unclassifed Manufacturers FN2500170 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
1.8V CMOS Low Jitter XO
1.8V CMOS Low Jitter XO
FN Series Crystal Clock Oscillator (XO)
Legacy S1612 Series
7.0 x 5.0mm
FN
All specifications are subject to change without notice.
FN 1.8 REV2008_AUG28_01.0
SaRonix-eCera™ is a Pericom® Semiconductor company • US: +1-408-435-0800 TW: +886-3-4518888
• www.saronix-ecera.com
Legacy Ordering Information - For Reference Only:
Package:
Pin Functions:
Pin
Function
1OE Function
2Ground
3Clock Output
4VDD
2
8
2
8
Frequency Stability
B = ±50 ppm (0 to +70 °C)
SaRonix
Product Series
S
- 25.0000 (T)
Output Frequency (MHz)
Packaging
1612 B
(T) = Tape & Reel
full reel increments
Blank = Bulk packaged
Part Ordering Information:
FN XXX YYYY
A: Product Family
B: XXX = Frequency Code
C: YYYY = Specification Code
Following the above format, Saronix-eCera part numbers will be assigned upon
confirmation of exact customer requirements.
Product Features
<1 ps RMS jitter with non-PLL design
1 to 166 MHz Frequency Range
1.8V LVCMOS compatible logic levels
Pin-compatible with standard 7.0 x 5.0mm
packages
Designed for standard reflow and washing
techniques
Low power standby mode
Pb-free and RoHS/Green compliant
Product Description
The FN Series includes a 1.8V crystal clock
oscillator that achieves superb jitter and stability
over a broad range of operating conditions and
frequencies. The output clock signal, generated
internally with a non-PLL oscillator design, is
compatible with JESD8-7 logic levels. The device,
available on tape and reel, is contained in a 7.0
x 5.0mm surface-mount ceramic package.
Applications
The FN Series is an ideal reference clock for
applications requiring low jitter and low power,
including:
Portable Electronics
Server & Storage platforms
802.11a/b/g WiFi
Recommended Land Pattern:
7.0 x 5.0mm Ceramic SMD


Similar Part No. - FN2500170

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN2500 SCHAFFNER-FN2500 Datasheet
1Mb / 6P
   Low Profile - High performance, EMC/EMI filter
07. Sep 2022
FN2500-10-05-C13 SCHAFFNER-FN2500-10-05-C13 Datasheet
1Mb / 6P
   Low Profile - High performance, EMC/EMI filter
07. Sep 2022
FN2500-10-07-C13 SCHAFFNER-FN2500-10-07-C13 Datasheet
1Mb / 6P
   Low Profile - High performance, EMC/EMI filter
07. Sep 2022
FN2500-10-08-C13 SCHAFFNER-FN2500-10-08-C13 Datasheet
1Mb / 6P
   Low Profile - High performance, EMC/EMI filter
07. Sep 2022
FN2500-10-103-C13 SCHAFFNER-FN2500-10-103-C13 Datasheet
1Mb / 6P
   Low Profile - High performance, EMC/EMI filter
07. Sep 2022
More results

Similar Description - FN2500170

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
FD-1.8V PERICOM-FD-1.8V Datasheet
260Kb / 3P
   1.8V CMOS Low Jitter XO
FDQ-1.8V PERICOM-FDQ-1.8V Datasheet
983Kb / 2P
   1.8V CMOS Low Jitter XO
FJ-1.8V PERICOM-FJ-1.8V Datasheet
599Kb / 2P
   1.8V CMOS Low Jitter XO
FK-1.8V PERICOM-FK-1.8V Datasheet
640Kb / 2P
   1.8V CMOS Low Jitter XO
FKQ-1.8V PERICOM-FKQ-1.8V Datasheet
858Kb / 2P
   1.8V CMOS Low Jitter XO
FM-1.8V PERICOM-FM-1.8V Datasheet
606Kb / 2P
   1.8V CMOS Low Jitter XO
FDSAS6062 PERICOM-FDSAS6062 Datasheet
587Kb / 2P
   1.8V CMOS Low-Jitter 62.5 MHz SAS2/SATA3 XO
logo
Diodes Incorporated
FDSAS6062 DIODES-FDSAS6062 Datasheet
356Kb / 2P
   1.8V CMOS Low-Jitter 62.5 MHz SAS2/SATA3 XO
Rev A 06/18/10
logo
List of Unclassifed Man...
FN3270025 ETC2-FN3270025 Datasheet
252Kb / 3P
   3.3V CMOS Low Jitter XO
FD2400022 ETC2-FD2400022 Datasheet
260Kb / 3P
   3.3V CMOS Low Jitter XO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com