Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBA04VA900BB Datasheet(PDF) 10 Page - Taiyo Yuden (U.S.A.), Inc

Part # FBA04VA900BB
Description  LEADED FERRITE BEAD INDUCTORS(FB SERIES A TYPE / R TYPE)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

FBA04VA900BB Datasheet(HTML) 10 Page - Taiyo Yuden (U.S.A.), Inc

Back Button FBA04VA900BB Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc FBA04VA900BB Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc FBA04VA900BB Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc FBA04VA900BB Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc FBA04VA900BB Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc FBA04VA900BB Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc FBA04VA900BB Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc FBA04VA900BB Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc FBA04VA900BB Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) .
i_leaded_reli_e-E02R01
AXIAL LEADED INDUCTORS(CAL Type)、
RADIAL LEADED INDUCTORS(LH Type)、
LEADED FERRITE BEAD INDUCTORS( FB Series A Type/R Type)
RELIABILITY DATA
1. Operating temperature Range
Specified Value
CAL45 Type
-25~+ 105℃
LHL□□□
FBA/FBR
-25~+ 85℃
Test Methods and
Remarks
CAL45 Type
: Including self-generated heat
LHL□□□
: Including self-generated heat
2. Storage temperature Range
Specified Value
CAL45 Type
-40~+ 85℃
LHL□□□
FBA/FBR
3. Rated current
Specified Value
CAL45 Type
Within the specified tolerance
LHL□□□
FBA/FBR
Test Methods and
Remarks
CAL45 Type :
The maximum DC value having inductance within 10% and temperature increase within 40℃ by the application of DC bias.
LHL□□□ :
The maximum DC value having inductance decrease within 10% (LHLC08, LHLC10:within 30%) and temperature increase within the
following specified temperature by the application of DC bias.
Reference temperature
: 25℃(LHL08, LHL10, LHL13)
: 30℃(LHL16, LHLP□□)
: 40℃(LHLC08, LHLC10)
FBA/FBR :
No disconnection or appearance abnormality by continuous current application for 30 min. Change after the application shall be
within ±20% of the initial value.
This is not guaranteed for electrical characteristics during current application.
4. Impedance
Specified Value
CAL45 Type
LHL□□□
FBA/FBR
Within the specified tolerance
Test Methods and
Remarks
FBA/FBR :
Measuring equipment
: Impedance analyzer (HP4191A) or its equivalent
Measuring frequency
: Specified frequency
5. Inductance
Specified Value
CAL45 Type
Within the specified tolerance
LHL□□□
FBA/FBR
Test Methods and
Remarks
CAL45 Type :
Measuring equipment
: LCR meter (HP4285A + HP42851A or its equivalent)
Measuring frequency
: Specified frequency
LHL□□□ :
Measuring equipment
: LCR meter (HP4285A+HP42851A or its equivalent)
: LCR meter (HP4263A) or its equivalent (at 1kHz)
Measuring frequency
: Specified frequency


Similar Part No. - FBA04VA900BB

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FBA04VA900BB-00 TAIYO-YUDEN-FBA04VA900BB-00 Datasheet
138Kb / 1P
   Leaded Ferrite Bead Inductors
More results

Similar Description - FBA04VA900BB

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FBR07HA121TB-00 TAIYO-YUDEN-FBR07HA121TB-00 Datasheet
138Kb / 1P
   Leaded Ferrite Bead Inductors
FBR07VA850TB-00 TAIYO-YUDEN-FBR07VA850TB-00 Datasheet
138Kb / 1P
   Leaded Ferrite Bead Inductors
FBA04HA600BB-00 TAIYO-YUDEN-FBA04HA600BB-00 Datasheet
138Kb / 1P
   Leaded Ferrite Bead Inductors
FBA04HA900AB-00 TAIYO-YUDEN-FBA04HA900AB-00 Datasheet
138Kb / 1P
   Leaded Ferrite Bead Inductors
FBA04HA450BB-00 TAIYO-YUDEN-FBA04HA450BB-00 Datasheet
138Kb / 1P
   Leaded Ferrite Bead Inductors
FBA04HA450VB-00 TAIYO-YUDEN-FBA04HA450VB-00 Datasheet
139Kb / 1P
   Leaded Ferrite Bead Inductors
FBR06HA121NA-00 TAIYO-YUDEN-FBR06HA121NA-00 Datasheet
138Kb / 1P
   Leaded Ferrite Bead Inductors
FBR06HA850NA-00 TAIYO-YUDEN-FBR06HA850NA-00 Datasheet
138Kb / 1P
   Leaded Ferrite Bead Inductors
FBR07HA850SB-00 TAIYO-YUDEN-FBR07HA850SB-00 Datasheet
138Kb / 1P
   Leaded Ferrite Bead Inductors
FBA04HA900BB-00 TAIYO-YUDEN-FBA04HA900BB-00 Datasheet
138Kb / 1P
   Leaded Ferrite Bead Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com