Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ26A Datasheet(PDF) 3 Page - Dc Components

Part # SMBJ26A
Description  TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SMBJ26A Datasheet(HTML) 3 Page - Dc Components

  SMBJ26A Datasheet HTML 1Page - Dc Components SMBJ26A Datasheet HTML 2Page - Dc Components SMBJ26A Datasheet HTML 3Page - Dc Components SMBJ26A Datasheet HTML 4Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
R
DC COMPONENTS CO., LTD.
SMBJ (600W) SERIES TRANSIENT VOLTAGE SUPPRESSORS
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
S
354
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - SMBJ26A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ26A LITTELFUSE-SMBJ26A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
SMBJ26A LUGUANG-SMBJ26A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
Vishay Siliconix
SMBJ26A VISHAY-SMBJ26A Datasheet
95Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-12
logo
Jinan Gude Electronic D...
SMBJ26A JGD-SMBJ26A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ26A SOCAY-SMBJ26A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMBJ26A

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ50 DCCOM-SMCJ50 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
5KP50 DCCOM-5KP50 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Jing Heng Electro...
5KP110A JINGHENG-5KP110A Datasheet
84Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P4KE6.8 GXELECTRONICS-P4KE6.8 Datasheet
334Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
SA50 DCCOM-SA50 Datasheet
792Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
1.5KE6.8 DCCOM-1.5KE6.8 Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
P6KE68 DCCOM-P6KE68 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Jing Heng Electro...
P4KE440 JINGHENG-P4KE440 Datasheet
88Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
P4KE6.8 DCCOM-P4KE6.8 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPERESSOR
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com