Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

97C06SRTRT Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 97C06SRTRT
Description  Surface Mount DIP Switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

97C06SRTRT Datasheet(HTML) 1 Page - Grayhill, Inc

  97C06SRTRT Datasheet HTML 1Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
LENGTH
SEE ORDERING
INFORMATION
.050 (1,27) Pitch
.193
(4,90)
.242
(6,15)
.291
(7,39)
Top View
Side View
Front View
.177
(4,50)
.024 (0,61)
.264 (6,71)
.004
(0,10)
.050
(1,27)
Pitch
.016
(0,41)
.030 (0,76)
TAPE THICKNESS
.003 (0,08)
.059
(1,50)
Recommended PC Pad Dimensions
SerieS 97
Half-Pitch
Surface Mount DIP Switches
FeatureS
•LowProfile
•HalftheSizeofStandardDIP
Switches
•2,4,6,8&10PositionsAvailable
•LessMassforEasyVacuumPick
&Place
aPPlicationS
UsedinanyDIPapplicationwhere
space is at a premium such as
notebook computers, hand-held
radios, industrial control products,
CD-ROM drives, cellular base
stationsandcoinchangers.
SPeciFicationS
electrical ratings
contact rating: 25 mA at 24Vdc switching;
100mAat50Vdcnon-switching
contact resistance:100mΩmax,initially
insulation resistance: 100 MΩ minimum at
100Vdc
Dielectric Strength:300Vacforoneminute
Switch capacitance: 5pFmaximum
contact arrangement:SPST
Mechanical ratings
life: 1,000cyclesminimum
operation Force:500gF
Mechanical Shock: MIL-STD-202F, Method,
213B,Test Condition A. Gravity: 50G's (peak
value),11m/sec.Directionandtimes:6sides
and3timesineachdirection.
Vibration: MIL-STD-202F, Method 201A.
Passed 6 hours (2 hours in each) of three
perpendicularplanesatacycleof10-55-10Hz/1
minute.
operating temperature range:-40to85°C
Storage temperature range: -40to85°C
Materials
Base and cover: UL94V-0Nylon,black
actuators: UL94V-0 Nylon thermoplastic,
white
Base contacts:Alloycopperwithgold-plating
overnickel
terminals:Brasswithgold-plating
tape Seal:Kapton
Soldering information
Vapor phase and IR-reflow soldering can be
applied.Withstands255°Cpeaktemperature.
cleaning: Tape sealed versions are capable
of withstanding washing processes using
alcohol-based solvents only. Water or other
water-basedsolventwashingprocessesarenot
recommended.Careshouldbetakentoavoid
fluxadheringtotheswitchbodyfromthecircuit
boardsolderingprocess.Theswitchshouldbe
allowedtocoolforatleast3minutesbetween
theendofthesolderprocessandthebeginning
ofthewashprocess.Thesolventstageofthe
cleaning process is not to exceed 1 minute
andthewholewashprocessisnottoexceed3
minutes.Ultrasonicorpressurewashcleaning
isnotrecommended.
actuation: Switch slides should be actuated
from a low angle in the intended direction of
travel.The application of excess force from a
highanglecancausepermanentdamagetothe
contactsystem.Tapesealsmustberemovedto
properlyactuatetheswitches.
Packaging information
tube: 125pcs/tube(2positions),75pcs/tube(4
positions),54pcs/tube(6positions),40pcs/tube
(8positions),33pcs/tube(10positions).
tape and reel: 97C: 4,000 pcs/reel (all
positions).97R:2500pcs/reel(allpositions).
circuitry
Unlessotherwisespecified,tolerancesare±0.008(0,20)
Fig. 1 Series 97c DiMenSionS ininches(andmillimeters)
Series: 97Cseefig.1,97Rseefig.2
Positions: 02=.148(3,76),04=.248(6,30),06=.348(8,84),
08=.448(11,38),10=.548(13,92)
97c06Srt
t=RoHScompliant
Packaging: Blank=Tube,R=TapeandReel(seepkgnote)
Seal: Blank=Unsealed,S=TopTapeSeal
orDerinG inForMation
Unlessotherwisespecified,tolerancesare±0.008(0,20)
Fig. 2 Series 97r DiMenSionS ininches(andmillimeters)
DIPswitchesareshippedinthe"ON"position.
on
a
12 34 56 78
top View
Side View
Front View
recommended Pc Pad Dimensions
.024
(0,6)
.047
(1,20)
.177
±.002
(4,50
±0,05)
.024
(0,6)
.319
(8,1)
.016
(0,40)
.050
(1,27)
PITCH
.004
±.004
(0,10
±0,10)
TAPE
.002
(0,05)
.057
(1,44)
.030
(0,76)
.310
(7,85)
.360
(9,10)
.260
(6,60)
.050(1,27)PITCH


Similar Part No. - 97C06SRTRT

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
97C06SR GRAYHILL-97C06SR Datasheet
47Kb / 1P
   Half Pitch DIP Switches
More results

Similar Description - 97C06SRTRT

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
90HBW02PRT GRAYHILL-90HBW02PRT Datasheet
445Kb / 2P
   Surface Mount DIP Switches
90HBW04PT GRAYHILL-90HBW04PT Datasheet
56Kb / 2P
   Surface Mount DIP Switches
76HPSB02GWRT GRAYHILL-76HPSB02GWRT Datasheet
219Kb / 1P
   Surface Mount DIP Switches
logo
ITT Industries
TDA02H0SB1 ITT-TDA02H0SB1 Datasheet
126Kb / 1P
   Ultra-miniature Surface Mount Half-pitch DIP Switches
logo
C&K Components
TDA01H0SB1 CK-COMPONENTS-TDA01H0SB1 Datasheet
233Kb / 3P
   Ultra-miniature Surface Mount Half-pitch DIP Switches
TDA CK-COMPONENTS-TDA Datasheet
142Kb / 2P
   Ultra-miniature Surface Mount Half-pitch DIP Switches
logo
List of Unclassifed Man...
TDA10H0SK1R ETC1-TDA10H0SK1R Datasheet
44Kb / 1P
   Ultra-miniature Surface Mount Half-pitch DIP Switches
logo
C&K Components
TDA CK-COMPONENTS-TDA_V01 Datasheet
242Kb / 3P
   Ultra-miniature Surface Mount Half-pitch DIP Switches
logo
Tyco Electronics
2-435166-9 MACOM-2-435166-9 Datasheet
6Mb / 326P
   DIP Switches, Recessed Rocker, Through Hole and Surface Mount
logo
C&K Components
TDP CK-COMPONENTS-TDP_V01 Datasheet
326Kb / 3P
   Ultra-miniature Surface Mount Half-pitch Side-Actuated DIP Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com