Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM358Q8 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # LM358Q8
Description  Dual Operational Comparator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM358Q8 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  LM358Q8 Datasheet HTML 1Page - Cystech Electonics Corp. LM358Q8 Datasheet HTML 2Page - Cystech Electonics Corp. LM358Q8 Datasheet HTML 3Page - Cystech Electonics Corp. LM358Q8 Datasheet HTML 4Page - Cystech Electonics Corp. LM358Q8 Datasheet HTML 5Page - Cystech Electonics Corp. LM358Q8 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C546Q8
Issued Date : 2007.06.15
Revised Date :
Page No. : 1/6
LM358Q8
CYStek Product Specification
Dual Operational Comparator
LM358Q8
Description
The LM358Q8 consists of two independent high gain, internally frequency compensated operational
amplifier. It can be operated from a single power supply and also split power supplies.
Features
• Internally frequency compensated for unity gain
• Single supply operation:3V to 32V
• Input common-mode voltage range includes ground
• Large DC voltage gain
Applications
• General purpose amplifier
• Transducer amplifier
Pin Configurations
Pin1: OUTPUT 1
Pin5: INPUT 2 (+)
Pin2: INPUT 1 (-)
Pin6: INPUT 2 (-)
Pin3: INPUT 1 (+)
Pin7: OUTPUT 2
Pin4: Gnd/VEE
Pin8: VCC


Similar Part No. - LM358Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM358QN CYSTEKEC-LM358QN Datasheet
427Kb / 6P
   Dual Operational Comparator
logo
STMicroelectronics
LM358QT STMICROELECTRONICS-LM358QT Datasheet
1Mb / 25P
   Low-power dual operational amplifiers
November 2017
More results

Similar Description - LM358Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM358P8 CYSTEKEC-LM358P8 Datasheet
529Kb / 7P
   Dual Operational Comparator
LM358QN CYSTEKEC-LM358QN Datasheet
427Kb / 6P
   Dual Operational Comparator
logo
Texas Instruments
TSM102 TI1-TSM102_15 Datasheet
1Mb / 17P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR
logo
Unisonic Technologies
M2904 UTC-M2904_15 Datasheet
275Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
MC4556 UTC-MC4556_15 Datasheet
260Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
UM602A UTC-UM602A Datasheet
224Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
UM602-A UTC-UM602-A Datasheet
99Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
MC4560 UTC-MC4560_15 Datasheet
181Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
logo
ON Semiconductor
MC3405 ONSEMI-MC3405 Datasheet
182Kb / 12P
   DUAL OPERATIONAL AMPLIFIER / DUAL VOLTAGE COMPARATOR
REV 1
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com