Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM358P8 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # LM358P8
Description  Dual Operational Comparator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM358P8 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  LM358P8 Datasheet HTML 1Page - Cystech Electonics Corp. LM358P8 Datasheet HTML 2Page - Cystech Electonics Corp. LM358P8 Datasheet HTML 3Page - Cystech Electonics Corp. LM358P8 Datasheet HTML 4Page - Cystech Electonics Corp. LM358P8 Datasheet HTML 5Page - Cystech Electonics Corp. LM358P8 Datasheet HTML 6Page - Cystech Electonics Corp. LM358P8 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C546P8
Issued Date : 2013.03.14
Revised Date :
Page No. : 2/7
LM358P8
CYStek Product Specification
Absolute Maximum Rating(Ta=25℃)
Parameter
Symbol
Value
Unit
Power Supply Voltages
Single Supply
Split Supplies
VCC
VCC, VEE
32
±
16
V
Input Differential Voltage Range
VIDR
±
32
V
Input Common Mode Voltage Range
VICR
-0.3 ~ +32
V
Power Dissipation
PD
570
mW
Output Short Circuit Duration
tSC
Continuous
Operating Temperature
Topr
0 ~ +70
Storage Temperature
Tstg
-65 ~ +150
Electrical Characteristics (VCC=5V,Ta=25°C, VEE=GND, unless otherwise specified.)
Parameter
Test Condition
Symbol
Min.
Typ.
Max.
Unit
Input Offset Voltage
VCM=0 to VCC-1.5V
VO(p)=1.4V, Rs=0
VIO
-
2.9
7.0
mV
Input Offset Current
IIO
-
5
50
nA
Input Bias Current
IIB
-
45
250
nA
Input Common-Mode Voltage
VCC=30V
VICR
0
-
VCC-1.5
V
RL=∞, VCC=5V, VO=0V
-
0.5
1.2
mA
Power Supply Current
RL=∞, VCC=30V, VO=0V
ICC
-
0.8
2.0
mA
Large Signal Voltage Gain
VCC=15V, RL≥2kΩ
VO(p)=1V to 11V
GV
25
100
-
V/mV
VCC=30V, RL=2kΩ
26
-
-
Output Voltage-High Limit
VCC=30V, RL=10kΩ
VO(H)
27
28
-
V
Output Voltage-Low Limit
VCC=5V, RL≥10kΩ
VO(L)
-
5
20
mV
Common Mode Rejection Ratio
CMRR
65
80
-
dB
Power Supply Rejection Ratio
PSRR
65
100
-
dB
Channel Separation
f=1kHz to 20kHz
CS
-
120
-
dB
Short Circuit Current to Ground
ISC
-
40
60
mA
Output Source Current
Vi(+)=1V, Vi(-)=0V,
VCC=15V, VO(p)=2V
Isource
10
30
-
mA
Vi(+)=0V, Vi(-)=1V,
VCC=15V, VO(p)=2V
10
15
-
mA
Output Sink Current
Vi(+)=0V, Vi(-)=1V,
VCC=15V, VO(p)=0.2V
Isink
12
100
-
μA
Differential Input Voltage
VIDR
-
-
VCC
V


Similar Part No. - LM358P8

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
LM358P8-XX-AR TAITRON-LM358P8-XX-AR Datasheet
536Kb / 11P
   Dual Operational Amplifier
LM358P8-XX-BL TAITRON-LM358P8-XX-BL Datasheet
536Kb / 11P
   Dual Operational Amplifier
LM358P8-XX-TR30 TAITRON-LM358P8-XX-TR30 Datasheet
536Kb / 11P
   Dual Operational Amplifier
LM358P8-XX-TR70 TAITRON-LM358P8-XX-TR70 Datasheet
536Kb / 11P
   Dual Operational Amplifier
LM358P8-XX-TU TAITRON-LM358P8-XX-TU Datasheet
536Kb / 11P
   Dual Operational Amplifier
More results

Similar Description - LM358P8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM358Q8 CYSTEKEC-LM358Q8 Datasheet
403Kb / 6P
   Dual Operational Comparator
LM358QN CYSTEKEC-LM358QN Datasheet
427Kb / 6P
   Dual Operational Comparator
logo
Texas Instruments
TSM102 TI1-TSM102_15 Datasheet
1Mb / 17P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR
logo
Unisonic Technologies
M2904 UTC-M2904_15 Datasheet
275Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
MC4556 UTC-MC4556_15 Datasheet
260Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
UM602A UTC-UM602A Datasheet
224Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
UM602-A UTC-UM602-A Datasheet
99Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
MC4560 UTC-MC4560_15 Datasheet
181Kb / 6P
   DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
logo
ON Semiconductor
MC3405 ONSEMI-MC3405 Datasheet
182Kb / 12P
   DUAL OPERATIONAL AMPLIFIER / DUAL VOLTAGE COMPARATOR
REV 1
logo
Texas Instruments
TSM102 TI-TSM102 Datasheet
820Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com