Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM79L05M3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # LM79L05M3
Description  Low Current Negative Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM79L05M3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  LM79L05M3 Datasheet HTML 1Page - Cystech Electonics Corp. LM79L05M3 Datasheet HTML 2Page - Cystech Electonics Corp. LM79L05M3 Datasheet HTML 3Page - Cystech Electonics Corp. LM79L05M3 Datasheet HTML 4Page - Cystech Electonics Corp. LM79L05M3 Datasheet HTML 5Page - Cystech Electonics Corp. LM79L05M3 Datasheet HTML 6Page - Cystech Electonics Corp. LM79L05M3 Datasheet HTML 7Page - Cystech Electonics Corp. LM79L05M3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C508M3
Issued Date : 2006.07.12
Revised Date : 2013.08.12
Page No. : 1/8
LM79LXXM3
CYStek Product Specification
Low Current Negative Voltage Regulator
LM79LXXM3
Description
The LM79LXXM3 series of negative regulators are available in the SOT-89 package and with -5V, -6V, -8V,-9V,
-12V, -15V, -18V and -24V fixed output voltages, making it useful in a wide range of applications. These regulators
can provide local on-card regulation, eliminating the distribution problems associated with single point regulation.
Each type employs internal current limiting, thermal shut-down and safe operating area protection, making it
essentially indestructible. If adequate heat sinking is provided, they can deliver over 100mA output current.
Although designed primarily as fixed voltage regulators, these devices can be used with external components to
obtain adjustable voltages and currents. LM79LXXM3 is characterized for operation from 0℃ to 125℃.
Features:
• Internal Short-Circuit Current Limiting
• Internal Thermal Overload Protection
• No External Components Required
• Pb-free lead plating package
Typical Application
Representative Schematic Diagram
LM79LXX
Vout
Vin
1
3
2
C1
0.33μF
C2
0.1μF
A common ground is required between the
input and the output voltages. The input
voltage must remain typically 2.0V above
the output voltage even during the low point
on the input ripple voltage.
Note : C1 and C2 are required if regulator is located
far from power supply filter and load, or oscillation
may induced on the loop.
G I
O
SOT-89


Similar Part No. - LM79L05M3

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
LM79L05 BOCA-LM79L05 Datasheet
246Kb / 6P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS
logo
First Components Intern...
LM79L05 FCI-LM79L05 Datasheet
395Kb / 6P
   LM79L00 Series 3-Terminal Negative Output voltage Regulators
logo
List of Unclassifed Man...
LM79L05 ETC1-LM79L05 Datasheet
49Kb / 4P
   100mA Negative Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM79L05 HTC-LM79L05 Datasheet
235Kb / 10P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Guangdong Kexin Industr...
LM79L05 KEXIN-LM79L05 Datasheet
63Kb / 1P
   Three-terminal negative voltage regulator
More results

Similar Description - LM79L05M3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM79LXXM3 CYSTEKEC-LM79LXXM3 Datasheet
490Kb / 8P
   Low Current Negative Voltage Regulator
LM79L12M3 CYSTEKEC-LM79L12M3 Datasheet
489Kb / 8P
   Low Current Negative Voltage Regulator
logo
Micro Commercial Compon...
MC79L08BP MCC-MC79L08BP_08 Datasheet
82Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F_11 Datasheet
204Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L12BP MCC-MC79L12BP_08 Datasheet
173Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F Datasheet
84Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08F MCC-MC79L08F Datasheet
81Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC78L15BP MCC-MC78L15BP Datasheet
148Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L05F MCC-MC79L05F_11 Datasheet
206Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08F MCC-MC79L08F_11 Datasheet
203Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com