Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM79L05M3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # LM79L05M3
Description  Low Current Negative Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

LM79L05M3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  LM79L05M3 Datasheet HTML 1Page - Cystech Electonics Corp. LM79L05M3 Datasheet HTML 2Page - Cystech Electonics Corp. LM79L05M3 Datasheet HTML 3Page - Cystech Electonics Corp. LM79L05M3 Datasheet HTML 4Page - Cystech Electonics Corp. LM79L05M3 Datasheet HTML 5Page - Cystech Electonics Corp. LM79L05M3 Datasheet HTML 6Page - Cystech Electonics Corp. LM79L05M3 Datasheet HTML 7Page - Cystech Electonics Corp. LM79L05M3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C508M3
Issued Date : 2006.07.12
Revised Date : 2013.08.12
Page No. : 3/8
LM79LXXM3
CYStek Product Specification
LM79L08(Vin=-14V, Io=40mA, Tj=0~125
°C, Cin=0.33μF, Cout=0.1μF, unless otherwise noted) (Note 1)
Symbol
Parameter
Min
Typ
Max
Conditions
Units
A-rank(3%)
-7.76
-8
-8.24
Vo
B-rank(5%)
Output Voltage
-7.60
-
-8.40
Vin=-14V, Io=40mA,Tj=25
°C
-10.5V
≤Vin≤-23V, 1mA≤Io≤40mA
Vin=-14V,1mA
≤Io≤70mA (Note 2)
V
ΔVo
Line Regulation
-
42
175
-10.5V
≤Vin≤-23V, Tj=25°C
mV
ΔVo
Load Regulation
-
30
80
1mA
≤Io≤100mA, Tj=25°C
mV
IQ
Quiescent Current
-
-
6
Vin=-14V, Io=40mA, Tj=25
°C
mA
-
-
1.5
-11V
≤Vin≤-23V
ΔIQ
Quiescent Current
Change
-
-
0.1
1mA
≤Io≤40mA
mA
Vn
Output Noise Voltage
-
54
-
10Hz
≤f≤100KHz
μV
ΔVin / ΔVout
Ripple Rejection
37
46
-
-11V
≤Vin≤-21V, f=120Hz, Tj=25°C
dB
VD
Dropout Voltage
-
1.7
-
Io=100mA, Tj=25°C
V
LM79L09 (Vin=-15V, Io=40mA, Tj=0~125
°C, Cin=0.33μF, Cout=0.1μF, unless otherwise noted) (Note 1)
Symbol
Parameter
Min
Typ
Max
Conditions
Units
A-rank(3%)
-8.73
-9
-9.27
Vo
B-rank(5%)
Output Voltage
-8.55
-
-9.45
Vin=-15V, Io=40mA,Tj=25
°C
-11.5V
≤Vin≤-24V, 1mA≤Io≤40mA
Vin=-15V,1mA
≤Io≤70mA (Note 2)
V
ΔVo
Line Regulation
-
42
200
-11.5V
≤Vin≤-24V, Tj=25°C
mV
ΔVo
Load Regulation
-
30
90
1mA
≤Io≤100mA, Tj=25°C
mV
IQ
Quiescent Current
-
-
6.0
Vin=-15V, Io=40mA, Tj=25
°C
mA
-
-
1.5
-12V
≤Vin≤-24V
ΔIQ
Quiescent Current
Change
-
-
0.1
1mA
≤Io≤40mA
mA
Vn
Output Noise Voltage
-
54
-
10Hz
≤f≤100KHz
μV
ΔVin / ΔVout
Ripple Rejection
37
46
-
-12V
≤Vin≤-22V, f=120Hz, Tj=25°C
dB
VD
Dropout Voltage
-
1.7
-
Io=100mA, Tj=25°C
V
LM79L12 (Vin=-19V, Io=40mA, Tj=0~125
°C, Cin=0.33μF, Cout=0.1μF, unless otherwise noted) (Note 1)
Symbol
Parameter
Min
Typ
Max
Conditions
Units
A-rank(3%)
-11.64
-12
-12.36
Vo
B-rank(5%)
Output Voltage
-11.40
-
-12.60
Vin=-19V, Io=40mA,Tj=25
°C
-14.5V
≤Vin≤-27V, 1mA≤Io≤40mA
Vin=-19V,1mA
≤Io≤70mA (Note 2)
V
ΔVo
Line Regulation
-
50
250
-14.5V
≤Vin≤-27V, Tj=25°C
mV
ΔVo
Load Regulation
-
24
100
1mA
≤Io≤100mA, Tj=25°C
mV
IQ
Quiescent Current
-
-
6.5
Vin=-19V, Io=40mA, Tj=25
°C
mA
-
-
1.5
-16V
≤Vin≤-27V
ΔIQ
Quiescent Current
Change
-
-
0.1
1mA
≤Io≤40mA
mA
Vn
Output Noise Voltage
-
80
-
10Hz
≤f≤100KHz
μV
ΔVin / ΔVout
Ripple Rejection
37
42
-
-15V
≤Vin≤-25V, f=120Hz, Tj=25°C
dB
VD
Dropout Voltage
-
1.7
-
Io=100mA, Tj=25°C
V


Similar Part No. - LM79L05M3

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
LM79L05 BOCA-LM79L05 Datasheet
246Kb / 6P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS
logo
First Components Intern...
LM79L05 FCI-LM79L05 Datasheet
395Kb / 6P
   LM79L00 Series 3-Terminal Negative Output voltage Regulators
logo
List of Unclassifed Man...
LM79L05 ETC1-LM79L05 Datasheet
49Kb / 4P
   100mA Negative Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM79L05 HTC-LM79L05 Datasheet
235Kb / 10P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
Guangdong Kexin Industr...
LM79L05 KEXIN-LM79L05 Datasheet
63Kb / 1P
   Three-terminal negative voltage regulator
More results

Similar Description - LM79L05M3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM79LXXM3 CYSTEKEC-LM79LXXM3 Datasheet
490Kb / 8P
   Low Current Negative Voltage Regulator
LM79L12M3 CYSTEKEC-LM79L12M3 Datasheet
489Kb / 8P
   Low Current Negative Voltage Regulator
logo
Micro Commercial Compon...
MC79L08BP MCC-MC79L08BP_08 Datasheet
82Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F_11 Datasheet
204Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L12BP MCC-MC79L12BP_08 Datasheet
173Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F Datasheet
84Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08F MCC-MC79L08F Datasheet
81Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC78L15BP MCC-MC78L15BP Datasheet
148Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L05F MCC-MC79L05F_11 Datasheet
206Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08F MCC-MC79L08F_11 Datasheet
203Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com