Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBS14091 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS14091
Description  140MHz SAW Filter 2MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS14091 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS14091 Datasheet HTML 1Page - SIPAT Co,Ltd LBS14091 Datasheet HTML 2Page - SIPAT Co,Ltd LBS14091 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS14091
Rev. Date
2006-11-14
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
140MHz SAW Filter
2MHz Bandwidth
Part Number: LBS14091
Typical Performance
Frequency Respond
Passband Respond
130
132
134
136
138
140
142
144
146
148
150
-110.4128
-100.4128
-90.4128
-80.4128
-70.4128
-60.4128
-50.4128
-40.4128
-30.4128
-20.4128
139
139.2
139.4
139.6
139.8
140
140.2
140.4
140.6
140.8
141
-22.5
-22
-21.5
-21
-20.5
-20
-19.5
-19
-18.5
-18
Group Delay Variation(f0±0.7MHz)
Phase Linearity(f0±0.7MHz)
Smith Chart S11
Smith Chart S22


Similar Part No. - LBS14091

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS14091 SIPAT-LBS14091 Datasheet
138Kb / 3P
   140MHz SAW Filter 2MHz Bandwidth
More results

Similar Description - LBS14091

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS140A25 SIPAT-LBS140A25 Datasheet
148Kb / 3P
   140MHz SAW Filter 2MHz Bandwidth
LB140DS31 SIPAT-LB140DS31 Datasheet
144Kb / 3P
   140MHz SAW Filter 2MHz Bandwidth
LB140DS39 SIPAT-LB140DS39 Datasheet
150Kb / 3P
   140MHz SAW Filter 2MHz Bandwidth
LBS14052 SIPAT-LBS14052 Datasheet
142Kb / 3P
   140MHz SAW Filter 2MHz Bandwidth
LBS14091 SIPAT-LBS14091 Datasheet
138Kb / 3P
   140MHz SAW Filter 2MHz Bandwidth
LBS140A15 SIPAT-LBS140A15 Datasheet
147Kb / 3P
   140MHz SAW Filter 2MHz Bandwidth
LBS140A17 SIPAT-LBS140A17 Datasheet
146Kb / 3P
   140MHz SAW Filter 2MHz Bandwidth
LBS140A25 SIPAT-LBS140A25 Datasheet
148Kb / 3P
   140MHz SAW Filter 2MHz Bandwidth
LBS140A17 SIPAT-LBS140A17 Datasheet
146Kb / 3P
   140MHz SAW Filter 2MHz Bandwidth
LBS140A40 SIPAT-LBS140A40 Datasheet
147Kb / 3P
   140MHz SAW Filter 2MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com