Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE200A Datasheet(PDF) 1 Page - Dc Components

Part # P6KE200A
Description  TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

P6KE200A Datasheet(HTML) 1 Page - Dc Components

  P6KE200A Datasheet HTML 1Page - Dc Components P6KE200A Datasheet HTML 2Page - Dc Components P6KE200A Datasheet HTML 3Page - Dc Components P6KE200A Datasheet HTML 4Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load,
For capacitive load, derate current by 20%.
DO-15
Dimensions in inches and (millimeters)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA suffix (e.g. P6KE6.8C, P6KE440CA)
Electrical characteristics apply in both directions
P6KE6.8
THRU
P6KE440CA
VOLTAGE RANGE - 6.8 to 440 Volts
PEAK PULSE POWER - 600 Watts
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
FEATURES
* Glass passivated junction
* Excellent clamping capability
* Low zener impedance
* Fast response time
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: MIL-STD-202E, Method 208 guaranteed
* Polarity: Color band denotes positive end (cathode)
except bidirectional types
* Mounting position: Any
* Weight: 0.4 gram
3. 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
NOTES :
2. Mounted on Copper Leaf area of 1.6 X 1.6"(40X40 mm) per Fig. 5
1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25
oC per Fig.2.
4. VF = 3.5V max. for devices of V(BR)
200V and VF = 6.5V for devices of V( BR) > 200V.
* 600 Watts Peak Pulse Power capability on
10/1000 µs waveform
Steady State Power Dissipation at TL = 75
oC
Lead Lengths .375*( 9.5 mm ) ( Note 2 )
Peak Forward Surge Current, 8.3ms single half sine-wave
superimposed on rated load( JEDEC Method ) ( Note 3 )
Maximum Instantaneous Forward Voltage at 50A for Unidirectional
Only
SYMBOL
IFSM
VF
TJ, TSTG
Volts
-65 to + 175
0 C
UNITS
Amps
Peak Pulse Power Dissipation on 10/1000 µs waverform
(Note1,FIG.1)
Minimum 600
100
3.5/6.5
VALUE
Operating and Storage Temperature Range
PPPM
Watts
PM (AV)
Watts
5.0
172
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - P6KE200A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE200A MOTOROLA-P6KE200A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Vishay Siliconix
P6KE200A VISHAY-P6KE200A Datasheet
93Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 18-Sep-12
logo
Galaxy Semi-Conductor H...
P6KE200A BILIN-P6KE200A Datasheet
256Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
HuaXinAn Electronics CO...
P6KE200A HUAXINAN-P6KE200A Datasheet
360Kb / 5P
   600W Transient Voltage Suppressors
logo
Microdiode Electronics ...
P6KE200A CHENDA-P6KE200A Datasheet
839Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR Breakdown Voltage 6.8-440 Volts Peak Pulse Power 600 Watts
More results

Similar Description - P6KE200A

ManufacturerPart #DatasheetDescription
logo
Dc Components
5KP50 DCCOM-5KP50 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Jing Heng Electro...
5KP110A JINGHENG-5KP110A Datasheet
84Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P4KE6.8 GXELECTRONICS-P4KE6.8 Datasheet
334Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
SA50 DCCOM-SA50 Datasheet
792Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
1.5KE6.8 DCCOM-1.5KE6.8 Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Jinan Jing Heng Electro...
P4KE440 JINGHENG-P4KE440 Datasheet
88Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
SMCJ50 DCCOM-SMCJ50 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ50 DCCOM-SMBJ50 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4KE6.8 DCCOM-P4KE6.8 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPERESSOR
logo
Rectron Semiconductor
ESD5.0XM3 RECTRON-ESD5.0XM3 Datasheet
162Kb / 3P
   Low Clamping Voltage of Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com