Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

47BWSP3R1M1QT Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 47BWSP3R1M1QT
Description  Sealed Miniature Rocker and Paddle Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

47BWSP3R1M1QT Datasheet(HTML) 1 Page - Grayhill, Inc

  47BWSP3R1M1QT Datasheet HTML 1Page - Grayhill, Inc 47BWSP3R1M1QT Datasheet HTML 2Page - Grayhill, Inc 47BWSP3R1M1QT Datasheet HTML 3Page - Grayhill, Inc 47BWSP3R1M1QT Datasheet HTML 4Page - Grayhill, Inc 47BWSP3R1M1QT Datasheet HTML 5Page - Grayhill, Inc 47BWSP3R1M1QT Datasheet HTML 6Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
OPEN
2-3
WSP2
WSP3
WSP4
WSP5
WSP1
NONE
ON
(ON)
ON
ON
OFF
OFF
OFF
ON
NONE
2-1
(ON)
(ON)
(ON)
ON
ON
TERM. COMM.
3
2
1
OPEN
2-3,5-6
WDP2
WDP3
WDP4
WDP5
WDP1
NONE
ON
(ON)
ON
ON
OFF
OFF
OFF
ON
NONE
2-1,5-4
(ON)
(ON)
(ON)
ON
ON
TERM. COMM.
3
2
1
4
5
6
SWITCH POSITION
MODEL
NO.
SWITCH POSITION
MODEL
NO.
02COMM.
1
3
05COMM.
4
6
SCHEMATIC
SCHEMATIC
SCHEMATIC
02COMM.
1
3
()=MOMENTARY
()=MOMENTARY
1.156
(29.36)
.937
(23.80)
.356
(9.27)
.345
(8.76)
Ø.094
(Ø2.39)
.500
(12.70)
.260
(6.60)
.131
(3.33)
.059
(1.50)
.078
(1.98)
.156
(3.96)
.185
(4.70)
.030
(0.76)
EPOXY SEAL
1.156
(29.36)
.937
(23.80)
.356
(9.27)
.345
(8.76)
Ø.094
(Ø2.39)
.500
(12.70)
.131
(3.33)
.059
(1.50)
.078
(1.98)
.156
(3.96)
.185
(4.70)
.030
(0.76)
EPOXY SEAL
.190
(4.83)
.450
(11.43)
OPEN
2-3,5-6
W3P2
W3P3
W3P4
W3P5
W3P1
NONE
ON
(ON)
ON
ON
OFF
OFF
OFF
ON
NONE
2-1,5-4
(ON)
(ON)
(ON)
ON
ON
TERM. COMM.
6
5
4
7
8
9
SWITCH POSITION
MODEL
NO.
3
2
1
02COMM.
1
3
05COMM.
4
6
08COMM.
7
9
()=MOMENTARY
1.156
(29.36)
.937
(23.80)
.356
(9.27)
.345
(8.76)
Ø.094
(Ø2.39)
.500
(12.70)
.131
(3.33)
.059
(1.50)
.078
(1.98)
.156
(3.96)
.185
(4.70)
.030
(0.76)
EPOXY
SEAL
.190
(4.83)
.650
(16.50)
SERIES 47B
Sealed Miniature Rocker and
Paddle Switches
FEATURES
• Save Space and Weight
• SPDT, DPDT and 3PDT Circuitry
• Choice of Actuators and
Terminations
• Sealed per IP-67
MODELS In inches (and millimeters)
SPDT
DPDT
3PDT
Series 47B: Sealed Miniature Rocker and Paddle Switches
Rocker
9


Similar Part No. - 47BWSP3R1M1QT

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
47B DIOTEC-47B Datasheet
296Kb / 2P
   Surface mount Silicon Planar Zener Diodes
More results

Similar Description - 47BWSP3R1M1QT

ManufacturerPart #DatasheetDescription
logo
GREATECS
RK14 GREATECS-RK14 Datasheet
526Kb / 4P
   Sealed Miniature Rocker & Paddle Switches
logo
Grayhill, Inc
47ASP1J2M6RT GRAYHILL-47ASP1J2M6RT Datasheet
237Kb / 6P
   Miniature Rocker and Paddle Switches
logo
E-SWITCH
300A E-SWITCH-300A Datasheet
745Kb / 6P
   ROCKER AND PADDLE SWITCHES - MINIATURE
300 E-SWITCH-300 Datasheet
1Mb / 9P
   ROCKER AND PADDLE SWITCHES - MINIATURE
logo
GREATECS
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
   Miniature Rocker & Paddle Switches
logo
ITT Industries
E101J1ABE22 ITT-E101J1ABE22 Datasheet
812Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
logo
C&K Components
E CK-COMPONENTS-E Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
E101J1ABE222 CK-COMPONENTS-E101J1ABE222 Datasheet
784Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
E105J1ABE2 CK-COMPONENTS-E105J1ABE2 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
E101J1V3BE2 CK-COMPONENTS-E101J1V3BE2 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com