Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

47ASP1J1M6RT Datasheet(PDF) 4 Page - Grayhill, Inc

Part # 47ASP1J1M6RT
Description  Miniature Rocker and Paddle Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

47ASP1J1M6RT Datasheet(HTML) 4 Page - Grayhill, Inc

  47ASP1J1M6RT Datasheet HTML 1Page - Grayhill, Inc 47ASP1J1M6RT Datasheet HTML 2Page - Grayhill, Inc 47ASP1J1M6RT Datasheet HTML 3Page - Grayhill, Inc 47ASP1J1M6RT Datasheet HTML 4Page - Grayhill, Inc 47ASP1J1M6RT Datasheet HTML 5Page - Grayhill, Inc 47ASP1J1M6RT Datasheet HTML 6Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
.595
(15.11)
.320
(8.13)
.906
(23.01)
1.055
(26.80)
.351
(8.92)
.595
(15.11)
1.174
(29.82)
1.055
(26.80)
.093
(2.36)
.888
(22.55)
THK. .030 (0.76)
THK. .030 (0.76)
W1
OPTION
CODE
W2
W3
W4
DIM."A"
.750(19.05)
.964(24.48)
.425(10.80)
1.062(26.97)
.078
(1.98)
.080
(2.03)
.047
(1.19)
.156
(3.96)
.189
(4.80)
.250
(6.35)
.050
(1.27)
.075
(1.91)
.062
(1.57)
.250
(6.35)
EPOXY SEAL
DIM."A"
.150
(1.91)
.100
(1.27)
.230 R.
(5,84 R.)
.644
(16,36)
.093
(2,36)
.125
(3,18)
.450
(11,43)
.432
(10,97)
.230 R.
(5,84 R.)
.093
(2,36)
.125
(3,18)
.450
(11,43)
.432
(10,97)
.894
(22,71)
.260
(7,11)
.460
(11,68)
.362
(9,19)
.450
(11,43)
.230 R.
(5,84 R.)
.644
(16,36)
.093
(2,36)
.125
(3,18)
.450
(11,43)
.432
(10,97)
.306
(7,77)
ACTUATOR OPTIONS: For P.C. Mount Only In inches (and millimeters)
J3
J4
J7
TERMINATION OPTIONS In inches (and millimeters)
M1
Solder Lug
M2
P.C. Mount (Std)
M3
P.C. Mount,
Quick Connect
Series 47A: Miniature Rocker and Paddle Switches
NOTE: Solder lug terminals supplied with mounting tabs standard.
PC Mount terminals supplied without mounting tabs standard.
J5
J6
J8
WX
Rocker
6


Similar Description - 47ASP1J1M6RT

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
300A E-SWITCH-300A Datasheet
745Kb / 6P
   ROCKER AND PADDLE SWITCHES - MINIATURE
300 E-SWITCH-300 Datasheet
1Mb / 9P
   ROCKER AND PADDLE SWITCHES - MINIATURE
logo
GREATECS
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
   Miniature Rocker & Paddle Switches
logo
Grayhill, Inc
47BWSP1J2M6RT GRAYHILL-47BWSP1J2M6RT Datasheet
204Kb / 6P
   Sealed Miniature Rocker and Paddle Switches
logo
GREATECS
RK14 GREATECS-RK14 Datasheet
526Kb / 4P
   Sealed Miniature Rocker & Paddle Switches
logo
Carling Technologies
RA901 CARLINGTECH-RA901 Datasheet
2Mb / 2P
   Single Pole Rocker & Paddle Switches
RG-SERIES CARLINGTECH-RG-SERIES Datasheet
421Kb / 3P
   Single/Double Pole Lighted Rocker & Paddle Switches
logo
Tyco Electronics
A103J1ZQ0 MACOM-A103J1ZQ0 Datasheet
579Kb / 14P
   Rocker/Paddle Switches, A Series, Part Number Matrix
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
   Miniature Rocker Switches
HLA COPAL-HLA Datasheet
557Kb / 6P
   Miniature Rocker Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com