Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

47BWSP2R2M6RT Datasheet(PDF) 6 Page - Grayhill, Inc

Part # 47BWSP2R2M6RT
Description  Sealed Miniature Rocker and Paddle Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

47BWSP2R2M6RT Datasheet(HTML) 6 Page - Grayhill, Inc

  47BWSP2R2M6RT Datasheet HTML 1Page - Grayhill, Inc 47BWSP2R2M6RT Datasheet HTML 2Page - Grayhill, Inc 47BWSP2R2M6RT Datasheet HTML 3Page - Grayhill, Inc 47BWSP2R2M6RT Datasheet HTML 4Page - Grayhill, Inc 47BWSP2R2M6RT Datasheet HTML 5Page - Grayhill, Inc 47BWSP2R2M6RT Datasheet HTML 6Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
MATERIALS
Case and Bushing: Glass-filled nylon 6/6 ,
flame retardant, heat stabilized (UL94V-0)
Actuator: Nylon, black standard. Internal O-
ring seal standard with all actuators.
Frame: Spring steel, black (standard)
Switch Support: Brass, tin-plated
Actuator Pivot & Mounting Bracket:
Nylon (UL 94V-0)
Actuator Pivot Retainer: Stainless Steel
Terminal Seal: Epoxy
Terminal/Contacts: Copper alloy with gold
plate over nickel or silver plate
SPECIFICATIONS
RATINGS
Contact Rating: Q option - 5A with resistive
load @ 125 VAC or 28 VDC; 2A with resistive
load @ 250 VAC. R option - 0.4 VA max @ 20
Vmax (AC or DC)
Electrical Life: 50,000 make-and-break
cycles at full load
Contact Resistance: Below 10 milliohms
max. initial @ 2-4 VDC, 100 mA
Insulation Resistance: 1,000 megaohms
minimum
Dielectic Strength: 1,500 V RMS @ sea
level
Operating Temperature: -30°C to 85°C
ORDERING INFORMATION
Available from your local Grayhill Component Distributor. For prices and discounts, contact a local Sales Office, an authorized local
Distributor or Grayhill.
Series 47B: Sealed Miniature Rocker and Paddle Switches
47BWSP1J2M6RT
Series Sealed Miniature Rocker and Paddle Switches
Model: SPDT: WSP1, WSP2, WSP3, WSP4, WSP5
DPDT: WDP1, WDP2, WDP3, WDP4, WDP5
3PDT: W3P1, W3P2, W3P3, W3P4, W3P5
(See Model options.)
Actuator: R1, R2, R3, R4, J1, J2, J3, J4, J5
(See Actuator options)
RoHS Compliant
Contact: R = Copper alloy, gold plate over nickel plate,
Q = Copper alloy, gold plate over silver plate
Termination Options: M1, M2, M6, M7, V2, V3, W1, W2, W3, W4
(See Termination options)
Rocker
14


Similar Part No. - 47BWSP2R2M6RT

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
47B DIOTEC-47B Datasheet
296Kb / 2P
   Surface mount Silicon Planar Zener Diodes
More results

Similar Description - 47BWSP2R2M6RT

ManufacturerPart #DatasheetDescription
logo
GREATECS
RK14 GREATECS-RK14 Datasheet
526Kb / 4P
   Sealed Miniature Rocker & Paddle Switches
logo
Grayhill, Inc
47ASP1J2M6RT GRAYHILL-47ASP1J2M6RT Datasheet
237Kb / 6P
   Miniature Rocker and Paddle Switches
logo
E-SWITCH
300A E-SWITCH-300A Datasheet
745Kb / 6P
   ROCKER AND PADDLE SWITCHES - MINIATURE
300 E-SWITCH-300 Datasheet
1Mb / 9P
   ROCKER AND PADDLE SWITCHES - MINIATURE
logo
GREATECS
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
   Miniature Rocker & Paddle Switches
logo
ITT Industries
E101J1ABE22 ITT-E101J1ABE22 Datasheet
812Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
logo
C&K Components
E CK-COMPONENTS-E Datasheet
2Mb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
15 Jan 21
E101J1ABE222 CK-COMPONENTS-E101J1ABE222 Datasheet
784Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
E105J1ABE2 CK-COMPONENTS-E105J1ABE2 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
E101J1V3BE2 CK-COMPONENTS-E101J1V3BE2 Datasheet
972Kb / 14P
   Sealed Miniature Rocker and Lever Handle Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com