Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

47CMSP2R2M6QT Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 47CMSP2R2M6QT
Description  Sub-Miniature Rocker Switches
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

47CMSP2R2M6QT Datasheet(HTML) 2 Page - Grayhill, Inc

  47CMSP2R2M6QT Datasheet HTML 1Page - Grayhill, Inc 47CMSP2R2M6QT Datasheet HTML 2Page - Grayhill, Inc 47CMSP2R2M6QT Datasheet HTML 3Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
1
2
3
P.C. MOUNTING
THK. .020 (0.51)
THK. .020 (0.51)
SP
DP
THK. .020 (0.51)
THK. .020 (0.51)
SP
DP
.200
(5.08)
.100
(2.54)
Ø.043
(Ø1.09)
EPOXY
SEAL
.200
(5.08)
.030
(0.76)
.200
(5.08)
.030
(0.76)
.016
(0.41)
.130
(3.30)
.020
(0.51)
.320
(8.13)
.200
(5.08)
.020
(0.51)
.200
(5.08)
.060
(1.52)
.030
(0.76)
.060
(1.52)
.110
(2.79)
.160
(4.06)
.060
(1.52)
.110
(2.79)
.160
(4.06)
.160
(4.06)
.030
(0.76)
EPOXY
SEAL
EPOXY
SEAL
.030
(0.76)
EPOXY SEAL
.130
(3.30)
.030
(0.76)
.200
(5.08)
.130
(3.30)
EPOXY SEAL
.417
(10.5)
.230
(5.84)
.158
(4.01)
1
2
3
4
5
6
P.C. MOUNTING
3
2
1
P.C. MOUNTING
3
2
1
P.C. MOUNTING
4
5
6
EPOXY
SEAL
.200
(5.08)
.200
(5.08)
.030
(0.76)
.016
(0.41)
.100
(2.54)
.200
(5.08)
.320
(8.13)
.020
(0.51)
.200
(5.08)
.100
(2.54)
Ø.043
(Ø1.09)
.200
(5.08)
.100
(2.54)
.320
(8.13)
.200
(5.08)
.300
(7.62)
.030
(0.7)
.200
(5.08)
.200
(5.08)
.100
(2.54)
Ø.043
(Ø1.09)
.130
(3.30)
.300
(7.62)
.417
(10.59)
.158
(3.96)
.020
(0.51)
EPOXY
SEAL
.304
(7.72)
.417
(10.59)
.016
(0.41)
.020
(0.51)
.200
(5.08)
.100
(2.54)
.030
(0.76)
.300
(7.62)
.200
(5.08)
.100
(2.54)
EPOXY
SEAL
.304
(7.72)
.417
(10.59)
.016
(0.41)
.020
(0.51)
.200
(5.08)
.100
(2.54)
.030
(0.76)
.200
(5.08)
.320
(8.13)
.360
(9.14)
Ø.043
(Ø1.09)
.200
(5.08)
.200
(5.08)
TERMINATION OPTIONS In inches (and millimeters)
M1
Solder Lug
M2
P.C. Mount (Std)
M7
M6
Series 47C: Sub-Miniature Rocker Switches
SPDT
DPDT
SPDT
DPDT
Right Angle P.C. Mount,
Horizontal Actuation
Right Angle P.C.
Mount, Vertical
Actuation
Note: Solder lug terminals
supplied with mounting ears standard.
PC mount terminals
supplied without mounting ears standard
Rocker
16


Similar Part No. - 47CMSP2R2M6QT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
47C04 MICROCHIP-47C04 Datasheet
556Kb / 40P
   4K/16K I2C Serial EERAM
06/23/16
47C16 MICROCHIP-47C16 Datasheet
556Kb / 40P
   4K/16K I2C Serial EERAM
06/23/16
logo
KEC(Korea Electronics)
47C203N KEC-47C203N Datasheet
164Kb / 4P
   4-BIT MICROCONTROLLERS
logo
Toshiba Semiconductor
47C400AN TOSHIBA-47C400AN Datasheet
107Kb / 4P
   CMOS 4-BIT MICROCONTROLLER
47C421ADFVA84 TOSHIBA-47C421ADFVA84 Datasheet
926Kb / 20P
   CMOS 4-BIT MICROCONTROLLER
More results

Similar Description - 47CMSP2R2M6QT

ManufacturerPart #DatasheetDescription
logo
GREATECS
RK15 GREATECS-RK15 Datasheet
349Kb / 2P
   Sub-Miniature Rocker Switches
logo
E-SWITCH
400 E-SWITCH-400 Datasheet
699Kb / 5P
   ROCKER SWITCHES - SUB-MINIATURE
400A E-SWITCH-400A Datasheet
485Kb / 5P
   ROCKER SWITCHES - SUB-MINIATURE
logo
DB Lectro Inc
ES40-R DBLECTRO-ES40-R Datasheet
271Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
Grayhill, Inc
47DWMSP1R2M6RT GRAYHILL-47DWMSP1R2M6RT Datasheet
146Kb / 3P
   Sealed Sub-Miniature Rocker Switches
logo
GREATECS
RK16 GREATECS-RK16 Datasheet
328Kb / 2P
   Sealed Sub-Miniature Rocker Switches
logo
Copal Electronics
ELE COPAL-ELE Datasheet
837Kb / 6P
   Miniature Rocker Switches
HLA COPAL-HLA Datasheet
557Kb / 6P
   Miniature Rocker Switches
logo
GREATECS
RK17 GREATECS-RK17 Datasheet
990Kb / 2P
   Sealed Sub-Miniature SMT Rocker Switches SPDT
RK13 GREATECS-RK13 Datasheet
888Kb / 5P
   Miniature Rocker & Paddle Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com