Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K66XA26P-NJ30 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # K66XA26P-NJ30
Description  D-SUBMINIATURE CONNECTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

K66XA26P-NJ30 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  K66XA26P-NJ30 Datasheet HTML 1Page - List of Unclassifed Manufacturers K66XA26P-NJ30 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pictured with Board Lock Option, Dimensions in mm
15
(E)
26
(A)
44
(B)
62
(C)
A
1.213
30.81
1.541
39.14
2.088
53.04
2.729
69.32
.984
24.99
1.312
33.32
1.852
47.04
2.500
63.50
.643
16.33
.971
24.66
1.511
38.38
2.159
54.84
.666
16.92
.994
25.25
1.534
38.96
2.182
55.42
.090
2.29
.090
2.29
.090
2.29
.095
2.41
.010
0.25
.020
0.51
.020
0.51
.023
0.58
Shell
Size In
mm
± .015
± 0.38
B
± .005
± 0.13
C
± .010
± .0.25
C1
± .010
± 0.25
D
± .005
± 0.13
E
± .005
± 0.13
C = Exterior of Female Shell (S) C1 = Interior of Male Shell (P)
KYCON
KYCON, Inc. • Tel: +1 408-494-0330 • US: 1-888-KYCON-22 • Fax: +1 408-494-0325 • www.kycon.com
K66X Series
D-SUBMINIATURE CONNECTORS
K66X Series High Density
Right Angle PCB Mount
K66X Series Dimensions
Series
Shell
Size
Contact
Type
Plating
Option
Series
Shell Size-Contact Option
E - 15 Contacts
A - 26 Contacts
B - 44 Contacts
C - 62 Contacts
Contact Type
P - Pin Contact (Plug)
S - Socket Contact (Receptacle)
Part Number Builder
Documentation & Ordering Information
Kycon Part #
Bracket
Grounding
Plating Option
Blank - Gold Flash
5.00
.197
J Option
30 - 30µ” Gold
K66X - High Density D-Subminiature Connector,
Right Angle PCB Termination, .350” Footprint
Contact Kycon for VESA and other options
PC Board
Mounting
Option
RoHS
RoHS
8.36 Plug Interior
7.90 Socket Exterior
A
B
C, C1
6.1 Plug
5.8 Socket
PC Board and Front Panel Mounting Option
N Option
N - (4-40)RivetedThreaded Insert
NJ - (4-40)Riveted Threaded Insert with 4-40 Hex.Jack Screws
Front Panel
Mounting
Option
Electrical Characteristics
Rated Voltage: 29Vac
Rated Current: 1.5A
RFQ
Stock
CofC
Email
P
K66X
S
E
A
B
C
N
E15
K66X
K66X-E15P-N
P
N
Sample
Drawing
Click here for Performance Specification
NJ
Blank
30


Similar Part No. - K66XA26P-NJ30

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
K66X KYCON-K66X Datasheet
2Mb / 1P
   Right Angle PCB Mount
K66X-A26P-N KYCON-K66X-A26P-N Datasheet
2Mb / 1P
   Right Angle PCB Mount
K66X-A26P-N30 KYCON-K66X-A26P-N30 Datasheet
2Mb / 1P
   Right Angle PCB Mount
K66X-A26P-NJ KYCON-K66X-A26P-NJ Datasheet
2Mb / 1P
   Right Angle PCB Mount
K66X-A26P-NJ30 KYCON-K66X-A26P-NJ30 Datasheet
2Mb / 1P
   Right Angle PCB Mount
More results

Similar Description - K66XA26P-NJ30

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
L717TWC8W8P AMPHENOL-L717TWC8W8P Datasheet
189Kb / 1P
   d-subminiature connectors
logo
ITT Industries
DBA25PK87F0 ITT-DBA25PK87F0 Datasheet
10Mb / 302P
   D Subminiature Connectors
022070-0000 ITT-022070-0000 Datasheet
9Mb / 301P
   D Subminiature Connectors
051529-0030 ITT-051529-0030 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-0015 ITT-053515-0015 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
List of Unclassifed Man...
D130322-1 ETC2-D130322-1 Datasheet
9Mb / 301P
   D Subminiature Connectors
logo
ITT Industries
053515-1342 ITT-053515-1342 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0011 ITT-051528-0011 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0012 ITT-051528-0012 Datasheet
9Mb / 301P
   D Subminiature Connectors
053515-1322 ITT-053515-1322 Datasheet
9Mb / 301P
   D Subminiature Connectors
051528-0016 ITT-051528-0016 Datasheet
9Mb / 301P
   D Subminiature Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com