Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS932S801AFLF Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ICS932S801AFLF
Description  K8 Clock Chip for Serverworks GC-HT 2-Way Servers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ICS932S801AFLF Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ICS932S801AFLF Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS932S801AFLF Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS932S801AFLF Datasheet HTML 9Page - List of Unclassifed Manufacturers ICS932S801AFLF Datasheet HTML 10Page - List of Unclassifed Manufacturers ICS932S801AFLF Datasheet HTML 11Page - List of Unclassifed Manufacturers ICS932S801AFLF Datasheet HTML 12Page - List of Unclassifed Manufacturers ICS932S801AFLF Datasheet HTML 13Page - List of Unclassifed Manufacturers ICS932S801AFLF Datasheet HTML 14Page - List of Unclassifed Manufacturers ICS932S801AFLF Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
ICS932S801
0959C—03/13/06
SMBus Table: Frequency Select and Spread Control Register
Pin #
Name
Control Function
Type0
1PWD
Bit 7
FS Source
Latched Input or SMBus
Frequency Select
RW
Latched
Inputs
SMBus
0
Bit 6
CPU SS_EN
RW
OFF
ON
0
Bit 5
SRC SS_EN
RW
OFF
ON
0
Bit 4
Reserved
Reserved
RW
Reserved
Reserved
0
Bit 3
FS3
Freq Select Bit 3
RW
0
Bit 2
FS2
Freq Select Bit 2
RW
Latched
Bit 1
FS1
Freq Select Bit 1
RW
Latched
Bit 0
FS0
Freq Select Bit 0
RW
Latched
SMBus Table: Output Control Register
Pin #
Name
Control Function
Type0
1PWD
Bit 7
PCICLK3
Output Enable
RW
Disable (Low)
Enable
1
Bit 6
PCICLK2
Output Enable
RW
Disable (Low)
Enable
1
Bit 5
PCICLK1
Output Enable
RW
Disable (Low)
Enable
1
Bit 4
PCICLK0
Output Enable
RW
Disable (Low)
Enable
1
Bit 3
HTTCLK3
Output Enable
RW
Disable (Low)
Enable
1
Bit 2
HTTCLK2
Output Enable
RW
Disable (Low)
Enable
1
Bit 1
HTTCLK1
Output Enable
RW
Disable (Low)
Enable
1
Bit 0
HTTCLK0
Output Enable
RW
Disable (Low)
Enable
1
SMBus Table: Output Control Register
Pin #
Name
Control Function
Type0
1PWD
Bit 7
48MHz_1
Output Enable
RW
Disable (Low)
Enable
1
Bit 6
48MHz_0
Output Enable
RW
Disable (Low)
Enable
1
Bit 5
REF1
Output Enable
RW
Disable (Low)
Enable
1
Bit 4
REF0
Output Enable
RW
Disable (Low)
Enable
1
Bit 3
CPUCLK8(3)
RW
Disable
Enable
1
Bit 2
CPUCLK8(2)
RW
Disable
Enable
1
Bit 1
CPUCLK8(1)
RW
Disable
Enable
1
Bit 0
CPUCLK8(0)
RW
Disable
Enable
1
Output Enable
When Disabled
CPUCLKT = 0
CPUCLKC = 1
-
-
-
-
-
Byte 1
Spread Enable for CPU
and SRC PLLs. Setting
SPREAD_EN to '1',
forces Spread ON for
both PLLs.
Byte 0
-
-
-
Byte 2
See Functionality Table on
Page 1


Similar Part No. - ICS932S801AFLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS932S801AFLFT ETC2-ICS932S801AFLFT Datasheet
194Kb / 20P
   K8 Clock Chip for Serverworks GC-HT 2-Way Servers
More results

Similar Description - ICS932S801AFLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS932S801AFLFT ETC2-ICS932S801AFLFT Datasheet
194Kb / 20P
   K8 Clock Chip for Serverworks GC-HT 2-Way Servers
logo
Renesas Technology Corp
ICS932S801 RENESAS-ICS932S801 Datasheet
397Kb / 21P
   K8 Clock Chip for Serverworks GC-HT 2-Way Servers
2019
logo
Integrated Device Techn...
ICS932S805C IDT-ICS932S805C Datasheet
169Kb / 19P
   K8 Clock Chip for Serverworks HT2100 Servers
logo
Renesas Technology Corp
ICS932S805C RENESAS-ICS932S805C Datasheet
308Kb / 20P
   K8 Clock Chip for Serverworks HT2100 Servers
05/04/10
932S806 RENESAS-932S806 Datasheet
577Kb / 21P
   Clock Chip for 2 and 4-way AMD K8-based servers
2019
ICS932S825 RENESAS-ICS932S825 Datasheet
434Kb / 21P
   Low Power Clock Chip for Serverworks HT2400 Servers
2019
logo
Integrated Circuit Syst...
ICS932S825 ICST-ICS932S825 Datasheet
231Kb / 20P
   Low Power Clock Chip for Serverworks HT2400 Servers
ICS950405 ICST-ICS950405 Datasheet
134Kb / 16P
   AMD - K8 System Clock Chip
ICS950403 ICST-ICS950403 Datasheet
195Kb / 18P
   AMD - K8??System Clock Chip
ICS950402 ICST-ICS950402 Datasheet
138Kb / 19P
   AMD - K8 System Clock Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com