Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GKG20068 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part No. GKG20068
Description  CERAMIC DIELECTRIC TRIMMER CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GKG20068 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button GKG20068 Datasheet HTML 4Page - List of Unclassifed Manufacturers GKG20068 Datasheet HTML 5Page - List of Unclassifed Manufacturers GKG20068 Datasheet HTML 6Page - List of Unclassifed Manufacturers GKG20068 Datasheet HTML 7Page - List of Unclassifed Manufacturers GKG20068 Datasheet HTML 8Page - List of Unclassifed Manufacturers GKG20068 Datasheet HTML 9Page - List of Unclassifed Manufacturers GKG20068 Datasheet HTML 10Page - List of Unclassifed Manufacturers GKG20068 Datasheet HTML 11Page - List of Unclassifed Manufacturers GKG20068 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 • TEL: 516-334-8700 • FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
CERAMIC DIELECTRIC TRIMMER CAPACITORS
SG-305J
Capacitance
Range (pF)
TCC
Q min
Color Code
min
max
(ppm / °C)
(10 MHz)
or Mark
Model No.
1.5
5.5
0 ± 250
300
Black
GKU4R000
2.0
8.0
N100 ± 200
300
Red
GKU6R000
2.8
† 12.0
N600 ± 300
300
None
GKU10000
3.3
†† 20.5
N800 ± 300
300
Blue
GKU18000
3.8
† 28.5 N1350 ± 650
200
Purple
GKU25000
4.5
30.0 N1350 ± 650
200
Orange
GKU30000
5.0
40.0 N1600 ± 800
200
Brown
GKU40000
6.0
50.0 N1300 ± 500
150 (1MHz)
Green
GKU50000
7.0
60.0 N1300 ± 500
150 (1MHz)
Pink
GKU60000
15.0
90.0 N1500 ± 800
100 (1MHz)
None
GKU90000
5 mm Rugged Models
† Re-rated in 1992
†† Re-rated in 1986
0.13
3.4
0.23
5.8
0.20
5.2
STATOR
0.051
1.3
0.20
5.0
0.039
1.0
(2 HOLES)
0.22
5.5
0.02
0.5
SLOT
DIA
Mounting Hole Layout
0.12
± 0.02
3.0
± 0.5
max
ROTOR
0.02
0.5
DP
x
0.010
0.25
0.006
0.15
GKU _ _ _ 00
SPECIFICATIONS
Operating Temperature Range: –55°C to +125°C
Voltage Rating: 250 VDC at 85°C
125 VDC at 125°C
Dielectric
Withstanding Voltage: 500 VDC at 85°C
250 VDC at 125°C
Insulation Resistance: 104 Megohms min
Torque: 30 to 140 g-cm (0.42 to 1.94 oz-in)
RUGGED 5 mm
GKU SERIES
FEATURES
• Proven rugged axle design prevents electrode
shifting, maximizes stability.
• Plastic washer between adjust shaft and ceramic
rotor to absorb tuning and environmental stresses.
• Special ceramic dielectric rotor with metalized
electrode.
• Flat-lapped and lubricated surfaces join for reliable
capacity settings.
• Solid one-piece stator electrode and terminal,
recessed and integral with base. Cannot shift.
Improves stability and resistance to humidity.
• Combination spring/contact/terminal maintains
proper tension for smooth torque and low resis-
tance.
• Soldered connection between adjust shaft and rotor
electrode eliminates contact resistance problems.
• Compact form factor conserves mounting space.
• Straight line capacitance curve.
• Low cost for industrial and commercial applications.
All dimensions are in / mm. Unless otherwise specified, the tolerance on dimensions is ± 0.004 / 0.1.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn