Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GKG20068 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. GKG20068
Description  CERAMIC DIELECTRIC TRIMMER CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GKG20068 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GKG20068 Datasheet HTML 1Page - List of Unclassifed Manufacturers GKG20068 Datasheet HTML 2Page - List of Unclassifed Manufacturers GKG20068 Datasheet HTML 3Page - List of Unclassifed Manufacturers GKG20068 Datasheet HTML 4Page - List of Unclassifed Manufacturers GKG20068 Datasheet HTML 5Page - List of Unclassifed Manufacturers GKG20068 Datasheet HTML 6Page - List of Unclassifed Manufacturers GKG20068 Datasheet HTML 7Page - List of Unclassifed Manufacturers GKG20068 Datasheet HTML 8Page - List of Unclassifed Manufacturers GKG20068 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 • TEL: 516-334-8700 • FAX: 516-334-8771 • E-MAIL: info@spraguegoodman.com
CERAMIC DIELECTRIC TRIMMER CAPACITORS
SG-305J.1
SURFTRIM® SURFACE MOUNT
GKRP SERIES
FEATURES
• Sealed for washability
• Low mounting profile.
• Carrier and reel packaging standard.
• NPO temperature coefficient (up to 10 pF max).
• Self resonant frequency above 1 GHz.
3.2 x 2.5 x 1.3 mm
Models
Capacitance
Carrier and
(pF)
TCC
Q min
Reel Pack
min
max
(ppm / °C)
(1 MHz)
Model No.
3.0
5
0 ± 500
150
GKRP5R066
3.0
10
0 ± 500
150
GKRP10066
5.0
20
N750 ± 500
150
GKRP20066
SPECIFICATIONS
Operating Temperature Range: –40°C to +85°C
Voltage Rating: 25 VDC
Dielectric Withstanding Voltage: 75 VDC
Insulation Resistance: 104 Megohms min
Torque: 10 to 150 g-cm (0.14 to 2.1 oz-in)
All dimensions are in / mm.
Unless otherwise specified, the tolerance on
dimensions is ± 0.004 / 0.1.
7.0
30
N750 ± 500
150
GKRP30066


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn