Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GKG20068 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part No. GKG20068
Description  CERAMIC DIELECTRIC TRIMMER CAPACITORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GKG20068 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button GKG20068 Datasheet HTML 4Page - List of Unclassifed Manufacturers GKG20068 Datasheet HTML 5Page - List of Unclassifed Manufacturers GKG20068 Datasheet HTML 6Page - List of Unclassifed Manufacturers GKG20068 Datasheet HTML 7Page - List of Unclassifed Manufacturers GKG20068 Datasheet HTML 8Page - List of Unclassifed Manufacturers GKG20068 Datasheet HTML 9Page - List of Unclassifed Manufacturers GKG20068 Datasheet HTML 10Page - List of Unclassifed Manufacturers GKG20068 Datasheet HTML 11Page - List of Unclassifed Manufacturers GKG20068 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
SPRAGUE-GOODMAN ELECTRONICS, INC., 1700 SHAMES DRIVE, WESTBURY, NY 11590 • TEL: 516-334-8700 • FAX: 516-334-8771 • E-MAIL: info@ spraguegoodman.com
CERAMIC DIELECTRIC TRIMMER CAPACITORS
SG-305J
All dimensions are in / mm.
Unless otherwise specified, the tolerance on dimensions is ± 0.004 / 0.1.
FEATURES
• Very small size — for hybrid circuit applications.
• Straight line capacitance curve.
• Choice of mounting styles.
Capacitance (pF)
min
max
TCC (ppm / °C)
Q min (1 MHz)
Model No.
Model No.
1.0
3.0
0 ± 300
200
GKX3R010
GKX3R011
1.5
5.0
0 ± 300
200
GKX5R010
GKX5R011
2.5
10.0
0 ± 300
200
GKX10010
GKX10011
5.0
20.0
N750 ± 500
200
GKX20010
GKX20011
5.0
30.0
N750 ± 500
200
GKX30010
GKX30011
5.0
35.0
N750 ± 500
200
GKX35010
GKX35011
6.0
40.0
N750 ± 500
200
GKX40010
GKX40011
3.0 x 1.8 mm Models
THIN 2 mm & 3 mm TYPES
SPECIFICATIONS
Operating
Temperature Range: –25°C to +85°C
Voltage Rating: 25 VDC
Dielectric Withstanding Voltages: 75 VDC
Insulation Resistance: 104 Megohms min
Torque: 10 to 75 g-cm (0.14 to 1.0 oz-in)
Terminal Plating: Silver
0.079
2.0
DIA
0.33
8.5
0.03
0.8
TYP
0.12
± 0.01
3.0
± 0.2
DIA
0.02 0.014
0.5
0.35
DP
SLOT
0.006
0.15
STATOR
ROTOR
0.005
0.12
0.071
1.8
max
x
DIA
0.03
0.8
TYP
0.12
± 0.01
3.0
± 0.2
DIA
0.02
0.014
0.5
0.35
DP
SLOT
0.071
1.8
0.079
2.0
max
0.006
0.15
0.2
± 0.02
5.0
± 0.5
0.005
0.12
0.144
± 0.02
3.65
± 0.5
TYP
0.039
1.0
DIA
TYP
0.2
± 0.02
5.0
± 0.5
MOUNTING HOLE LAYOUT
x
GKX _ _ _ 10
GKX _ _ _ 11
Capacitance (pF)
min*
max
TCC (ppm / °C)
Q min (1 MHz)
Model No.
5.0
25.0
N1200 ± 800
100
GKH25000
MINIATURE SERIES
2.0 x 1.2 mm Models
SLOT
0.012
0.25
0.007
0.18
x
STATOR
DP
0.005
0.12
ROTOR
0.047
1.2
max
0.091
2.3
DIA max
0.03
0.8
0.19
4.8
0.03
0.7
TYP
GKH _ _ _ 00
*Re-rated in 1996


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn