Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HZU5.6 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HZU5.6
Description  Old Company Name in Catalogs and Other Documents
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZU5.6 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HZU5.6 Datasheet HTML 1Page - Renesas Technology Corp HZU5.6 Datasheet HTML 2Page - Renesas Technology Corp HZU5.6 Datasheet HTML 3Page - Renesas Technology Corp HZU5.6 Datasheet HTML 4Page - Renesas Technology Corp HZU5.6 Datasheet HTML 5Page - Renesas Technology Corp HZU5.6 Datasheet HTML 6Page - Renesas Technology Corp HZU5.6 Datasheet HTML 7Page - Renesas Technology Corp HZU5.6 Datasheet HTML 8Page - Renesas Technology Corp HZU5.6 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HZU Series
Rev.9.00 Jul 06, 2006 page 2 of 7
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Value
Unit
Power dissipation
Pd *
1
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Note:
1. With P.C. Board.
Electrical Characteristics
(Ta = 25°C)
Zener Voltage
Reverse Current
Dynamic Resistance
VZ (V)*
1
Test
Condition
IR (
µA)
Test
Condition
rd (
Ω)
Test
Condition
Type
Grade
Min
Max
IZ (mA)
Max
VR (V)
Max
IZ (mA)
HZU2.0
B
1.90
2.20
5
120
0.5
100
5
HZU2.2
B
2.10
2.40
5
120
0.7
100
5
HZU2.4
B
2.30
2.60
5
120
1.0
100
5
B
2.50
2.90
B1
2.50
2.75
HZU2.7
B2
2.65
2.90
5
120
1.0
110
5
B
2.80
3.20
B1
2.80
3.05
HZU3.0
B2
2.95
3.20
5
50
1.0
120
5
B
3.10
3.50
B1
3.10
3.35
HZU3.3
B2
3.25
3.50
5
20
1.0
130
5
B
3.40
3.80
B1
3.40
3.65
HZU3.6
B2
3.55
3.80
5
10
1.0
130
5
B
3.70
4.10
B1
3.70
3.97
HZU3.9
B2
3.87
4.10
5
10
1.0
130
5
B
4.01
4.48
B1
4.01
4.21
B2
4.15
4.34
HZU4.3
B3
4.28
4.48
5
10
1.0
130
5
B
4.42
4.90
B1
4.42
4.61
B2
4.55
4.75
HZU4.7
B3
4.69
4.90
5
10
1.0
130
5
B
4.84
5.37
B1
4.84
5.04
B2
4.98
5.20
HZU5.1
B3
5.14
5.37
5
5
1.5
130
5
B
5.31
5.92
B1
5.31
5.55
B2
5.49
5.73
HZU5.6
B3
5.67
5.92
5
5
2.5
80
5
Note:
1. Tested with pulse (PW = 40 ms)


Similar Part No. - HZU5.6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZU5.6 RENESAS-HZU5.6 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
HZU5.6B RENESAS-HZU5.6B Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
HZU5.6B1 RENESAS-HZU5.6B1 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
HZU5.6B2 RENESAS-HZU5.6B2 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
HZU5.6B3 RENESAS-HZU5.6B3 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
More results

Similar Description - HZU5.6

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74LS14P-E RENESAS-74LS14P-E Datasheet
129Kb / 9P
   Old Company Name in Catalogs and Other Documents
2SB1114 RENESAS-2SB1114 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1115A RENESAS-2SB1115A Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB736 RENESAS-2SB736 Datasheet
312Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SC1622A RENESAS-2SC1622A Datasheet
363Kb / 6P
   Old Company Name in Catalogs and Other Documents
UPA1914 RENESAS-UPA1914 Datasheet
201Kb / 10P
   Old Company Name in Catalogs and Other Documents
2SD1007 RENESAS-2SD1007 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1301 RENESAS-2SB1301 Datasheet
224Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SD1699 RENESAS-2SD1699 Datasheet
322Kb / 6P
   Old Company Name in Catalogs and Other Documents
HD64F3642AHV RENESAS-HD64F3642AHV Datasheet
3Mb / 551P
   Old Company Name in Catalogs and Other Documents
UPA1774G-E1-A RENESAS-UPA1774G-E1-A Datasheet
305Kb / 10P
   Old Company Name in Catalogs and Other Documents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com