Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICLS6022G Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # ICLS6022G
Description  LED System Driver ICs
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICLS6022G Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button ICLS6022G Datasheet HTML 6Page - Infineon Technologies AG ICLS6022G Datasheet HTML 7Page - Infineon Technologies AG ICLS6022G Datasheet HTML 8Page - Infineon Technologies AG ICLS6022G Datasheet HTML 9Page - Infineon Technologies AG ICLS6022G Datasheet HTML 10Page - Infineon Technologies AG ICLS6022G Datasheet HTML 11Page - Infineon Technologies AG ICLS6022G Datasheet HTML 12Page - Infineon Technologies AG ICLS6022G Datasheet HTML 13Page - Infineon Technologies AG ICLS6022G Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
LED System Driver ICs
ICLS6x Series
Pin Configuration and Functionality
Data Sheet
10
Version 1.0, 2011-05-19
1.3
Pin Configuration for PG-DSO-16/12
1.4
PG-DSO-16/12 Package
Figure 3
Pin configuration of PG-DSO-16/12 (top view)
Table 2
Pin Configuration for PG-DSO-16/12
Pin
Symbol
Function
1
n.c.
Not connected
2
SoftS
Soft start
3
FB
Feedback
4
CS
Current Sense / 650 V1) depletion CoolMOS source™
1) @ Tj = 110 °C
5Drain
650 V1) depletion CoolMOS source™
6Drain
650 V1) depletion CoolMOS source™
7Drain
650 V1) depletion CoolMOS source™
8Drain
650 V1) depletion CoolMOS source™
9
n.c.
Not connected
10
n.c.
Not connected
11
VCC
Controller supply voltage
12
GND
Controller ground
10
11
12
9
VCC
SoftS
FB
CS
N.C
N.C
GND
N.C.
Drain
Drain
8
7
3
2
1
4
Drain
Drain
5
6


Similar Part No. - ICLS6022G

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
ICL HONEYWELL-ICL Datasheet
736Kb / 11P
   Temperature Sensors Line Guide
logo
Sensata Technologies, I...
ICL SENSATA-ICL Datasheet
522Kb / 9P
   DIN Rail-Mount Hydraulic Magnetic Circuit Protectors
logo
Adam Technologies, Inc.
ICL-1005-22NJ-TR ADAM-TECH-ICL-1005-22NJ-TR Datasheet
56Kb / 1P
   INTERGRATED CHIP INDUCTOR
logo
Mean Well Enterprises C...
ICL-16L MEANWELL-ICL-16L Datasheet
221Kb / 4P
   16A AC Inrush Current Limiter
ICL-16R MEANWELL-ICL-16R Datasheet
221Kb / 4P
   16A AC Inrush Current Limiter
More results

Similar Description - ICLS6022G

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5200 SANKEN-LC5200_12 Datasheet
93Kb / 2P
   LED Driver ICs
logo
Mitsumi Electronics, Co...
MM3097 MITSUMI-MM3097 Datasheet
87Kb / 8P
   White LED Driver ICs
logo
Sanken electric
LC5202D SANKEN-LC5202D Datasheet
297Kb / 16P
   Off-Line LED Driver ICs
LC5222D SANKEN-LC5222D Datasheet
271Kb / 11P
   Off-Line DC / DC LED Driver ICs
logo
Supertex, Inc
HV9930 SUTEX-HV9930 Datasheet
525Kb / 7P
   Hysteretic Boost-Buck (Cuk) LED Driver ICs
logo
Sanken electric
LC5223D SANKEN-LC5223D Datasheet
260Kb / 10P
   Off-Line DC / DC LED Driver ICs
logo
Melexis Microelectronic...
MLX80050 MELEXIS-MLX80050 Datasheet
1Mb / 50P
   LIN System Basis ICs
MLX80050 MELEXIS-MLX80050_14 Datasheet
875Kb / 46P
   LIN System Basis ICs
logo
Sanken electric
SLA7020M SANKEN-SLA7020M Datasheet
99Kb / 10P
   Unipolar Driver ICs
SLA7070M SANKEN-SLA7070M Datasheet
2Mb / 36P
   Motor Driver ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com