Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HZU5.1 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HZU5.1
Description  Old Company Name in Catalogs and Other Documents
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZU5.1 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HZU5.1 Datasheet HTML 2Page - Renesas Technology Corp HZU5.1 Datasheet HTML 3Page - Renesas Technology Corp HZU5.1 Datasheet HTML 4Page - Renesas Technology Corp HZU5.1 Datasheet HTML 5Page - Renesas Technology Corp HZU5.1 Datasheet HTML 6Page - Renesas Technology Corp HZU5.1 Datasheet HTML 7Page - Renesas Technology Corp HZU5.1 Datasheet HTML 8Page - Renesas Technology Corp HZU5.1 Datasheet HTML 9Page - Renesas Technology Corp HZU5.1 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HZU Series
Rev.9.00 Jul 06, 2006 page 4 of 7
Zener Voltage
Reverse Current
Dynamic Resistance
VZ (V)*
1
Test
Condition
IR (
µA)
Test
Condition
rd (
Ω)
Test
Condition
Type
Grade
Min
Max
IZ (mA)
Max
VR (V)
Max
IZ (mA)
B
18.86
21.08
B1
18.86
19.70
B2
19.52
20.39
HZU20
B3
20.21
21.08
5
2
15.0
50
5
B
20.88
23.17
B1
20.88
21.77
B2
21.54
22.47
HZU22
B3
22.23
23.17
5
2
17.0
55
5
B
22.93
25.57
B1
22.93
23.96
B2
23.72
24.78
HZU24
B3
24.54
25.57
5
2
19.0
60
5
HZU27
B
25.10
28.90
2
2
21.0
70
2
HZU30
B
28.00
32.00
2
2
23.0
80
2
HZU33
B
31.00
35.00
2
2
25.0
80
2
HZU36
B
34.00
38.00
2
2
27.0
90
2
Note:
1. Tested with pulse (PW = 40 ms).


Similar Part No. - HZU5.1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HZU5.1 RENESAS-HZU5.1 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
HZU5.1B RENESAS-HZU5.1B Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
HZU5.1B1 RENESAS-HZU5.1B1 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
HZU5.1B2 RENESAS-HZU5.1B2 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
HZU5.1B3 RENESAS-HZU5.1B3 Datasheet
100Kb / 11P
   Silicon Epitaxial Planar Zener Diodes for Stabilizer
Rev.7 Dec. 2002
More results

Similar Description - HZU5.1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74LS14P-E RENESAS-74LS14P-E Datasheet
129Kb / 9P
   Old Company Name in Catalogs and Other Documents
2SB1114 RENESAS-2SB1114 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1115A RENESAS-2SB1115A Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB736 RENESAS-2SB736 Datasheet
312Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SC1622A RENESAS-2SC1622A Datasheet
363Kb / 6P
   Old Company Name in Catalogs and Other Documents
UPA1914 RENESAS-UPA1914 Datasheet
201Kb / 10P
   Old Company Name in Catalogs and Other Documents
2SD1007 RENESAS-2SD1007 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1301 RENESAS-2SB1301 Datasheet
224Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SD1699 RENESAS-2SD1699 Datasheet
322Kb / 6P
   Old Company Name in Catalogs and Other Documents
HD64F3642AHV RENESAS-HD64F3642AHV Datasheet
3Mb / 551P
   Old Company Name in Catalogs and Other Documents
UPA1774G-E1-A RENESAS-UPA1774G-E1-A Datasheet
305Kb / 10P
   Old Company Name in Catalogs and Other Documents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com