Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4001 Datasheet(PDF) 1 Page - Grayhill, Inc

Part No. 4001
Description  Momentary or Momentary With Positive Feel
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

4001 Datasheet(HTML) 1 Page - Grayhill, Inc

  4001 Datasheet HTML 1Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Wiping Contact Pushbutton Switches
SERIES 10
SERIES 4000
SPST, 1 and 3 Amp
FEATURES
• Momentary or
Momentary With Positive Feel
• UL Recognized at 3 Amps
4001(UL)
10-09 (UL)
10-100
4002 (UL)
10-10 (UL)
10-101
DIMENSIONS In Inches (and millimeters)
Available from your local Grayhill Distributor.
For prices and discounts, contact a local Sales
Office, an authorized local Distributor or Grayhill.
Decorative
Mounting Nut
Part No. 07C1040-1
Button Guard
Part No. 10C1015-1
Oper. at
Rating at
Rating at
Rated
115 Vac
220 Vac
Actuating
Action
Part No.
Circuitry
Load
Resistive
Resistive
Force
Momentary
4001
SPST-N.O.
100,000
1 Amp
1/2 Amp
22 oz. ± 8
10-09
Momentary
4002
SPST-N.C.
100,000
1 Amp
1/2 Amp
23 oz. ± 7
10-10
Pos. Feel
10-100
SPST-N.O.
100,000
1 Amp
1/2 Amp
35 oz. ± 8
Pos. Feel
10-101
SPST-N.C.
100,000
1 Amp
1/2 Amp
35 oz. ± 10
Underwriters Laboratory Recognized
Momentary
4001 UL
SPST-N.O.
6,000
3 Amp
—–
22 oz. ± 8
10-09 UL
Momentary
4002 UL
SPST-N.C.
6,000
3 Amp
—–
23 oz. ± 7
10-10 UL
CIRCUITRY
ACCESSORIES
Description & Button Color
Part No.
SPST, N.O., Red
4001
SPST, N.O., Black
10-09
SPST, N.O., UL, Red
4001UL
SPST, N.O., UL, Black
10-09 UL
SPST, N.O., Positive Feel, Red
10-100
SPST, N.C., Positive Feel, Black 10-101
SPST, N.C., Red
10-10
SPST, N.C., Black
4002
SPST, N.C., UL, Red
10-10 UL
SPST, N.C., UL Black
4002 UL
Accessory Nut
07C1040-1
Accessory Button Guard
10C1015-1
ORDERING INFORMATION
SPECIFICATIONS
Rating Criteria
Rated: See chart above
Contact Resistance: 25 milliohms or less on a
new switch
Voltage Breakdown: 1,000 Vac between
mutually insulated parts
Insulation Resistance: 1,000 megohms
minimum
Additional Characteristics
Total Travel: Normally open .140 ± .032 (3,56
± 0,81). Normally closed .110 + .010/ - .020
(2,79 + 0,25/ - 0,51).
Overtravel: Normally open .020 (0,51) minimum
Pretravel: Normally closed .010 (0,25) minimum
Operating Temperature: -40°C to +85°C
UL Recognition: See chart above for rating. UL
file number is 35289.
Materials and Finishes
Mounting Nut: Brass, tin zinc
Mounting Bushing and Cover: Zinc, zinc
trivalent chromate-plated
Button and Base: Thermoset plastic
Shorting Bar: Brass, silver-plated
Spring: Tinned music wire
Contact Terminals: Berylium copper, silver-
plated .0003" to .0005"
STANDARD OPTIONS
Epoxy sealed terminals are not available through
distributors.
For terminals bent at 90°, contact Grayhill.
D
.312 + .000 – .012
(7,92 – 0,30) DIA.
B
A
15/32-32 UNS-2A THREAD
HEX MOUNTING NUT
.094 (2,39) THICK
.563 (14,30) ACROSS FLATS
.800 ± .015
(20,32 ± 0,38)
DIA.
E
C
A = N.O. 1.500 (38,1) REF.
B = N.O. .160 ± .015 (4,06 ± 0,38)
C = .375 ± .010 (9,53 ± 0,25)
D = .668 ± .015 (16,97 ± 0,38)
E = .297 ±.020 (7,54 ± 0,51)
N.C. .150 ± .015 (3,81 ± 0,38)
N.C. 1.490 (37,8) REF.
LABEL*
*PART NUMBER AND E.I.A.
DATE CODE LABEL
Dimension across bushing flats
is .406 ± .010 (10,31 ± 0,25).
The inside distance between terminals
is .359 (9,12) at the switch base.
SPST N.O.
SPST N.C.
Pushbutton
58


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn