Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

94550-8004 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 94550-8004
Description  5.00mm Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 4 Circuits, Natural
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

94550-8004 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  94550-8004 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 03/31/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
94550-8004
Status:
Active
Overview:
RAST 5 Connector System
Description:
5.00mm Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 4 Circuits, Natural
Documents:
3D Model
Test Summary TS-94550-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-94550-001 (PDF)
General
Product Family
Crimp Housings
Series
94550
Application
Power, Wire-to-Board
Overview
RAST 5 Connector System
Product Name
RAST 5
UPC
756054567227
Physical
Breakaway
No
Circuits (maximum)
4
Color - Resin
Natural
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Nylon
Net Weight
2.850/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
5.00mm
Pitch - Termination Interface
5.00mm
Polarized to Mating Part
Yes
Ports
1
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Material Info
Reference - Drawing Numbers
Product Specification
PS-94550-001
Sales Drawing
SD-94550-003
Test Summary
TS-94550-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
94550Series
Mates With
Rast 5 Headers, 90858 Vertical Header,
90879 Right Angle Header
Use With
94518 Crimp Terminal, 94549 Crimp
Terminal
This document was generated on 03/31/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 94550-8004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
94550-8004 MOLEX11-94550-8004 Datasheet
147Kb / 2P
   5.00mm (.197") Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 4 Circuits, Natural
More results

Similar Description - 94550-8004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
94550-4084 MOLEX11-94550-4084 Datasheet
40Kb / 1P
   5.00mm Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 4 Circuits, Natural
94550-9105 MOLEX11-94550-9105 Datasheet
41Kb / 1P
   5.00mm Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 5 Circuits, Natural
94550-9702 MOLEX11-94550-9702 Datasheet
40Kb / 1P
   5.00mm Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 2 Circuits, Natural
0945508004 MOLEX11-0945508004 Datasheet
147Kb / 2P
   5.00mm (.197") Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 4 Circuits, Natural
0945509004 MOLEX11-0945509004 Datasheet
147Kb / 2P
   5.00mm (.197") Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 4 Circuits, Natural
94550-4004 MOLEX11-94550-4004 Datasheet
43Kb / 2P
   5.00mm Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 4 Circuits, Natural, Glow
94550-9107 MOLEX11-94550-9107 Datasheet
41Kb / 1P
   5.00mm Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 7 Circuits, Natural
94550-9108 MOLEX11-94550-9108 Datasheet
41Kb / 1P
   5.00mm Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 8 Circuits, Natural
94550-9103 MOLEX11-94550-9103 Datasheet
41Kb / 1P
   5.00mm Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 3 Circuits, Natural
94550-4106 MOLEX11-94550-4106 Datasheet
42Kb / 2P
   5.00mm Pitch, Rast 5, PA Polyamide (Nylon) 6/6, UL 94V-2, 6 Circuits, Natural, Glow
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com