Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMR3200 Datasheet(PDF) 3 Page - Honeywell Accelerometers

Part # HMR3200
Description  Digital Compass Solutions
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

HMR3200 Datasheet(HTML) 3 Page - Honeywell Accelerometers

  HMR3200 Datasheet HTML 1Page - Honeywell Accelerometers HMR3200 Datasheet HTML 2Page - Honeywell Accelerometers HMR3200 Datasheet HTML 3Page - Honeywell Accelerometers HMR3200 Datasheet HTML 4Page - Honeywell Accelerometers HMR3200 Datasheet HTML 5Page - Honeywell Accelerometers HMR3200 Datasheet HTML 6Page - Honeywell Accelerometers HMR3200 Datasheet HTML 7Page - Honeywell Accelerometers HMR3200 Datasheet HTML 8Page - Honeywell Accelerometers HMR3200 Datasheet HTML 9Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HMR3200/3300
www.honeywell.com
3
PHYSICAL CHARACTERISTICS
The circuit board for the HMR3200/HMR3300 Digital Compassing Solutions is approximately 1.45 by 1 inches. An 8-Pin
header protrudes down on the rear edge of the compass circuit board for the user electrical interface to the motherboard.
The header pins extend 5/16” below the board plane with the bottom-side mounted magnetic sensor integrated circuits
(HMC1021Z and HMC1022) extending 3/16” below the board plane. Components on the top-side have a maximum height
of 1/8”.
In addition two single pins, identical to the 8 header pins, are placed on the sides toward the forward edge of the circuit
board (HMC1021Z is at the magnetic front or north reference). These single pins are for mechanical mounting and do not
have electrical connections to the compass electronics.
POWER SUPPLY INTERFACE
Rotary switch (SW1) is located near pins 6 and 7, and is used to select the customer provided power supply voltage type.
The HMR3200/3300 is factory set with this switch fully clockwise, for selection of unregulated input (+6 to+15) voltage
from the V+ pin (pin 8). By rotating the switch fully counter-clockwise, users may provide a regulated +5 volt supply to the
+5 pin (pin 6) as an alternative. Incorrect switch settings may cause no response or faulty responses. Upon correct power
application, light emitting diode D2 turns on for about one second afterwards to indicate the execution of the initialization
firmware. Do not use both power inputs simultaneously.
Figure 1 shows a typical HMR3200/HMR3300 circuit board assembly with the basic dimensions.
MOUNTING CONSIDERATIONS
The HMR3200/HMR3300 precision compasses use the ten integrated circuit style pins to plug into compatible
motherboards for electrical interface, and to be orientated mechanically. The pins are nominally 0.030” in diameter and
0.200 in length. Trimming the pin lengths or removing the pins voids the warranty, as Honeywell can not retest the
modified compasses (socketized test fixtures). Wires can be substituted for the pins, but caution should be used in
soldering to not damage the pin solder pads.
The HMC1021Z part is an 8-pin SIP device that is shipped carefully in a nearly perfectly vertical orientation with respect to
the horizontal referenced circuit board. Do not bend or reposition this part, or the factory magnetic calibration will be no
longer valid. Should the part be accidentally bent, return for recalibration is possible or align the part vertical to recapture
most of the accuracy. Correct flat orientation of the compass modules is with the pins pointing downward.
CIRCUIT DESCRIPTION
The HMR3200/HMR3300 Digital Compass Solutions include all the basic sensors and electronics to provide a digital
indication of heading. The HMR3200 has all three axis of magnetic sensors on board, but allows the user to select which
Figure 1
1.00”
1.45”
1.22”
REF PINS
(2)
1
2
3
4
5
6
7
8
8-PIN
HEADER
(0.1” SPACING)
.037”
0.15”
.094”
.037”
SW1
~0.30” Tall
Forward Direction
-
+
Roll Axis
1.00”
1.45”
1.22”
REF PINS
(2)
1
2
3
4
5
6
7
8
8-PIN
HEADER
(0.1” SPACING)
.037”
0.15”
.094”
.037”
SW1
~0.30” Tall
1.00”
1.45”
1.22”
REF PINS
(2)
1
2
3
4
5
6
7
8
8-PIN
HEADER
(0.1” SPACING)
.037”
0.15”
.094”
.037”
SW1
~0.30” Tall
Forward Direction
-
+
-
+
Roll Axis


Similar Part No. - HMR3200

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMR3200 HONEYWELL-HMR3200 Datasheet
196Kb / 11P
   Digital Compass Solutions
More results

Similar Description - HMR3200

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HMR3300 HONEYWELL-HMR3300 Datasheet
196Kb / 11P
   Digital Compass Solutions
HMR3100 HONEYWELL-HMR3100 Datasheet
461Kb / 7P
   DIGITAL COMPASS SOLUTION
HMC6352 HONEYWELL-HMC6352 Datasheet
275Kb / 13P
   Digital Compass Solution
HMR3000 HONEYWELL-HMR3000 Datasheet
118Kb / 4P
   Digital Compass Module
logo
Honeywell Accelerometer...
HMR3400 HONEYWELL-ACC-HMR3400 Datasheet
668Kb / 9P
   Digital Compass Solution
logo
Dorji Industrial Group ...
DSPC01 DORJI-DSPC01 Datasheet
227Kb / 8P
   Digital Compass Pressure Sensor Module
logo
Honeywell Solid State E...
HMC5883L HONEYWELL-HMC5883L Datasheet
421Kb / 18P
   3-Axis Digital Compass IC
logo
MagnaChip Semiconductor...
MXG2320 MGCHIP-MXG2320 Datasheet
54Kb / 1P
   3-axis digital compass IC
MXG2321 MGCHIP-MXG2321 Datasheet
51Kb / 1P
   3-axis digital compass IC
logo
Honeywell Solid State E...
HMC6343 HONEYWELL-HMC6343 Datasheet
294Kb / 13P
   3-Axis Digital Compass Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com