Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70MRCQ24-EC Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 70MRCQ24-EC
Description  For use with System 50 Style Controllers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

70MRCQ24-EC Datasheet(HTML) 1 Page - Grayhill, Inc

  70MRCQ24-EC Datasheet HTML 1Page - Grayhill, Inc 70MRCQ24-EC Datasheet HTML 2Page - Grayhill, Inc 70MRCQ24-EC Datasheet HTML 3Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
System 50
RACKS
24 Channel
FEATURES
• For use with System 50 Style Controllers
• Available for Miniature, G5 and
OpenLine® Modules
• UL, CSA Certified
24 CHANNEL RACK: Miniature
Part No. 70MRCQ24
Dimensions are shown in inches
(and millimeters).
Tolerances are ± 0.010 (0,25)
unless otherwise specified.
System 50
22
+
0.40
(10,2)
8.00 (203,2)
7.50 (190,5)
LOGIC SUPPLY
TERMINAL STRIP
0.25 (6,4)
0.25 (6,4)
FIELD WIRING
TERMINAL STRIP
(POSITIONS 0-11)
6.00
(152,4)
5.50
(139,7)
STANDOFF I.D.
0.15 (3,8) DIA.
(4 PLACES)
CLEARANCE
FOR #6 SCREWS
FIELD WIRING
TERMINAL STRIPS
(POSITIONS 12-23)
5A
FUSE
MODULE HOLD DOWN
STRIP WITH THUMB SCREWS
2.20 (55,9)
MAX.
0.75
(19,1)
STATUS LED
50 PIN EDGE CARD OR
HEADER CONNECTOR FOR
LOGIC SIGNALS (SEE SCHEMATIC)
PIN 1
KEY SLOT
PINS 23/25
2.60
(66,0)
1A FUSE
SOCKETS
FOR
OPTIONAL
1A FUSE
1.70
(43,2)
NOTE: MAXIMUM
TERMINAL SCREW
TORQUE NOT TO
EXCEED 5 IN-LBS.


Similar Part No. - 70MRCQ24-EC

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70MRCQ24-EC GRAYHILL-70MRCQ24-EC Datasheet
610Kb / 3P
   RACKS 24 Channel
More results

Similar Description - 70MRCQ24-EC

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70RCK16 GRAYHILL-70RCK16 Datasheet
784Kb / 7P
   For use with System 50 Style Controllers
70GRCM32 GRAYHILL-70GRCM32 Datasheet
499Kb / 2P
   For Use with MicroDac or PAMUX Controllers
logo
List of Unclassifed Man...
ASP-AUTO-T ETC2-ASP-AUTO-T Datasheet
687Kb / 1P
   Restrike System for use with Electronic HID Ballasts
ASP-AUTO-T ETC2-ASP-AUTO-T Datasheet
162Kb / 1P
   Restrike System for use with Electronic HID Ballasts
logo
Omron Electronics LLC
E53Q4 OMRON-E53Q4 Datasheet
967Kb / 10P
   Advanced Digital Controllers Ideal for Worldwide Use
E53-Q OMRON-E53-Q Datasheet
967Kb / 10P
   Advanced Digital Controllers Ideal for Worldwide Use
logo
Mitsubishi Electric Sem...
M52358VP MITSUBISHI-M52358VP Datasheet
843Kb / 15P
   The M52358VP was developed for use with PAL-system VCRs
logo
List of Unclassifed Man...
F880 ETC2-F880 Datasheet
151Kb / 4P
   8-segment redundant fieldbus power system for use with Yokogawa CENTUM 3000 R3 Control System
logo
Toshiba Semiconductor
TA7795F TOSHIBA-TA7795F Datasheet
368Kb / 9P
   DUAL PREAMPLIFIERS FOR AUTO-REVERSE SYSTEM (1.5V USE)
logo
Winchester Electronics ...
KA-39-85 WINCHESTER-KA-39-85 Datasheet
56Kb / 1P
   FOR USE WITH RC-142
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com