Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR280 Datasheet(PDF) 1 Page - Dc Components

Part # SR280
Description  TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SR280 Datasheet(HTML) 1 Page - Dc Components

  SR280 Datasheet HTML 1Page - Dc Components SR280 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE - 20 to 100 Volts
CURRENT - 2.0 Ampere
FEATURES
* Low switching noise
* Low forward voltage drop
* High current capability
* High switching capability
* High surge capabitity
* High reliability
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Mounting position: Any
* Weight: 0.4 gram
SR220
THRU
SR2100
NOTES : 1. Thermal Resistance (Junction to Ambient): Vertical PC Board Mounting, 0.375"(9.5mm) Lead Length.
2. Measured at 1 MHz and applied reverse voltage of 4.0 volts.
Dimensions in inches and (millimeters)
Maximum DC Reverse Current
at Rated DC Blocking Voltage
VF
IR
mAmps
Maximum Instantaneous Forward Voltage at 2.0A DC
Volts
1.0
20
@TA = 25
oC
@TA = 100
oC
.55
.70
.85
mAmps
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375*(9.5mm) lead length
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Typical Thermal Resistance (Note 1)
Typical Junction Capacitance (Note 2)
SYMBOL
VRRM
VDC
IFSM
CJ
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
2.0
50
50
110
Amps
0 C/ W
0 C
Storage Temperature Range
R JA
IO
-50 to + 125
pF
Operating Temperature Range
TJ
SR220
SR230
SR240 SR250 SR260
SR280 SR2100
-65 to + 150
0 C
20
30
40
50
60
80
100
14
21
28
35
42
56
70
20
30
40
50
60
80
100
* Lead: MIL-STD-202E, Method 208 guaranteed
* Polarity: Color band denotes cathode end
θ
DO-15
22
NEXT
BACK
EXIT
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - SR280

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SR280 DGNJDZ-SR280 Datasheet
253Kb / 2P
   2.0 AMP SCHOTTKY BA RRIER RECTIFIERS
logo
Jinan Gude Electronic D...
SR280 JGD-SR280 Datasheet
144Kb / 2P
   2.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Shunye Electro...
SR280 SHUNYE-SR280 Datasheet
583Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Ping Sheng Ele...
SR280 PFS-SR280 Datasheet
223Kb / 2P
   SCHOTTTKY BARRIER RECTIFIER
logo
Chongqing Pingwei Enter...
SR280 CHONGQING-SR280 Datasheet
179Kb / 1P
   2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR280

ManufacturerPart #DatasheetDescription
logo
Dc Components
1N5820 DCCOM-1N5820 Datasheet
392Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
SR350 DCCOM-SR350 Datasheet
430Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
SR1020 DCCOM-SR1020 Datasheet
433Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
1N5817 DCCOM-1N5817 Datasheet
387Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
SR5020 DCCOM-SR5020 Datasheet
487Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
SR820 DCCOM-SR820 Datasheet
481Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
SR3020 DCCOM-SR3020 Datasheet
522Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
SR520 DCCOM-SR520 Datasheet
427Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
SR150 DCCOM-SR150 Datasheet
432Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
SR1620 DCCOM-SR1620 Datasheet
435Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com