Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCI-2030-006 Datasheet(PDF) 7 Page - Spectrum Microwave, Inc.

Part # SCI-2030-006
Description  Hermetically Sealed Threaded Case Filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

SCI-2030-006 Datasheet(HTML) 7 Page - Spectrum Microwave, Inc.

Back Button SCI-2030-006 Datasheet HTML 3Page - Spectrum Microwave, Inc. SCI-2030-006 Datasheet HTML 4Page - Spectrum Microwave, Inc. SCI-2030-006 Datasheet HTML 5Page - Spectrum Microwave, Inc. SCI-2030-006 Datasheet HTML 6Page - Spectrum Microwave, Inc. SCI-2030-006 Datasheet HTML 7Page - Spectrum Microwave, Inc. SCI-2030-006 Datasheet HTML 8Page - Spectrum Microwave, Inc. SCI-2030-006 Datasheet HTML 9Page - Spectrum Microwave, Inc. SCI-2030-006 Datasheet HTML 10Page - Spectrum Microwave, Inc. SCI-2030-006 Datasheet HTML 11Page - Spectrum Microwave, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Hermetically Sealed
Threaded Case Filters
85°C
125°C
Rated Voltage
DC
AC
6
6
6
3
3
2
17
20
20
13
13
13
13
15
15
8
8
8
8
8
8
8
15
10
23
26
26
24
24
24
24
23
23
15
15
15
15
14
14
14
21
21
35
35
35
45
45
45
45
38
38
30
30
30
30
25
25
25
32
41
69
56
56
80
80
80
80
60
60
68
68
68
68
58
58
58
60
70
Minimum Insertion Loss (dB)
CKT
Min
Cap
µF
150
KHz
Part Number
.375 ø L Circuit MIL Qualified Profile continued
51-444-040
51-353-156
51-353-157
¦ 51-353-076
¦ 51-353-077
51-444-043
51-444-044
51-390-040
51-390-039
51-444-005
¦ 51-353-078
¦ 51-353-079
¦ 51-444-046
51-444-047
¦ 51-353-080
51-353-081
51-444-027
51-444-117
See
Pg. 88
for Fig
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
2
LB
LT
LB
LT
LB
LT
LB
LT
LT
LT
LT
LB
LB
LT
LT
LB
LB
LB
0.450
0.450
0.450
0.250
0.250
0.250
0.250
0.250
0.250
0.150
0.250
0.250
0.250
0.250
0.250
0.250
0.250
0.150
70
60
60
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
60
60
70
70
70
70
70
70
70
70
70
100
100
100
150
150
150
150
150
150
150
150
150
150
150
150
150
200
300
125
125
125
125
125
125
125
125
125
125
125
125
125
DC
AC
M15733
MIL
No
25-0020
39-0009
39-0010
26-0001
26-0003
26-0013
26-0015
23-0058
23-0057
34-0015
26-0004
26-0006
26-0018
26-0019
26-0007
26-0010
34-0030
54-0018
Max
L
0.738
0.760
0.760
0.758
0.738
0.758
0.738
0.630
0.630
0.758
0.758
0.738
0.738
0.758
0.758
0.738
0.900
0.740
(18.745)
(19.304)
(19.304)
(19.253)
(18.745)
(19.253)
(18.745)
(16.002)
(16.002)
(19.253)
(19.253)
(18.745)
(18.745)
(19.253)
(19.253)
(18.745)
(22.860)
(18.796)
In
(mm)
DCR
Max
Ohms
0.015
0.003
0.003
0.250
0.250
0.250
0.250
0.070
0.070
0.050
0.050
0.050
0.050
0.015
0.015
0.015
0.150
0.250
Thd
Lgth
B
A
A
A
A
B
B
A
B
B
A
A
B
B
A
A
A
A
I
Amp
5.00
10.00
10.00
1.00
1.00
1.00
1.00
2.00
2.00
3.00
3.00
3.00
3.00
5.00
5.00
5.00
5.00
1.00
(See MIL index on pages 244-246 for
complete MIL part number listing)
¦ Also available through Spectrum Control’s authorized distributors.
Threaded
End
Threaded
End
L-C Filter LT
L-C Filter LB
SPECTRUM CONTROL INC. • 8031 Avonia Rd. • Fairview, PA 16415 • Phone: 814-474-2207 • Fax: 814-474-2208 • Web site: www.spectrumcontrol.com
SPECTRUM CONTROL GmbH • Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
92
*1566 PRINTER 063-120 v2
12/4/06
9:13 AM
Page 28


Similar Part No. - SCI-2030-006

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SCI-1020-000 APITECH-SCI-1020-000 Datasheet
1Mb / 16P
   Hermetically Sealed Threaded Case Filters
SCI-1020-000 APITECH-SCI-1020-000 Datasheet
62Kb / 1P
   LOW Pass EMI Filter
SCI-1020-020 APITECH-SCI-1020-020 Datasheet
1Mb / 16P
   Hermetically Sealed Threaded Case Filters
SCI-1020-020 APITECH-SCI-1020-020 Datasheet
64Kb / 2P
   LOW Pass EMI Filter
SCI-1021-000 APITECH-SCI-1021-000 Datasheet
1Mb / 16P
   Hermetically Sealed Threaded Case Filters
More results

Similar Description - SCI-2030-006

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
51-311-308 APITECH-51-311-308 Datasheet
1Mb / 16P
   Hermetically Sealed Threaded Case Filters
logo
List of Unclassifed Man...
CL700 ETC2-CL700 Datasheet
39Kb / 1P
   HERMETICALLY SEALED TO-5 CASE
logo
Microsemi Corporation
1N4614 MICROSEMI-1N4614 Datasheet
120Kb / 2P
   Hermetically sealed glass case. DO - 35 outline.
logo
Thinki Semiconductor Co...
1N60 THINKISEMI-1N60 Datasheet
3Mb / 2P
   Hermetically Sealed Glass Case Point Contact Germanium Diode
logo
Vishay Siliconix
TSTS730 VISHAY-TSTS730 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS750 VISHAY-TSTS750 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7100 VISHAY-TSTA7100 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7300 VISHAY-TSTA7300 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7500 VISHAY-TSTA7500 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS710 VISHAY-TSTS710 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com