Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

551-0701 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 551-0701
Description  LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

551-0701 Datasheet(HTML) 1 Page - Dialight Corporation

  551-0701 Datasheet HTML 1Page - Dialight Corporation 551-0701 Datasheet HTML 2Page - Dialight Corporation 551-0701 Datasheet HTML 3Page - Dialight Corporation 551-0701 Datasheet HTML 4Page - Dialight Corporation 551-0701 Datasheet HTML 5Page - Dialight Corporation 551-0701 Datasheet HTML 6Page - Dialight Corporation 551-0701 Datasheet HTML 7Page - Dialight Corporation 551-0701 Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
4-10 Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
3mm
LED CBI
® Circuit Board Indicator
(DIN 41494 Compatible)
551-xx01
5.00 [.197]
10.00 [.394]
10.00
[.394]
5.00
[.197]
2.54
[.100]
2.92
[.115]
3.35
[.132]*
6.84
[.269]
2.54
[.100]
RECOMMENDED
P.C. BOARD
LAYOUT
2.54
[.100]
1.09
[.043]
1.09
[.043]
1.27
[.050]
3.20
[.126]
* 3.56 [.140] FOR BICOLOR
ANODE
(RED/YELLOW
ANODE FOR
BICOLOR)
1.00
[.039]
1.00
[.039]
.508
[.020]
D
PART NO.
COLOR
HIGH EFFICIENCY
551-0201
Green
551-0301
Yellow
551-0401
Red
551-0801
Blue³
551-2501
Orange
INTEGRAL RESISTOR, 5 VOLTS
551-0501
Red
551-0601
Green
551-0701
Yellow
LOW CURRENT
551-1101
Red
551-1201
Yellow
551-1301
Green
BI-COLOR
551-3001
Red/Green
551-3101
Yellow/Green
Features
• Designed to accommodate DIN 41494
• Mounting pin increases stability
• Multiple CBIs form horizontal LED arrays on 5.0mm
(0.197”) center-lines
• High Contrast, UL 94 V-0 rated, black housing
• Oxygen index: 31.5%
• Polymer content: PBT, 0.519 g
• Housing stand-offs facilitate PCB cleaning
• Solderability per MIL-STD-202F, method 208F
• LEDs are safe for direct viewing per IEC 825-1, EN-60825-1
Tolerance note: As noted, otherwise:
• LED Protrusion: ±0.04 mm [±0.016]
• CBI Housing: ±0.02mm[±0.008]
Dimensions in mm [inches]
Standard Polarity shown in drawing: Anode right
To order any of the 551-xx01 part numbers with
Reverse Polarity (Anode Left), please add -010
to the part numbers shown above.
NEW
5 5 1
x x 0 1
0 1 0
Reverse Polarity Option
1) Anode Left
–010 Ordering Code Suffix required ONLY for Reverse Polarity Option
LED Type
PART NUMBER ORDERING CODE
Series
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
SENSITIVE
DEVICES
³


Similar Part No. - 551-0701

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
551-0707 DIALIGHT-551-0707 Datasheet
73Kb / 9P
   3mm LED CBI Circuit Board Indicator 200 High LED Centerline
551-0707 DIALIGHT-551-0707 Datasheet
78Kb / 9P
   3mm LED CBI짰 Circuit Board Indicator .200??High LED Centerline
551-0707 DIALIGHT-551-0707 Datasheet
78Kb / 9P
   LED CBI Circuit Board Indicator
551-0707-004 DIALIGHT-551-0707-004 Datasheet
61Kb / 8P
   3mm LED CBI Circuit Board Indicator Quad, .200??High LED Centerline
551-0707F DIALIGHT-551-0707F Datasheet
644Kb / 2P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
More results

Similar Description - 551-0701

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
350-1817-ND DIALIGHT-350-1817-ND Datasheet
78Kb / 9P
   LED CBI Circuit Board Indicator
555-2XXX DIALIGHT-555-2XXX Datasheet
31Kb / 5P
   2mm LED CBI Circuit Board Indicator Single
553-XXXX-300 DIALIGHT-553-XXXX-300 Datasheet
76Kb / 10P
   LED CBI Circuit Board Indicator Bi-level
555-4XXX DIALIGHT-555-4XXX Datasheet
25Kb / 3P
   2mm LED CBI Circuit Board Indicator Quad
553-0177F DIALIGHT-553-0177F Datasheet
640Kb / 16P
   CBI LED Circuit Board Indicator Selector Guide
564-0100-132F DIALIGHT-564-0100-132F Datasheet
39Kb / 2P
   LED CBI Circuit Board Indicator Tri-Level
555-2003F DIALIGHT-555-2003F Datasheet
58Kb / 3P
   2mm LED CBI Circuit Board Indicator Single
552-0XXX DIALIGHT-552-0XXX Datasheet
84Kb / 11P
   5mm LED CBI Circuit Board Indicator Bi-level
564-0X00-XXX DIALIGHT-564-0X00-XXX Datasheet
65Kb / 8P
   3mm LED CBI Circuit Board Indicator Tri-Level
568-0X0X-XXX DIALIGHT-568-0X0X-XXX Datasheet
25Kb / 2P
   3mm LED CBI Circuit Board Indicator Quad-Level
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com