Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51-359-007 Datasheet(PDF) 1 Page - Spectrum Microwave, Inc.

Part # 51-359-007
Description  Hermetically Sealed Threaded Case Filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

51-359-007 Datasheet(HTML) 1 Page - Spectrum Microwave, Inc.

  51-359-007 Datasheet HTML 1Page - Spectrum Microwave, Inc. 51-359-007 Datasheet HTML 2Page - Spectrum Microwave, Inc. 51-359-007 Datasheet HTML 3Page - Spectrum Microwave, Inc. 51-359-007 Datasheet HTML 4Page - Spectrum Microwave, Inc. 51-359-007 Datasheet HTML 5Page - Spectrum Microwave, Inc. 51-359-007 Datasheet HTML 6Page - Spectrum Microwave, Inc. 51-359-007 Datasheet HTML 7Page - Spectrum Microwave, Inc. 51-359-007 Datasheet HTML 8Page - Spectrum Microwave, Inc. 51-359-007 Datasheet HTML 9Page - Spectrum Microwave, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Hermetically Sealed
Threaded Case Filters
This series of filters features hermetic glass seals and
high EMI filtering performance. They are excellent for
critical applications that demand high reliability in the
toughest environmental conditions and provide broad-
band high performance EMI filtering from 10 KHz to
over 10 GHz.
Features
s Popular .375", .410" and .690" case diameters
s Voltage ratings from 50 VDC to 400 VDC/240 VAC,
400 Hz
s Filter configurations available: C, L, Pi, T and
double T
s MIL-F-15733 and MIL-F-28861 QPL filters available
.160
(4.064)
Max.
A/B
L
ø .385 Max.
(9.78)
.050
(1.27) x .070 (1.78)
Slot, both ends
1/4–28 Unf–2A Thd.
.200
(5.08)
Figure 1
.160
(4.064)
Max.
ø .385 Max.
(9.78)
L
A/B
.050
(1.27) x .070 (1.78)
Slot, both ends
.176
(4.47)
.115 Ref.
(2.92)
#12–32 Unef–2A Thd.
Figure 2
Thread length: A - 0.187 (4.76) B - 0.312 (7.92)
Note: ø .410 Max. for M28861 parts
Dimensions in inches
(mm)
SPECTRUM CONTROL INC. • 8031 Avonia Rd. • Fairview, PA 16415 • Phone: 814-474-2207 • Fax: 814-474-2208 • Web site: www.spectrumcontrol.com
SPECTRUM CONTROL GmbH • Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
86
*1566 PRINTER 063-120 v2
12/4/06
9:13 AM
Page 22


Similar Part No. - 51-359-007

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
51-359-001 APITECH-51-359-001 Datasheet
1Mb / 16P
   Hermetically Sealed Threaded Case Filters
51-359-001 APITECH-51-359-001 Datasheet
53Kb / 1P
   LOW Pass EMI Filter
More results

Similar Description - 51-359-007

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
51-311-308 APITECH-51-311-308 Datasheet
1Mb / 16P
   Hermetically Sealed Threaded Case Filters
logo
List of Unclassifed Man...
CL700 ETC2-CL700 Datasheet
39Kb / 1P
   HERMETICALLY SEALED TO-5 CASE
logo
Microsemi Corporation
1N4614 MICROSEMI-1N4614 Datasheet
120Kb / 2P
   Hermetically sealed glass case. DO - 35 outline.
logo
Thinki Semiconductor Co...
1N60 THINKISEMI-1N60 Datasheet
3Mb / 2P
   Hermetically Sealed Glass Case Point Contact Germanium Diode
logo
Vishay Siliconix
TSTS730 VISHAY-TSTS730 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS750 VISHAY-TSTS750 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7100 VISHAY-TSTA7100 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7300 VISHAY-TSTA7300 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7500 VISHAY-TSTA7500 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS710 VISHAY-TSTS710 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com