Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9053-100-0002 Datasheet(PDF) 3 Page - Spectrum Microwave, Inc.

Part # 9053-100-0002
Description  Hermetically Sealed Threaded Case Filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

9053-100-0002 Datasheet(HTML) 3 Page - Spectrum Microwave, Inc.

  9053-100-0002 Datasheet HTML 1Page - Spectrum Microwave, Inc. 9053-100-0002 Datasheet HTML 2Page - Spectrum Microwave, Inc. 9053-100-0002 Datasheet HTML 3Page - Spectrum Microwave, Inc. 9053-100-0002 Datasheet HTML 4Page - Spectrum Microwave, Inc. 9053-100-0002 Datasheet HTML 5Page - Spectrum Microwave, Inc. 9053-100-0002 Datasheet HTML 6Page - Spectrum Microwave, Inc. 9053-100-0002 Datasheet HTML 7Page - Spectrum Microwave, Inc. 9053-100-0002 Datasheet HTML 8Page - Spectrum Microwave, Inc. 9053-100-0002 Datasheet HTML 9Page - Spectrum Microwave, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Hermetically Sealed
Threaded Case Filters
.375 ø L Circuit
Threaded
End
Threaded
End
85°C
125°C
Rated Voltage
DC
AC
15
15
15
15
15
15
15
15
15
20
15
9
25
28
28
25
28
28
28
28
28
34
25
20
34
33
33
34
33
33
33
33
33
40
34
29
44
44
44
44
44
44
44
44
44
49
44
39
60
60
60
60
60
60
60
60
60
60
60
52
Minimum Insertion Loss (dB)
CKT
Min
Cap
µF
150
KHz
Part Number
.375 ø L Standard Low Profile
¦ 9051-100-0000
¦ 51-359-001 €
SCI-1021-000
¦ 9053-100-0001
¦ 51-717-001 €
51-344-006
¦ SCI-1020-000
SCI-1021-020
¦ SCI-1020-020
SCI-1150-001
9051-101-0018
¦ 9053-100-0008
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
2*
1
2*
4
1
2*
1
1
5
1
LB
LB
LB
LB
LB
LB
LB
LB
LB
LB
LB
LB
1.200
1.400
1.400
1.400
1.400
1.400
1.400
1.400
1.400
2.800
1.400
0.700
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
80
80
80
80
80
80
80
80
80
80
80
100
50
50
50
50
50
50
50
50
50
50
50
70
DC
AC
MIL
No
Max
L
0.370
0.370
0.280
0.370
0.325
0.330
0.370
0.280
0.370
0.450
0.450
0.370
(9.398)
(9.398)
(7.112)
(9.398)
(8.255)
(8.382)
(9.398)
(7.112)
(9.398)
(11.430)
(11.430)
(9.398)
In
(mm)
DCR
Max
Ohms
0.005
0.005
0.003
0.005
0.005
0.005
0.003
0.003
0.003
0.003
0.001
0.005
Thd
Lgth
A
A
A
A
A
A
A
B
B
B
A
A
I
Amp
15
15
15
15
15
15
15
15
15
15
25
15
* Part is resin sealed, this is not a hermetic part.
¦ Also available through Spectrum Control’s authorized distributors.
Also available through Spectrum Control’s authorized European distributors/agents.
◊ Note: 0.462" (11.73mm) length from mounting
surface to end of lead — not 0.347" (8.8mm).
ø .385 Max.
(9.78)
L
A/B
.160
(4.064)
Max.
.200
(5.08)
1/4–28 Unf–2A Thd.
.050
(1.27) x .070 (1.78)
Slot, both ends
Figure 1
.347
(8.814)
.080
(2.032)
Max.
A/B
L
ø .040
± .001
(1.02
± .025)
ø .410
(10.41)
Max.
.200
(5.08)
1/4–28 Unf–2A Thd.
Resin Sealed
Not Hermetically Sealed
Figure 2
.200
(5.08)
.467
(11.86)
Max.
ø .040
± .001
(1.02
± .025)
Typ.
ø .410
(10.41)
Max.
A/B
L
1/4–28 Unf–2A Thd.
Figure 3
.200
(5.08)
ø .385
(9.78)
Max.
ø .040
(1.02)
1/4–28 Unf–2A Thd.
L
A/B
.343
(8.712)
Max.
Figure 4
.200
(5.08)
#16Awg,
.051
(1.30) ø
ø .385
(9.78)
Max.
.250
± .030
(6.35
± 0.8)
L
A/B
1/4–28 Unf–2A Thd.
Figure 5
Thread length: A - 0.187 (4.76) B - 0.312 (7.92)
Note: ø .410 Max. for
M28861 parts
L-C Filter LT
L-C Filter LB
Dimensions in inches
(mm)
SPECTRUM CONTROL INC. • 8031 Avonia Rd. • Fairview, PA 16415 • Phone: 814-474-2207 • Fax: 814-474-2208 • Web site: www.spectrumcontrol.com
SPECTRUM CONTROL GmbH • Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
88
*1566 PRINTER 063-120 v2
12/4/06
9:13 AM
Page 24


Similar Part No. - 9053-100-0002

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
9053-100-0002 APITECH-9053-100-0002 Datasheet
55Kb / 1P
   LOW Pass EMI Filter
More results

Similar Description - 9053-100-0002

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
51-311-308 APITECH-51-311-308 Datasheet
1Mb / 16P
   Hermetically Sealed Threaded Case Filters
logo
List of Unclassifed Man...
CL700 ETC2-CL700 Datasheet
39Kb / 1P
   HERMETICALLY SEALED TO-5 CASE
logo
Microsemi Corporation
1N4614 MICROSEMI-1N4614 Datasheet
120Kb / 2P
   Hermetically sealed glass case. DO - 35 outline.
logo
Thinki Semiconductor Co...
1N60 THINKISEMI-1N60 Datasheet
3Mb / 2P
   Hermetically Sealed Glass Case Point Contact Germanium Diode
logo
Vishay Siliconix
TSTS730 VISHAY-TSTS730 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS750 VISHAY-TSTS750 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7100 VISHAY-TSTA7100 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7300 VISHAY-TSTA7300 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7500 VISHAY-TSTA7500 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS710 VISHAY-TSTS710 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com