Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51B-N5-40W3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 51B-N5-40W3
Description  Beacons with Horn Flashing Incandescent
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

51B-N5-40W3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  51B-N5-40W3 Datasheet HTML 1Page - List of Unclassifed Manufacturers 51B-N5-40W3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.edwardssignaling.com
3-8
TM
3
Beacons with Horn
Flashing Incandescent
51 Series
Edwards 51 Series Flashing Incandescent
beacons with integrated horns are combination
visual and audible signaling devices, designed for
indoor or outdoor applications. The integrated
horn is synchronized with the flashing
incandescent. The base is cast and can function
as a junction box. The double fresnel lens is made
of shatter-resistant polycarbonate and optically
engineered to maximize light distribution and
viewing distance.
Features and Specifications
• Incandescentlightsourcewithintegratedhorn
• Flashrate65fpm
• Shatter-resistantdoublefresnel
polycarbonate lens
• Castbasecanfunctionasajunctionbox
• Suitableforuseinindoorandoutdoor
applications
• Hornis95dBat1meter/85dBat10ft.
• Optionforpanel,conduitorboxmounting
• Operatingtemperaturerange:-31ºFto150ºF
(-35ºCto66ºC)
Ordering Information
Description
Cat. No.
Operating
Voltage4
Current
Lamp
Ratings
Lens
Color
Replacement
Lens
Horn
Flasher
Lamp
24V AC
51A-G5-20W
24V AC
1.1 A
40 watts
266 lumens1
3341 candela
3,920 hours
Amber
92-LA
123A-G5
P-041917-0029
Industry Trade
No. 16385
51B-G5-20W
24V AC
1.1 A
Blue
92-LB
123A-G5
P-041917-0029
51C-G5-20W
24V AC
1.1 A
Clear
92-LC
123A-G5
P-041917-0029
51G-G5-20W
24V AC
1.1 A
Green
92-LG
123A-G5
P-041917-0029
51M-G5-20W
24V AC
1.1 A
Magenta
92-LM
123A-G5
P-041917-0029
51R-G5-20W
24V AC
1.1 A
Red
92-LR
123A-G5
P-041917-0029
120V AC
51A-N5-40W3
120V AC
0.29 A
24 watts
189 lumens1
2374 candela
700 hours2
Amber
92-LA
123A-N5
P-041917-0026
50LMP-40W
(P-041695-
0108)
51B-N5-40W3
120V AC
0.29 A
Blue
92-LB
123A-N5
P-041917-0026
51C-N5-40W3
120V AC
0.29 A
Clear
92-LC
123A-N5
P-041917-0026
51G-N5-40W3
120V AC
0.29 A
Green
92-LG
123A-N5
P-041917-0026
51M-N5-40W3
120V AC
0.29 A
Magenta
92-LM
123A-N5
P-041917-0026
51R-N5-40W3
120V AC
0.29 A
Red
92-LR
123A-N5
P-041917-0026
12V DC
51A-E1
12V DC
1.0 A
24 watts
402 lumens1
5049 candela
3,180 hours2
Amber
92-LA
118-G1
P-041917-0028
Industry Trade
No. 945
51B-E1
12V DC
1.0 A
Blue
92-LB
118-G1
P-041917-0028
51C-E1
12V DC
1.0 A
Clear
92-LC
118-G1
P-041917-0028
51G-E1
12V DC
1.0 A
Green
92-LG
118-G1
P-041917-0028
51M-E1
12V DC
1.0 A
Magenta
92-LM
118-G1
P-041917-0028
51R-E1
12V DC
1.0 A
Red
92-LR
118-G1
P-041917-0028
24V DC
51A-G1
24V DC
1.0 A
20 watts
402 lumens1
5049 candela
3,180 hours
Amber
92-LA
118-G1
P-041917-0028
Industry Trade
No. 16385
51B-G1
24V DC
1.0 A
Blue
92-LB
118-G1
P-041917-0028
51C-G1
24V DC
1.0 A
Clear
92-LC
118-G1
P-041917-0028
51G-G1
24V DC
1.0 A
Green
92-LG
118-G1
P-041917-0028
51M-G1
24V DC
1.0 A
Magenta
92-LM
118-G1
P-041917-0028
51R-G1
24V DC
1.0 A
Red
92-LR
118-G1
P-041917-0028
1Bulb manufacturer’s lumen rating
2Projected lamp life based on manufacturer’s calculated lamp life at 65 fpm and 50% duty cycle.
3OnlytheseareULlisted.
4AC voltage frequency is 50/60 Hz
5User supplied
AC
95 dB
INCAND.
150°F
-31°F
OP TEMP
DC
6"
R A
G B C
M


Similar Part No. - 51B-N5-40W3

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
51B MKS-51B Datasheet
181Kb / 4P
   Provides high reliability which reduces downtime and lowers the cost of ownership
More results

Similar Description - 51B-N5-40W3

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DL1BEB SCHNEIDER-DL1BEB Datasheet
73Kb / 1P
   Tower Light and Beacons, clear incandescent bulb, BA15d, 24 V, 7 W
Aug 10, 2019
DL1BEG SCHNEIDER-DL1BEG Datasheet
72Kb / 1P
   Tower Light and Beacons, clear incandescent bulb, BA15d, 120 V, 7 W
Aug 10, 2019
XVBL4B5 SCHNEIDER-XVBL4B5 Datasheet
119Kb / 4P
   Harmony XVB, Illuminated beacon, plastic orange, 횠70, flashing, incandescent with BA 15d base, 24 V AC
XVBL4M4 SCHNEIDER-XVBL4M4 Datasheet
123Kb / 4P
   Harmony XVB, Illuminated beacon, plastic, red, 횠70, flashing, incandescent with BA 15d base, 48??30 V AC
logo
List of Unclassifed Man...
LEDS100-01 ETC2-LEDS100-01 Datasheet
3Mb / 1P
   Industrial LED ECO Beacons
LED-TLM-02 ETC2-LED-TLM-02 Datasheet
3Mb / 1P
   Industrial LED ECO Beacons
logo
Advanced XTAL Products
AXIOM20-17 AXTAL-AXIOM20-17 Datasheet
60Kb / 2P
   OCXO for Cospas-Sarsat Beacons
logo
Microchip Technology
RE46C317 MICROCHIP-RE46C317 Datasheet
577Kb / 22P
   Piezoelectric Horn Driver with Boost Converter
11/29/12 2012-2013
logo
Schneider Electric
2550101027 SCHNEIDER-2550101027 Datasheet
121Kb / 2P
   LAMP Incandescent bulb
Jan 20, 2022
logo
List of Unclassifed Man...
SL7-BL24-A ETC2-SL7-BL24-A Datasheet
257Kb / 3P
   LED flashing light,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com