Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

51G-G5-20W Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 51G-G5-20W
Description  Beacons with Horn Flashing Incandescent
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

51G-G5-20W Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  51G-G5-20W Datasheet HTML 1Page - List of Unclassifed Manufacturers 51G-G5-20W Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.edwardssignaling.com
3-9
TM
3
Beacons with Horn
Flashing Incandescent
51 Series
Accessories
Description
Cat. No.
Corner Mount Bracket
CBR
Wall Mount Bracket
WBR
Lens Guard
92-GRD
Signal Input Load
Characteristics
These devices may be operated by PLCs with output characteristics that match the input load requirements of the signal.
Cat. No.
Operating
Voltage
Max. Off State Leakage
Current (A)
Continuous On
Current (A)
Surge
(Inrush / Duration)
51*-N5-40W
120V AC 60 Hz
0.025
0.350
2 A / 8 mSeconds
51*-G1
24V DC
0.025
1.1
3 A / 100 mSeconds
*Letterinthispositiondesignateslenscolor:A-amber,B-blue,C-clear,G-green,M-magentaorR-red
Weights and Dimensions
Cat. No.
Approx. Net
Weight (lb.)
Approx. Shipping
Weight (lb.)
51*-G5-20W
1.72
2.06
51*-N5-40W
1.72
2.06
51*-E1
1.66
2.00
51*-G1
1.66
2.00
7 3/8"
(187mm)
3 1/2"
(89mm)
6"
(152mm)
3/4" (19mm)
1/2" (13mm)
conduit hole
CBR
Corner Mount Bracket
WBR
Wall Mount Bracket
92-GRD
Lens Guard
Standard mounting options are 1/2" (13mm)
conduit, direct surface or 4" (102mm)
octagonal box.


Similar Description - 51G-G5-20W

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DL1BEB SCHNEIDER-DL1BEB Datasheet
73Kb / 1P
   Tower Light and Beacons, clear incandescent bulb, BA15d, 24 V, 7 W
Aug 10, 2019
DL1BEG SCHNEIDER-DL1BEG Datasheet
72Kb / 1P
   Tower Light and Beacons, clear incandescent bulb, BA15d, 120 V, 7 W
Aug 10, 2019
XVBL4B5 SCHNEIDER-XVBL4B5 Datasheet
119Kb / 4P
   Harmony XVB, Illuminated beacon, plastic orange, 횠70, flashing, incandescent with BA 15d base, 24 V AC
XVBL4M4 SCHNEIDER-XVBL4M4 Datasheet
123Kb / 4P
   Harmony XVB, Illuminated beacon, plastic, red, 횠70, flashing, incandescent with BA 15d base, 48??30 V AC
logo
List of Unclassifed Man...
LEDS100-01 ETC2-LEDS100-01 Datasheet
3Mb / 1P
   Industrial LED ECO Beacons
LED-TLM-02 ETC2-LED-TLM-02 Datasheet
3Mb / 1P
   Industrial LED ECO Beacons
logo
Advanced XTAL Products
AXIOM20-17 AXTAL-AXIOM20-17 Datasheet
60Kb / 2P
   OCXO for Cospas-Sarsat Beacons
logo
Microchip Technology
RE46C317 MICROCHIP-RE46C317 Datasheet
577Kb / 22P
   Piezoelectric Horn Driver with Boost Converter
11/29/12 2012-2013
logo
Schneider Electric
2550101027 SCHNEIDER-2550101027 Datasheet
121Kb / 2P
   LAMP Incandescent bulb
Jan 20, 2022
logo
List of Unclassifed Man...
SL7-BL24-A ETC2-SL7-BL24-A Datasheet
257Kb / 3P
   LED flashing light,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com