Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54-367-008 Datasheet(PDF) 11 Page - Spectrum Microwave, Inc.

Part # 54-367-008
Description  Hermetically Sealed Threaded Case Filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

54-367-008 Datasheet(HTML) 11 Page - Spectrum Microwave, Inc.

Back Button 54-367-008 Datasheet HTML 7Page - Spectrum Microwave, Inc. 54-367-008 Datasheet HTML 8Page - Spectrum Microwave, Inc. 54-367-008 Datasheet HTML 9Page - Spectrum Microwave, Inc. 54-367-008 Datasheet HTML 10Page - Spectrum Microwave, Inc. 54-367-008 Datasheet HTML 11Page - Spectrum Microwave, Inc. 54-367-008 Datasheet HTML 12Page - Spectrum Microwave, Inc. 54-367-008 Datasheet HTML 13Page - Spectrum Microwave, Inc. 54-367-008 Datasheet HTML 14Page - Spectrum Microwave, Inc. 54-367-008 Datasheet HTML 15Page - Spectrum Microwave, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Hermetically Sealed
Threaded Case Filters
85°C
125°C
Rated Voltage
DC
AC
70
15
15
12
12
5
5
70
33
29
29
52
33
24
25
48
12
18
18
70
54
35
35
70
56
54
32
70
38
24
24
70
70
42
42
70
70
70
42
70
70
34
34
70
70
55
55
70
70
70
55
70
70
55
55
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
.375 ø TT Circuit Standard Product
SCI-2060-009
SCI-2060-013
SCI-2060-007
SCI-2060-014
SCI-2160-011
SCI-2160-012
SCI-2160-013
SCI-2160-014
SCI-2360-011
SCI-2360-006
SCI-2360-007
SCI-2360-014
See
Pg. 93
for Fig.
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
1
1
1
1
1
1
1
1
0.25
3.00
10.0
10.0
1.00
2.00
3.00
10.0
1.00
3.00
10.0
10.0
1.500
1.500
1.500
1.500
1.500
1.500
1.500
1.400
0.500
0.500
0.500
0.500
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
50
50
50
50
100
100
100
100
300
300
300
300
125
125
125
125
DC
AC
MIL
No
Max
L
1.241
1.241
1.241
1.241
1.241
1.241
1.241
1.241
1.241
1.241
1.241
1.241
(31.521)
(31.521)
(31.521)
(31.521)
(31.521)
(31.521)
(31.521)
(31.521)
(31.521)
(31.521)
(31.521)
(31.521)
In
(mm)
DCR
Max
Ohms
12.000
0.081
0.006
0.006
0.750
0.189
0.081
0.006
0.750
0.080
0.006
0.006
Thd
Lgth
B
B
A
B
B
B
B
B
B
A
A
B
SPECTRUM CONTROL INC. • 8031 Avonia Rd. • Fairview, PA 16415 • Phone: 814-474-2207 • Fax: 814-474-2208 • Web site: www.spectrumcontrol.com
SPECTRUM CONTROL GmbH • Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
96
*1566 PRINTER 063-120 v2
12/4/06
9:13 AM
Page 32


Similar Part No. - 54-367-008

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
54-367-008 APITECH-54-367-008 Datasheet
1Mb / 16P
   High temperature terminal construction
54-367-008 APITECH-54-367-008 Datasheet
1Mb / 16P
   Hermetically Sealed Threaded Case Filters
More results

Similar Description - 54-367-008

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
51-311-308 APITECH-51-311-308 Datasheet
1Mb / 16P
   Hermetically Sealed Threaded Case Filters
logo
List of Unclassifed Man...
CL700 ETC2-CL700 Datasheet
39Kb / 1P
   HERMETICALLY SEALED TO-5 CASE
logo
Microsemi Corporation
1N4614 MICROSEMI-1N4614 Datasheet
120Kb / 2P
   Hermetically sealed glass case. DO - 35 outline.
logo
Thinki Semiconductor Co...
1N60 THINKISEMI-1N60 Datasheet
3Mb / 2P
   Hermetically Sealed Glass Case Point Contact Germanium Diode
logo
Vishay Siliconix
TSTS730 VISHAY-TSTS730 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS750 VISHAY-TSTS750 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7100 VISHAY-TSTA7100 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7300 VISHAY-TSTA7300 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTA7500 VISHAY-TSTA7500 Datasheet
82Kb / 6P
   GaAlAs IR Emitting Diode in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
TSTS710 VISHAY-TSTS710 Datasheet
81Kb / 5P
   GaAs IR Emitting Diodes in Hermetically Sealed TO18 Case
Rev. 2, 20-May-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com