Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-2212 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-2212
Description  Very High CMR, Wide VCC Logic Gate Optocouplers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2212 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-2212 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-2212 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
Regulatory Information
The HCPL-22XX/02XX and HCNW22XX have been approved by the following organizations:
UL
Recognized under UL 1577, Component Recognition
Program, File E55361.
CSA
Approved under CSA Component Acceptance Notice
#5, File CA 88324.
IEC/EN/DIN EN 60747-5-2
Approved under:
IEC 60747-5-2:1997 + A1:2002
EN 60747-5-2:2001 + A1:2002
DIN EN 60747-5-2 (VDE 0884 Teil 2):2003-01
(Option 060 and HCNW only)
Recommended Pb-Free IR Profile
Insulation and Safety Related Specifications
8-pin DIP Package
8-Pin DIP
Widebody
(300 Mil)
SO-8
(400 Mil)
Parameter
Symbol
Value
Value
Value
Units
Conditions
Minimum External
L(101)
7.1
4.9
9.6
mm
Measured from input terminals
Air Gap (External
to output terminals, shortest
Clearance)
distance through air.
Minimum External
L(102)
7.4
4.8
10.0
mm
Measured from input terminals
Tracking (External
to output terminals, shortest
Creepage)
distance path along body.
Minimum Internal
0.08
0.08
1.0
mm
Through insulation distance,
Plastic Gap
conductor to conductor, usually
(Internal Clearance)
the direct distance between the
photoemitter and photodetector
inside the optocoupler cavity.
Minimum Internal
NA
NA
4.0
mm
Measured from input terminals
Tracking (Internal
to output terminals, along
Creepage)
internal cavity.
Tracking Resistance
CTI
200
200
200
Volts
DIN IEC 112/VDE 0303 Part 1
(Comparative
Tracking Index)
Isolation Group
IIIa
IIIa
IIIa
Material Group
(DIN VDE 0110, 1/89, Table 1)
Option 300 - surface mount classification is Class A in accordance with CECC 00802.
217
°C
RAMP-DOWN
6
°C/SEC. MAX.
RAMP-UP
3
°C/SEC. MAX.
150 - 200
°C
* 260 +0/-5
°C
t 25
°C to PEAK
60 to 150 SEC.
15 SEC.
TIME WITHIN 5
°C of ACTUAL
PEAK TEMPERATURE
tp
ts
PREHEAT
60 to 180 SEC.
tL
TL
Tsmax
Tsmin
25
Tp
TIME
NOTES:
THE TIME FROM 25
°C to PEAK
TEMPERATURE = 8 MINUTES MAX.
Tsmax = 200 °C, Tsmin = 150 °C
NOTE: NON-HALIDE FLUX SHOULD BE USED.
* RECOMMENDED PEAK TEMPERATURE
FOR WIDEBODY 400mils PACKAGE IS 245
°C


Similar Part No. - HCPL-2212

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-2212 HP-HCPL-2212 Datasheet
204Kb / 11P
   Low Input Current Logic Gate Optocouplers
HCPL-2212 HP-HCPL-2212 Datasheet
239Kb / 15P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2212 HP-HCPL-2212 Datasheet
260Kb / 16P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2212 AVAGO-HCPL-2212 Datasheet
389Kb / 18P
   The HCPL-22XX, HCPL-02XX, and HCNW22XX are optically coupled logic gates. The HCPL??2XX, and HCPL-02XX contain a GaAsP LED while the HCNW22XX contains an AlGaAs LED.
HCPL-2212 AVAGO-HCPL-2212 Datasheet
426Kb / 13P
   Low Input Current Logic Gate Optocouplers
More results

Similar Description - HCPL-2212

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2211-300 AVAGO-HCPL-2211-300 Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2232-300E AVAGO-HCPL-2232-300E Datasheet
321Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2202-300E AVAGO-HCPL-2202-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2201 HP-HCPL-2201 Datasheet
239Kb / 15P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0201-000E AVAGO-HCPL-0201-000E Datasheet
321Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2201-560E AVAGO-HCPL-2201-560E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-2231-300E AVAGO-HCPL-2231-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL2201 HP-HCPL2201 Datasheet
260Kb / 16P
   Very High CMR, Wide VCC Logic Gate Optocouplers
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com