Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB755TAZ Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPB755TAZ
Description  Reflective Object Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB755TAZ Datasheet(HTML) 1 Page - OPTEK Technologies

  OPB755TAZ Datasheet HTML 1Page - OPTEK Technologies OPB755TAZ Datasheet HTML 2Page - OPTEK Technologies OPB755TAZ Datasheet HTML 3Page - OPTEK Technologies OPB755TAZ Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com
Issue A.3
05/08
Page 1 of 4
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Reflective Object Sensor
OPB750N, OPB750T
OPB755NZ, OPB755TZ, OPB755TAZ
Description:
Each sensor in the OPB750 and OPB755 series has a reflective assembly that features a Light
Emitting Diode (LED) and phototransistor output designed to decrease low-level light, while not
affecting the high-level light gain.
The OPB750N and OPB750T devices have are designed for PCBoard mounting with 0.40” (10 mm)
length leads. OPB755NZ, OPB755TZ and OPB755TAZ assemblies are designed for remote
mounting. The OPB755NZ and OPB755TZ have 12” (305 mm) UL rated wire, 26 AWG wire leads
that terminate into an AMP # 3-640442-5 connector. The OPB755TAZ has 24” (610 mm) UL rated
wire, 26 AWG leads. The OPB750T, OPB755TZ and OPB755TAZ have two mounting tabs while
the OPB750N and OPB755NZ have no mounting tabs.
Photologic® output versions are available with the OPB760 and OPB770 series.
Custom electrical, wire and cabling and connectors are available. Contact your local representative
or OPTEK for more information.
Features:
High contrast ratio (1,000 :1 minimum)
Low cost plastic housing
PCBoard mount (OPB750N, OPB750T)
12” (305 mm) 26 AWG wires (OPB755NZ, OPB755TZ)
Available with no-mounting tabs “N” package
Available with two mounting tabs “T” package
Product Photo Here
OPB750
OPB755TAZ
Applications:
Non-contact reflective object
sensor
Assembly line automation
Machine automation
Machine safety
End of travel sensor
RoHS
Ordering Information
Part
Number
LED Peak
Wavelength
Sensor
Reflection Distance
Inch
Lead
Length
Tabs
OPB750N
890 nm
Transistor
& Rbe
0.080" (2.03 mm)
0.40"
No tabs
0.150" (3.81 mm)
0.220" (5.59 mm)
OPB750T
0.080" (2.03 mm)
2 Tabs
0.150" (3.81 mm)
0.220" (5.59 mm)
OPB755NZ
890 nm
Transistor
& Rbe
0.080" (2.03 mm)
12" / 26
AWG Wire
with
connector
No tabs
0.150" (3.81 mm)
0.220" (5.59 mm)
OPB755TZ
0.080" (2.03 mm)
2 Tabs
0.150" (3.81 mm)
0.220" (5.59 mm)
OPB755TAZ
0.080" (2.03 mm)
0.150" (3.81 mm)
0.220" (5.59 mm)
24" / 26
AWG Wire
NO
connector
OPB755TZ


Similar Part No. - OPB755TAZ

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB755TAZ TTELEC-OPB755TAZ Datasheet
165Kb / 4P
   Reflective Object Sensor
More results

Similar Description - OPB755TAZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
164Kb / 4P
   REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB745 OPTEK-OPB745 Datasheet
217Kb / 2P
   REFLECTIVE OBJECT SENSOR
logo
List of Unclassifed Man...
MSA7 ETC1-MSA7 Datasheet
341Kb / 5P
   REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB750N OPTEK-OPB750N Datasheet
423Kb / 2P
   Reflective Object Sensor
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
200Kb / 4P
   Reflective Object Sensor
logo
OPTEK Technologies
OPB703 OPTEK-OPB703 Datasheet
375Kb / 10P
   Reflective Object Sensor
OPB125A OPTEK-OPB125A Datasheet
83Kb / 2P
   REFLECTIVE OBJECT SENSOR
logo
QT Optoelectronics
OPB706A QT-OPB706A Datasheet
160Kb / 2P
   REFLECTIVE OBJECT SENSOR
logo
Fairchild Semiconductor
QRE1113 FAIRCHILD-QRE1113 Datasheet
337Kb / 5P
   REFLECTIVE OBJECT SENSOR
logo
TT Electronics.
OPB706A TTELEC-OPB706A Datasheet
299Kb / 4P
   Reflective Object Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com