Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB700ALZ Datasheet(PDF) 5 Page - OPTEK Technologies

Part # OPB700ALZ
Description  Reflective Object Sensor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB700ALZ Datasheet(HTML) 5 Page - OPTEK Technologies

  OPB700ALZ Datasheet HTML 1Page - OPTEK Technologies OPB700ALZ Datasheet HTML 2Page - OPTEK Technologies OPB700ALZ Datasheet HTML 3Page - OPTEK Technologies OPB700ALZ Datasheet HTML 4Page - OPTEK Technologies OPB700ALZ Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A 1
02/07
Page 5 of 5
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Reflective Object Sensor
OPB700Z, OPB700ALZ, OPB701Z, OPB701ALZ
OPB701 - Normalized Collector Current
vs Distance
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Distance (inches)
Kodak 90%
Kodak 18%
Copier Paper
Avery Label
Retro Reflective
Normalized with Kodak 90% and
Distance = 0.150"
OPB701 - Normalized Collector Current
vs Forward Current vs Temperature
0.0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
20
25
30
35
40
Forward Current - mA
-40° C
-20° C
0° C
20° C
40° C
60° C
80° C
Normalized Collector Current at 20mA and 20°C
OPB701 - Forward Voltage vs Forward Current
vs Temperature
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.60
0
5
10
15
20
25
30
35
40
Forward Current (mA)
-40° C
-20° C
0° C
20° C
40° C
60° C
80°C
LED—Forward Voltage vs Forward Current
vs Temperature


Similar Part No. - OPB700ALZ

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB700ALZ TTELEC-OPB700ALZ Datasheet
1Mb / 6P
   Reflective Object Sensor
More results

Similar Description - OPB700ALZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
164Kb / 4P
   REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB745 OPTEK-OPB745 Datasheet
217Kb / 2P
   REFLECTIVE OBJECT SENSOR
OPB750 OPTEK-OPB750_14 Datasheet
165Kb / 4P
   Reflective Object Sensor
logo
List of Unclassifed Man...
MSA7 ETC1-MSA7 Datasheet
341Kb / 5P
   REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB750N OPTEK-OPB750N Datasheet
423Kb / 2P
   Reflective Object Sensor
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
200Kb / 4P
   Reflective Object Sensor
logo
OPTEK Technologies
OPB703 OPTEK-OPB703 Datasheet
375Kb / 10P
   Reflective Object Sensor
OPB125A OPTEK-OPB125A Datasheet
83Kb / 2P
   REFLECTIVE OBJECT SENSOR
logo
QT Optoelectronics
OPB706A QT-OPB706A Datasheet
160Kb / 2P
   REFLECTIVE OBJECT SENSOR
logo
Fairchild Semiconductor
QRE1113 FAIRCHILD-QRE1113 Datasheet
337Kb / 5P
   REFLECTIVE OBJECT SENSOR
logo
TT Electronics.
OPB706A TTELEC-OPB706A Datasheet
299Kb / 4P
   Reflective Object Sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com