Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP602TX Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OP602TX
Description  High Reliability NPN Silicon Phototransistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP602TX Datasheet(HTML) 2 Page - OPTEK Technologies

  OP602TX Datasheet HTML 1Page - OPTEK Technologies OP602TX Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@OPTEKinc.com www.OPTEKinc.com
Issue A
08/2010
Page 2 of 2
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
High Reliability NPN Silicon Phototransistor
OP602, OP603, OP604 (TX, TXV)
OP604 (S)
Electrical Characteristics (TA = 25°C unless otherwise noted)
Input Diode
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
IC (ON)
On-State Collector Current
OP602TX, OP602TXV
OP603TX, OP603TXV
OP604TX, OP604TXV, OP604S
2
4
7
-
5
8
-
mA
VCE = 5.0 V, EE = 20 mW/cm
2(3)(4)
ICEO
Collector Dark Current
-
-
25
nA
VCE = 10.0 V, EE = 0
-
-
100
µA
VCE = 30.0 V, EE = 0 TA = 100° C
V(BR)CEO
Collector-Emitter Breakdown Voltage
50
-
-
V
IC= 100 µA, EE = 0
V(BR)ECO
Emitter-Collector Breakdown Voltage
7
-
-
V
IC= 100 µA, EE = 0
VCE(SAT)
Collector-Emitter Saturation Voltage
-
-
0.4
V
IC = 0.4 mA, EE = 20 mW/cm
(2)(3)(4)
tf
Rise Time
-
-
20
VCC = 30 V, IC = 1.00 mA,
RL = 100 Ω(2)(3)(4)
tr
Fall Time
-
-
20
µs
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage Temperature Range
-65° C to +150° C
Operating Temperature Range
-55° C to +125° C
Collector-Emitter Voltage
50 V
Emitter-Collector Voltage
7.0 V
Soldering Temperature (5 seconds with soldering iron)(1)
260° C
Power Dissipation(2)
50 mW
Notes:
(1) Refer to Application Bulleting 202, which discusses proper techniques for soldering pill-type devices to PCBoards.
(2) No clean or low solids. RMA flux is recommended. Duration can be extended to 10 seconds maximum when wave soldering.
(3) Derate linearly 0.5 mW/° C above 25° C.
(4) Junction temperature maintained at 25° C.
(5) Light source is an unfiltered tungsten lamp operating at CT=2870 K or equivalent source.


Similar Part No. - OP602TX

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP602TX OPTEK-OP602TX Datasheet
231Kb / 2P
   Hi- Reliability NPN Silicon Phototransistors
OP602TX OPTEK-OP602TX Datasheet
206Kb / 2P
   OP602TX_14
logo
TT Electronics.
OP602TX TTELEC-OP602TX Datasheet
646Kb / 2P
   High Reliability NPN Silicon Phototransistor
logo
OPTEK Technologies
OP602TXV OPTEK-OP602TXV Datasheet
206Kb / 2P
   OP602TX_14
logo
TT Electronics.
OP602TXV TTELEC-OP602TXV Datasheet
646Kb / 2P
   High Reliability NPN Silicon Phototransistor
More results

Similar Description - OP602TX

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OP602TX TTELEC-OP602TX Datasheet
646Kb / 2P
   High Reliability NPN Silicon Phototransistor
OP804TX TTELEC-OP804TX Datasheet
579Kb / 2P
   High Reliability NPN Silicon Phototransistor
logo
OPTEK Technologies
OP604ESA-XN OPTEK-OP604ESA-XN Datasheet
231Kb / 2P
   High Reliability NPN Silicon Phototransistor
logo
TT Electronics.
OP803TX TTELEC-OP803TX Datasheet
180Kb / 2P
   High Reliability NPN Silicon Phototransistor
logo
Siemens Semiconductor G...
SFH609 SIEMENS-SFH609 Datasheet
167Kb / 4P
   HIGH RELIABILITY PHOTOTRANSISTOR OPTOCOUPLER
logo
OPTEK Technologies
OP803 OPTEK-OP803 Datasheet
39Kb / 2P
   Hi-Reliability NPN Sil icon Phototransistor
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
   Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
   Silicon NPN Phototransistor
Rev. 1, 24-May-02
logo
Panasonic Semiconductor
PNZ1270 PANASONIC-PNZ1270 Datasheet
45Kb / 2P
   Silicon NPN Phototransistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com