Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMH3020S Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OMH3020S
Description  High Reliability Hallogic Hall-Effect Sensors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OMH3020S Datasheet(HTML) 2 Page - OPTEK Technologies

  OMH3020S Datasheet HTML 1Page - OPTEK Technologies OMH3020S Datasheet HTML 2Page - OPTEK Technologies OMH3020S Datasheet HTML 3Page - OPTEK Technologies OMH3020S Datasheet HTML 4Page - OPTEK Technologies OMH3020S Datasheet HTML 5Page - OPTEK Technologies OMH3020S Datasheet HTML 6Page - OPTEK Technologies OMH3020S Datasheet HTML 7Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue H
11/2011
Page 2 of 7
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
High Reliability Hallogic Hall-Effect Sensors
OMH090 OMH3019, OMH3020, OMH3040, OMH3075,
OMH3131 (B, S versions)
Notes:
(1) Heat sink leads during hand soldering.
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Supply Voltage, VCC
25 V
Storage Temperature Range, TS
-65°C to +150°C
Operating Temperature Range, TA
-55°C to +125°C
Lead Soldering Temperature (1/8 in. (3.2 mm) from case for 5 seconds with soldering iron)
260°C(1)
Output ON Current, ISINK
25 mA
Output OFF Voltage, VOUT
25 V
Magnetic Flux Density, B
Unlimited
25ºC
Part
Number
Hi-Reliability
Hallogic®
Sensor
Operate Point
Gauss
Min / Typ / Max
Release Point
Gauss
Min / Typ / Max
Hysteresis Gauss
Min / Typ / Max
VCC (Volts)
Min / Max
Package
OMH090B
Uni-Polar
Non-Latching
70/90/200
30 / 65 / 180
10 / 30 / 60
4.5 / 24.0
OMH090S
OMH3019B
175 / 300 / 500
125 / 235 / 420
30 / 100 / 155
OMH3019S
OMH3020B
70 / 220 / 350
50 / 180 / 330
15 / 55 / 200
OMH3020S
OMH3040B
70 / 150 / 200
50 / 115 / 180
10 / 35 / 60
OMH3040S
OMH3131B
20 / 60 / 95
10 / 45 / 85
5 / 15 / 40
OMH3131S
OMH3075B
Bi-Polar
Latching
50 / 150 / 250
-250 / -150 / -50
100 / 250 / 500
OMH3075S
Through Hole


Similar Part No. - OMH3020S

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OMH3020S OPTEK-OMH3020S Datasheet
120Kb / 2P
   High Reliability Hallogic Hall Effect Sensor
logo
TT Electronics.
OMH3020S TTELEC-OMH3020S Datasheet
415Kb / 7P
   High Reliability Hallogic짰 Hall-Effect Sensors
More results

Similar Description - OMH3020S

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OMH3131 OPTEK-OMH3131 Datasheet
244Kb / 7P
   High Reliability Hallogic Hall-Effect Sensors
logo
List of Unclassifed Man...
OHN3140 ETC-OHN3140 Datasheet
350Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
OPTEK Technologies
OH360U OPTEK-OH360U Datasheet
330Kb / 2P
   Hallogic hall Effect Sensors
May 1996
OMH360B OPTEK-OMH360B Datasheet
496Kb / 2P
   High Reliability Hallogic Hall Effect Sensor
OMH3019B OPTEK-OMH3019B Datasheet
122Kb / 2P
   High Reliability Hallogic Hall Effect Sensor
OMH3040B OPTEK-OMH3040B Datasheet
488Kb / 2P
   High Reliability Hallogic Hall Effect Sensor
OMH090B OPTEK-OMH090B Datasheet
101Kb / 2P
   high Reliability Hallogic Hall Effect Sensor
OMH3020B OPTEK-OMH3020B Datasheet
120Kb / 2P
   High Reliability Hallogic Hall Effect Sensor
logo
TT Electronics.
OH090U TTELEC-OH090U Datasheet
689Kb / 10P
   Hallogic Hall-Effect Sensors
logo
List of Unclassifed Man...
OH090U ETC-OH090U Datasheet
290Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com