Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMH3019S Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OMH3019S
Description  High Reliability Hallogic Hall-Effect Sensors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OMH3019S Datasheet(HTML) 1 Page - OPTEK Technologies

  OMH3019S Datasheet HTML 1Page - OPTEK Technologies OMH3019S Datasheet HTML 2Page - OPTEK Technologies OMH3019S Datasheet HTML 3Page - OPTEK Technologies OMH3019S Datasheet HTML 4Page - OPTEK Technologies OMH3019S Datasheet HTML 5Page - OPTEK Technologies OMH3019S Datasheet HTML 6Page - OPTEK Technologies OMH3019S Datasheet HTML 7Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue H 11/2011
Page 1 of 7
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
High Reliability Hallogic Hall-Effect Sensors
OMH090 OMH3019, OMH3020, OMH3040, OMH3075,
OMH3131 (B, S versions)
Features:
Designed for non-contact switching operations
Operates over a broad range of supply voltages
Excellent temperature stability operates in harsh environments
Suitable for military and space applications
Processing patterned after class B or S of MIL-STD-883
Through Hole 0.40” [10.16 mm] lead length minimum
Surface Mount 0.125” [3.18 mm] lead length
ESD Rating of Class 3B per MIL-STD-883G, M3015.7, HB model.
Description:
These Hall-effect devices contain a monolithic integrated circuit which incorporates a Hall element, a linear
amplifier, a threshold amplifier, and Schmitt trigger on a single Hallogic® silicon chip. Included on-chip is a band-
gap voltage regulator that allows operation with a wide range of supply voltages. These devices feature logic level
output and provide up to 21 mA of sink current. This allows direct driving of more than 7 TTL loads or any
standard logic family using power supplies ranging from 4.5 to 24 volts. Output amplitude is constant at switching
frequencies from DC to over 200 kHz.
The Uni-Polar turns on with a (logic level “0”) after a sufficient magnetic field from the south pole of a magnet
approaches the symbolized face of the device (operating point) and turns off (logic level “1”) after the magnetic
field reaches a minimum value. The Bi-Polar device turns on (logic level “0”) in the presence of a magnetic south
pole and turns off (logic level “1”) when subjected to a magnetic north pole. Both magnetic poles are necessary for
operation for Bi-Polar devices. This feature makes these sensors ideal for applications in non-contact switching
operations, brushless DC motors and for use with multiple pole magnets.
B and S devices are processed to OPTEK’s military screening program patterned after MIL-STD-883. This
product has passed Radiation Hardness testing up to 350 Krad (si) per MIL-STD-883 method 1019.6 and up to
150 Krad (si) for ELDRS.
Contact your local representative or OPTEK for more information.
Ceramic Package
Applications:
Non-contact switching operations
Brushless DC motors
Multiple pole magnets
Non-contact reflective object sensor
Assembly line automation
Machine automation
Machine safety
End of travel sensor
Door sensor
DIMENSIONS ARE IN:
INCHES
[MILLIMETERS]
Lead finish = Solder Dipped (Sn 63/37)
0.010±0.005
[0.25±0.12]
Pin #
Description
1
VCC
2
Ground
3
Output
* Add capacitor for stable operation


Similar Part No. - OMH3019S

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OMH3019S OPTEK-OMH3019S Datasheet
122Kb / 2P
   High Reliability Hallogic Hall Effect Sensor
logo
TT Electronics.
OMH3019S TTELEC-OMH3019S Datasheet
415Kb / 7P
   High Reliability Hallogic짰 Hall-Effect Sensors
More results

Similar Description - OMH3019S

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OMH3131 OPTEK-OMH3131 Datasheet
244Kb / 7P
   High Reliability Hallogic Hall-Effect Sensors
logo
List of Unclassifed Man...
OHN3140 ETC-OHN3140 Datasheet
350Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
logo
OPTEK Technologies
OH360U OPTEK-OH360U Datasheet
330Kb / 2P
   Hallogic hall Effect Sensors
May 1996
OMH360B OPTEK-OMH360B Datasheet
496Kb / 2P
   High Reliability Hallogic Hall Effect Sensor
OMH3019B OPTEK-OMH3019B Datasheet
122Kb / 2P
   High Reliability Hallogic Hall Effect Sensor
OMH3040B OPTEK-OMH3040B Datasheet
488Kb / 2P
   High Reliability Hallogic Hall Effect Sensor
OMH090B OPTEK-OMH090B Datasheet
101Kb / 2P
   high Reliability Hallogic Hall Effect Sensor
OMH3020B OPTEK-OMH3020B Datasheet
120Kb / 2P
   High Reliability Hallogic Hall Effect Sensor
logo
TT Electronics.
OH090U TTELEC-OH090U Datasheet
689Kb / 10P
   Hallogic Hall-Effect Sensors
logo
List of Unclassifed Man...
OH090U ETC-OH090U Datasheet
290Kb / 2P
   HALLOGIC HALL EFFECT SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com