Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMH3150B Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OMH3150B
Description  Ratiometric Linear Hall-effect Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OMH3150B Datasheet(HTML) 1 Page - OPTEK Technologies

  OMH3150B Datasheet HTML 1Page - OPTEK Technologies OMH3150B Datasheet HTML 2Page - OPTEK Technologies OMH3150B Datasheet HTML 3Page - OPTEK Technologies OMH3150B Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Ratiometric Linear Hall-effect Sensor
OMH3150, OMH3150B, OMH3150S
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.2
05/09
Page 1 of 4
Description:
Each ratiometric linear Hall-effect sensor contains a monolithic integrated circuit on a single chip. This circuit
incorporates a quadratic Hall sensing element, which minimizes the effects of mechanical and thermal stress on
the Hall element and temperature compensating circuitry to compensate for the inherent Hall element sensitivity
change over temperature current.
These ratiometric linear Hall-effect sensors provide an output voltage that varies in proportion to the applied
magnetic field. The voltage output will increase in response to a south pole (positive) magnetic field applied
perpendicular to the package symbolization face, and will decrease in response to a north pole (negative)
magnetic field.
These 3150 ratiometric linear Hall-effect sensors can be used as a non-contact sensor for rotary and linear
position sensing and for current sensing.
Product Photo Here
Applications:
Non-contact magnetic
sensing
Assembly lIne automation
Machine automation
Machine safety
Door sensor
Where sensing is required
in dirty environments
2
3
1Vcc
Output
Gnd
Vcc
Dual to
Single
Converter
Qual
Hall
Element
Voltage
Regulator
Ordering Information
OMH3150
-40°C to +125°C
VOQ Change over TA = ±50 Gauss
Sensitivity=3.50 mV/G & TA = 25ºC
OMH3150B
OMH3150S
Ceramic Package
Features:
Ratiometric linear output capable of sinking and sourcing current
Designed for non-contact switching operations
Operates over a broad range of supply voltages
Excellent temperature stability operates in harsh environments
Suitable for military and space applications
Processing patterned after class B or S of MIL-STD-883
Lead Information:
Base Material = Kovar
Plating = 80 µ inches Ag over 50-300 µ inches Ni
“S” version only = Solder dip 63 %(SN) - 37 %(pb)


Similar Part No. - OMH3150B

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OMH3150B TTELEC-OMH3150B Datasheet
530Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
More results

Similar Description - OMH3150B

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OHN3150U OPTEK-OHN3150U Datasheet
517Kb / 4P
   Ratiometric Linear Hall-effect Sensor
logo
TT Electronics.
OMH3150 TTELEC-OMH3150 Datasheet
530Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
OHS3150U TTELEC-OHS3150U Datasheet
195Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
logo
Texas Instruments
DRV5055 TI1-DRV5055 Datasheet
1Mb / 30P
[Old version datasheet]   Ratiometric Linear Hall Effect Sensor
logo
Honeywell Solid State E...
SS496B HONEYWELL-SS496B Datasheet
1Mb / 4P
   MNIATURE RATIOMETRIC LINEAR HALL EFFECT SENSOR
logo
Texas Instruments
DRV5056 TI1-DRV5056 Datasheet
1Mb / 32P
[Old version datasheet]   Unipolar Ratiometric Linear Hall Effect Sensor
DRV5055-Q1 TI1-DRV5055-Q1 Datasheet
362Kb / 20P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
DRV5056 TI1-DRV5056_19 Datasheet
1Mb / 33P
[Old version datasheet]   unipolar ratiometric linear hall effect sensor
logo
Honeywell Solid State E...
SS495A-SP HONEYWELL-SS495A-SP Datasheet
1Mb / 5P
   MINIATURE RATIOMETRIC LINEAR HALL EFFECT SENSOR
logo
Texas Instruments
DRV5055-Q1 TI1-DRV5055-Q1_18 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com