Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMH3150 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OMH3150
Description  Ratiometric Linear Hall-effect Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OMH3150 Datasheet(HTML) 2 Page - OPTEK Technologies

  OMH3150 Datasheet HTML 1Page - OPTEK Technologies OMH3150 Datasheet HTML 2Page - OPTEK Technologies OMH3150 Datasheet HTML 3Page - OPTEK Technologies OMH3150 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Ratiometric Linear Hall-effect Sensor
OMH3150, OMH3150B, OMH3150S
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.2
05/09
Page 2 of 4
Note:
(1) Negative current is defined a coming out of (sourcing) the output.
(2) See characteristics definitions for test conditions and calculation formulas.
Supply Voltage, VCC
6 V
Storage Temperature Range, TS
-65°C to +150° C
Operating Temperature Range, TA
-40°C to +125° C
Lead Soldering Temperature (1/8 inch [3.2 mm] from case for 5 seconds with soldering iron)
260° C(1)
Power Dissipation, PD
100 mW
Output Current, IO
5 mA
Magnetic Flux Density, B
Unlimited
Absolute Maximum Ratings
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
VCC
Supply Voltage
4.5
5.0
6.00
V
ICC
Supply Current
5.5
10.00
mA
Vcc = 6 V, IO = 0 mA, B = OG
VOQ
Quiescent Voltage Output
2.25
2.5
2.75
V
B = OG, TA = 25° C
2.10
2.5
2.90
V
B = OG, TA = -40°C to +125°C
IO
Sink Current
0.5
mA
IO
Source Current
-1.0
mA
Electrical Characteristics (Over Operating Temperature Range at VCC = 5 V, unless otherwise noted)
SYMBOL
PARAMETER
OMH3150
UNITS
MIN
TYP
MAX
TA
Operating
Temperature Range
-40
-
125
° C
Sens
Sensitivity
@ TA = 25° C
3.00
3.50
4.10
mV/G
∆Sens(∆T)
Sens Change
@ TA > 25° C
@ TA < 25° C
-5
-12
-
-
10
3.0
%
%
∆VOQ(∆T)
VOQ Change
over TA
-
-
±50
G
∆Sens(∆V)
Ratiometric Sense Change
-
100
-
%
∆VOQ(∆V)
Ratiometric VOQ Change
-
100
-
%
+Lin
Positive Lin ≥ 25
< 25
80
90
-
-
105
110
%
-Lin
Negative Lin ≥ 25
< 25
80
90
-
-
105
110
%
Sym
Output Symmetry
80
100
110
%


Similar Part No. - OMH3150

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OMH3150 TTELEC-OMH3150 Datasheet
530Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
OMH3150B TTELEC-OMH3150B Datasheet
530Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
OMH3150S TTELEC-OMH3150S Datasheet
530Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
More results

Similar Description - OMH3150

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OHN3150U OPTEK-OHN3150U Datasheet
517Kb / 4P
   Ratiometric Linear Hall-effect Sensor
logo
TT Electronics.
OMH3150 TTELEC-OMH3150 Datasheet
530Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
OHS3150U TTELEC-OHS3150U Datasheet
195Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
logo
Texas Instruments
DRV5055 TI1-DRV5055 Datasheet
1Mb / 30P
[Old version datasheet]   Ratiometric Linear Hall Effect Sensor
logo
Honeywell Solid State E...
SS496B HONEYWELL-SS496B Datasheet
1Mb / 4P
   MNIATURE RATIOMETRIC LINEAR HALL EFFECT SENSOR
logo
Texas Instruments
DRV5056 TI1-DRV5056 Datasheet
1Mb / 32P
[Old version datasheet]   Unipolar Ratiometric Linear Hall Effect Sensor
DRV5055-Q1 TI1-DRV5055-Q1 Datasheet
362Kb / 20P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
DRV5056 TI1-DRV5056_19 Datasheet
1Mb / 33P
[Old version datasheet]   unipolar ratiometric linear hall effect sensor
logo
Honeywell Solid State E...
SS495A-SP HONEYWELL-SS495A-SP Datasheet
1Mb / 5P
   MINIATURE RATIOMETRIC LINEAR HALL EFFECT SENSOR
logo
Texas Instruments
DRV5055-Q1 TI1-DRV5055-Q1_18 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Ratiometric Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com